Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1MC06-024-12-1 Datasheet(PDF) 4 Page - RMT Ltd.

Part # 1MC06-024-12-1
Description  Blank ceramics (not metallized) Metallized (Au plating) Blank, tinned Copper
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RMT [RMT Ltd.]
Direct Link  http://www.rmtltd.ru
Logo RMT - RMT Ltd.

1MC06-024-12-1 Datasheet(HTML) 4 Page - RMT Ltd.

  1MC06-024-12-1 Datasheet HTML 1Page - RMT Ltd. 1MC06-024-12-1 Datasheet HTML 2Page - RMT Ltd. 1MC06-024-12-1 Datasheet HTML 3Page - RMT Ltd. 1MC06-024-12-1 Datasheet HTML 4Page - RMT Ltd. 1MC06-024-12-1 Datasheet HTML 5Page - RMT Ltd. 1MC06-024-12-1 Datasheet HTML 6Page - RMT Ltd. 1MC06-024-12-1 Datasheet HTML 7Page - RMT Ltd. 1MC06-024-12-1 Datasheet HTML 8Page - RMT Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
46 Warshavskoe shosse. Moscow 115230  Russia, ph: +7-499-678-2082, fax: +7-499-678-2083, web: www.rmtltd.ru
Copyright 2012. RMT Ltd. The design and specifications of products can be changed by RMT Ltd without notice.
Page 4 of 8
Important notes
1. TEC Performance in this datasheet is specified in two standard ambient condition modes (vacuum, +27ºC and dry
nitrogen (N2), +50ºC). The performance may differ under other conditions. Please, use TECCad software from
RMT Ltd web site or contact RMT or its branch specialists directly for additional TEC performance info.
2. TEC ACR and Umax values are sensitive to ambient temperature. These values can be different from those
specified in the datasheet at other ambient conditions. ACR and Umax raise with ambient temperature increasing.
3. TEC cooling capacity (Qmax) raises with ambient temperature. Please, use TECCad software for additional info or
contact RMT specialists directly.
4. Thermoelectric coolers have the best performance in the temperature range from near room up to +80..90ºC. The
performance is lower at temperatures below 0ºC. TEC is not suitable to work at cryogenic temperatures.
5. Driving a TEC at Imax or Umax doesn’t mean max performance mode. The real optimal mode may depend on
operating conditions and heatload. In fact a better performance can be reached at operating current and voltage
lower than Imax and Umax values specified in the datasheet.
6. It is strongly recommended to avoid a direct mounting of thermoelectric cooler to pure Copper, Aluminum or Nickel
materials as well as a mounting of objects from these materials on TEC cold side. Any material with high CTE may
affect TEC lifetime and/or damage it in case of improper mounting, thermal shock or temperature cycling. In case
of above mentioned materials necessity, it is recommended to use soft solders or glues with large modulus of
elasticity (Indium-based solders or silicon-based thermoconductive glues).
7. RMT Ltd confirms that all thermoelectric coolers meet the requirements of Telcordia GR-468 standard. The up-to-
date Reliability Report is available by request. RMT Ltd warranties thermoelectric coolers lifetime no less than
250K-300K operating hours under normal application conditions.
Thermoelectric Cooling Solutions
Performance
Data
1MC06-024-15/1
Note: Performance data is specified for optimal optimal conditions (TEC hot side is stabilized at ambient temperature).
Heatsink thermal resistance is not included into estimations. Use TECCad Software for estimations under different conditions.
@ 27ºC, Vacuum
ΔTmax
K
Qmax
W
Imax
A
Umax
V
1MC06-024-15/1
73
2.10
1.1
3.0
@50ºC, N2
ΔTmax
K
Qmax
W
Imax
A
Umax
V
1MC06-024-15/1
74
2.30
1.1
3.3


Similar Part No. - 1MC06-024-12-1

ManufacturerPart #DatasheetDescription
logo
RMT Ltd.
1MC06-024-12-2 RMT-1MC06-024-12-2 Datasheet
2Mb / 8P
   Blank ceramics (not metallized) Metallized (Au plating) Blank, tinned Copper
More results

Similar Description - 1MC06-024-12-1

ManufacturerPart #DatasheetDescription
logo
RMT Ltd.
3MC06-024-05 RMT-3MC06-024-05_12 Datasheet
2Mb / 8P
   Blank ceramics (not metallized) Metallized (Au plating) Blank, tinned Copper
3MC06-050-05 RMT-3MC06-050-05_12 Datasheet
2Mb / 8P
   Blank ceramics (not metallized) Metallized (Au plating) Blank, tinned Copper
3MC10-038-08 RMT-3MC10-038-08 Datasheet
2Mb / 8P
   Blank ceramics (not metallized) Metallized (Au plating) Blank, tinned Copper
3MD04-071-05 RMT-3MD04-071-05_12 Datasheet
2Mb / 8P
   Blank ceramics (not metallized) Metallized (Au plating) Blank, tinned Copper
4MC06-105-03 RMT-4MC06-105-03 Datasheet
2Mb / 8P
   Blank ceramics (not metallized) Metallized (Au plating) Blank, tinned Copper
4MC10-095-08-1 RMT-4MC10-095-08-1 Datasheet
2Mb / 8P
   Blank ceramics (not metallized) Metallized (Au plating) Blank, tinned Copper
4MD04-116-05 RMT-4MD04-116-05_12 Datasheet
2Mb / 8P
   Blank ceramics (not metallized) Metallized (Au plating) Blank, tinned Copper
1MD04-011-05 RMT-1MD04-011-05_12 Datasheet
2Mb / 8P
   Blank ceramics (not metallized) Metallized (Au plating) Blank, tinned Copper
1MD04-012-03 RMT-1MD04-012-03_12 Datasheet
2Mb / 8P
   Blank ceramics (not metallized) Metallized (Au plating) Blank, tinned Copper
1MD06-007-05 RMT-1MD06-007-05_12 Datasheet
2Mb / 8P
   Blank ceramics (not metallized) Metallized (Au plating) Blank, tinned Copper
1MD06-017-05 RMT-1MD06-017-05_12 Datasheet
2Mb / 8P
   Blank ceramics (not metallized) Metallized (Au plating) Blank, tinned Copper
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com