Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-244 Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-244
Description  AC Input Multi-Channel Half-Pitch Phototransistor Optocoupler
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-244 Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-244 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-244 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-244 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-244 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-244 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-244 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-244 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-244 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image

Solder Reflow Temperature Profile
Recommended reflow condition as per JEDEC Standard, J-STD-020 (latest revision). Non-Halide Flux should be used.
Absolute Maximum Ratings
Parameter
Symbol
ACPL-224
ACPL-244
Units
Note
Storage Temperature
TS
-55~125
°C
Operating Temperature
TA
-55~110
°C
Average Forward Current
IF(AVG)
±50
mA
Pulse Forward Current
IFSM
±1
A
Reverse Voltage
VR
6
V
LED Power Dissipation (1 channel)
PI
65
mW
Collector Current
IC
50
mA
Collector-Emitter Voltage
VCEO
80
V
Emitter-Collector Voltage
VECO
7
V
Isolation Voltage (AC for 1min, R.H. 40~60%)
VISO
3,000
VRMS
1min
Collector Power Dissipation (1 channel)
PC
150
100
mW
Total Power Dissipation
PTOT
200
170
mW
Lead Solder Temperature
260+0/-5°C for 30 sec., 1.6 mm below seating plane


Similar Part No. - ACPL-244

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-244 AVAGO-ACPL-244 Datasheet
179Kb / 8P
   AC Input Multi-Channel Half-Pitch Phototransistor Optocoupler
logo
Broadcom Corporation.
ACPL-244 BOARDCOM-ACPL-244 Datasheet
820Kb / 10P
   AC Input, Multi-Channel Half-Pitch Phototransistor Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-244-500E AVAGO-ACPL-244-500E Datasheet
179Kb / 8P
   AC Input Multi-Channel Half-Pitch Phototransistor Optocoupler
ACPL-244-560E AVAGO-ACPL-244-560E Datasheet
179Kb / 8P
   AC Input Multi-Channel Half-Pitch Phototransistor Optocoupler
More results

Similar Description - ACPL-244

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPL-224 BOARDCOM-ACPL-224 Datasheet
820Kb / 10P
   AC Input, Multi-Channel Half-Pitch Phototransistor Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-244-560E AVAGO-ACPL-244-560E Datasheet
179Kb / 8P
   AC Input Multi-Channel Half-Pitch Phototransistor Optocoupler
ACPL-244-500E AVAGO-ACPL-244-500E Datasheet
179Kb / 8P
   AC Input Multi-Channel Half-Pitch Phototransistor Optocoupler
ACPL-214-50AE AVAGO-ACPL-214-50AE Datasheet
327Kb / 7P
   AC Input, Half-Pitch Phototransistor Optocoupler
logo
Broadcom Corporation.
ACPL-214 BOARDCOM-ACPL-214 Datasheet
914Kb / 10P
   AC Input, Half-Pitch Phototransistor Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-227-50BE AVAGO-ACPL-227-50BE Datasheet
181Kb / 8P
   DC Input Multi-Channel Half-Pitch Phototransistor Optocoupler
ACPL-247-560E AVAGO-ACPL-247-560E Datasheet
181Kb / 8P
   DC Input Multi-Channel Half-Pitch Phototransistor Optocoupler
ACPL-227-500E AVAGO-ACPL-227-500E Datasheet
181Kb / 8P
   DC Input Multi-Channel Half-Pitch Phototransistor Optocoupler
ACPL-227-560E AVAGO-ACPL-227-560E Datasheet
181Kb / 8P
   DC Input Multi-Channel Half-Pitch Phototransistor Optocoupler
ACPL-227-50CE AVAGO-ACPL-227-50CE Datasheet
181Kb / 8P
   DC Input Multi-Channel Half-Pitch Phototransistor Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com