Electronic Components Datasheet Search |
|
A6275ELWTR-T Datasheet(PDF) 3 Page - Allegro MicroSystems |
|
A6275ELWTR-T Datasheet(HTML) 3 Page - Allegro MicroSystems |
3 / 12 page Serial-Input Constant-Current Latched LED Driver with Open LED Detection and Dot Correction A6275 2 Allegro MicroSystems, Inc. 115 Northeast Cutoff Worcester, Massachusetts 01615-0036 U.S.A. 1.508.853.5000; www.allegromicro.com Selection Guide Part Number Package Packing Ambient Temperature (°C) A6275EA-T 16-pin DIP 25 per tube –40 to 85 A6275ELWTR-T 16-pin SOICW 1000 per reel A6275SLWTR-T 16-pin SOICW 1000 per reel –20 to 85 Absolute Maximum Ratings* Characteristic Symbol Notes Rating Units Supply Voltage VDD 7.0 V Input Voltage Range VI –0.4 to VDD + 0.4 V Output Voltage Range VO –0.5 to VDD + 17 V Output Current IO 90 mA Ground Current IGND 750 mA Operating Ambient Temperature TA Range E –40 to 85 ºC Range S –20 to 85 ºC Maximum Junction Temperature TJ(max) 150 ºC Storage Temperature Tstg –55 to 150 ºC *These CMOS devices have input static protection (Class 2) but are still susceptible to damage if exposed to extremely high static electrical charges. Thermal Characteristics may require derating at maximum conditions, see application information Characteristic Symbol Test Conditions* Value Units Package Thermal Resistance RθJA Package A, 4-layer PCB based on JEDEC standard 38 ºC/W Package LW, 4-layer PCB based on JEDEC standard 48 ºC/W *Additional thermal information available on the Allegro website. 25 50 75 100 125 150 Temperature (°C) 3500 3250 3000 2750 2500 2250 2000 1750 1500 1250 1000 750 500 250 0 Power Dissipation versus Ambient Temperature (R JA = 38 ºC/W) Package A (R JA = 48 ºC/W) Package LW |
Similar Part No. - A6275ELWTR-T |
|
Similar Description - A6275ELWTR-T |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |