Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPS2907 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MPS2907
Description  General Purpose Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPS2907 Datasheet(HTML) 2 Page - Motorola, Inc

  MPS2907 Datasheet HTML 1Page - Motorola, Inc MPS2907 Datasheet HTML 2Page - Motorola, Inc MPS2907 Datasheet HTML 3Page - Motorola, Inc MPS2907 Datasheet HTML 4Page - Motorola, Inc MPS2907 Datasheet HTML 5Page - Motorola, Inc MPS2907 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MPS2907 MPS2907A
2
Motorola Small–Signal Transistors, FETs and Diodes Device Data
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Max
Unit
ON CHARACTERISTICS
DC Current Gain
(IC = –0.1 mAdc, VCE = –10 Vdc)
MPS2907
MPS2907A
(IC = –1.0 mAdc, VCE = –10 Vdc)
MPS2907
MPS2907A
(IC = –10 mAdc, VCE = –10 Vdc)
MPS2907
MPS2907A
(IC = –150 mAdc, VCE = –10 Vdc)(1)
MPS2907, MPS2907A
(IC = –500 mAdc, VCE = –10 Vdc)(1)
MPS2907
MPS2907A
hFE
35
75
50
100
75
100
100
30
50
300
Collector – Emitter Saturation Voltage(1)
(IC = –150 mAdc, IB = –15 mAdc)
(IC = –500 mAdc, IB = –50 mAdc)
VCE(sat)
–0.4
–1.6
Vdc
Base – Emitter Saturation Voltage(1)
(IC = –150 mAdc, IB = –15 mAdc)
(IC = –500 mAdc, IB = –50 mAdc)
VBE(sat)
–1.3
–2.6
Vdc
SMALL– SIGNAL CHARACTERISTICS
Current – Gain — Bandwidth Product(1), (2)
(IC = –50 mAdc, VCE = –20 Vdc, f = 100 MHz)
fT
200
MHz
Output Capacitance
(VCB = –10 Vdc, IE = 0, f = 1.0 MHz)
Cobo
8.0
pF
Input Capacitance
(VEB = –2.0 Vdc, IC = 0, f = 1.0 MHz)
Cibo
30
pF
SWITCHING CHARACTERISTICS
Turn–On Time
(VCC = –30 Vdc, IC = –150 mAdc,
IB1 = –15 mAdc) (Figures 1 and 5)
ton
45
ns
Delay Time
IB1 = –15 mAdc) (Figures 1 and 5)
td
10
ns
Rise Time
tr
40
ns
Turn–Off Time
(VCC = –6.0 Vdc, IC = –150 mAdc,
IB1 = IB2 = 15 mAdc) (Figure 2)
toff
100
ns
Storage Time
IB1 = IB2 = 15 mAdc) (Figure 2)
ts
80
ns
Fall Time
tf
30
ns
1. Pulse Test: Pulse Width
v 300 ms, Duty Cycle v 2.0%.
2. fT is defined as the frequency at which |hfe| extrapolates to unity.
0
0
–16 V
200 ns
50
1.0 k
200
–30 V
TO OSCILLOSCOPE
RISE TIME
≤ 5.0 ns
+15 V
–6.0 V
1.0 k
37
50
1N916
1.0 k
200 ns
–30 V
TO OSCILLOSCOPE
RISE TIME
≤ 5.0 ns
INPUT
Zo = 50 Ω
PRF = 150 PPS
RISE TIME
≤ 2.0 ns
P.W. < 200 ns
INPUT
Zo = 50 Ω
PRF = 150 PPS
RISE TIME
≤ 2.0 ns
P.W. < 200 ns
Figure 1. Delay and Rise Time Test Circuit
Figure 2. Storage and Fall Time Test Circuit


Similar Part No. - MPS2907

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MPS2907 ONSEMI-MPS2907 Datasheet
115Kb / 8P
   General Purpose Transistors(PNP Silicon)
October, 2001 ??Rev. 0
logo
Samsung semiconductor
MPS2907 SAMSUNG-MPS2907 Datasheet
74Kb / 2P
   PNP (GENERAL PURPOSE TRANSISTOR)
MPS2907 SAMSUNG-MPS2907 Datasheet
36Kb / 1P
   PNP (GENERAL PURPOSE TRANSISTOR)
logo
Weitron Technology
MPS2907 WEITRON-MPS2907 Datasheet
229Kb / 4P
   PNP General Purpose Transistors
logo
TRANSYS Electronics Lim...
MPS2907 TEL-MPS2907 Datasheet
97Kb / 4P
   PNP SILICON PLANAR EPITAXIAL TRANSISTORS
More results

Similar Description - MPS2907

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
   General Purpose Transistors
March, 2007 ??Rev. 3
logo
E-Tech Electronics LTD
BC846ALT1 ETL-BC846ALT1 Datasheet
194Kb / 4P
   General Purpose Transistors
logo
List of Unclassifed Man...
SC2412KLT1 ETC1-SC2412KLT1 Datasheet
151Kb / 3P
   General Purpose Transistors
logo
Motorola, Inc
BCW61BLT1 MOTOROLA-BCW61BLT1 Datasheet
394Kb / 8P
   General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
   General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
   General Purpose Transistors
October, 2009 ??Rev. 9
SBC847CWT1G ONSEMI-SBC847CWT1G Datasheet
107Kb / 13P
   General Purpose Transistors
August, 2014 ??Rev. 10
logo
WILLAS ELECTRONIC CORP
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
   General Purpose Transistors
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
   General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
   General Purpose Transistors
logo
ON Semiconductor
BC846ALT1G ONSEMI-BC846ALT1G_15 Datasheet
116Kb / 13P
   General Purpose Transistors
March, 2015 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com