Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LS47 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # 74LS47
Description  BCD to 7-Segment Decoder/Driver with Open-Collector Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LS47 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74LS47 Datasheet HTML 1Page - Fairchild Semiconductor 74LS47 Datasheet HTML 2Page - Fairchild Semiconductor 74LS47 Datasheet HTML 3Page - Fairchild Semiconductor 74LS47 Datasheet HTML 4Page - Fairchild Semiconductor 74LS47 Datasheet HTML 5Page - Fairchild Semiconductor 74LS47 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.fairchildsemi.com
4
Absolute Maximum Ratings(Note 6)
Note 6: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Recommended Operating Conditions
Note 7: OFF-State at a–g.
Electrical Characteristics
Over recommended operating free air temperature range (unless otherwise noted)
Note 8: All typicals are at VCC = 5V, TA = 25°C.
Note 9: Not more than one output should be shorted at a time, and the duration should not exceed one second.
Switching Characteristics
at VCC = +5.0V, TA = +25°C
Note 10: LT
= HIGH, A0–A3 = LOW
Supply Voltage
7V
Input Voltage
7V
Operating Free Air Temperature Range
0
°C to +70°C
Storage Temperature Range
−65°C to +150°C
Symbol
Parameter
Min
Nom
Max
Units
VCC
Supply Voltage
4.75
5
5.25
V
VIH
HIGH Level Input Voltage
2
V
VIL
LOW Level Input Voltage
0.8
V
IOH
HIGH Level Output Current
−250
µA
a
− g @ 15V = V
OH (Note 7)
IOH
HIGH Level Output Current BI /RBO
−50
µA
IOL
LOW Level Output Current
24
mA
TA
Free Air Operating Temperature
0
70
°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 8)
VI
Input Clamp Voltage
VCC = Min, II = −18 mA
−1.5
V
VOH
HIGH Level
VCC = Min, IOH = Max,
2.7
3.4
V
Output Voltage
VIL = Max, BI /RBO
IOFF
Output HIGH Current Segment Outputs
VCC = 5.5V, VO = 15V a − g
250
µA
VOL
LOW Level
VCC = Min, IOL = Max,
0.35
0.5
Output Voltage
VIH = Min, a − g
IOL = 3.2 mA, BI /RBO
0.5
V
IOL = 12 mA, a –g
0.25
0.4
IOL = 1.6 mA, BI /RBO
0.4
II
Input Current @ Max
VCC = Max, VI = 7V
100
µA
Input Voltage
VCC = Max, VI = 10V
IIH
HIGH Level Input Current
VCC = Max, VI = 2.7V
20
µA
IIL
LOW Level Input Current
VCC = Max, VI = 0.4V
−0.4
mA
IOS
Short Circuit
VCC = Max (Note 9),
mA
Output Current
IOS at BI/RBO
−0.3
−2.0
ICC
Supply Current
VCC = Max
13
mA
RL = 665Ω
Symbol
Parameter
Conditions
CL = 15 pF
Units
Min
Max
tPLH
Propagation Delay
100
ns
tPHL
An to a –g
100
tPLH
Propagation Delay
100
ns
tPHL
RBI to a –g (Note 10)
100


Similar Part No. - 74LS47

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74LS47D ONSEMI-74LS47D Datasheet
132Kb / 8P
   BCD to 7-Segment Decoder/Driver
December, 1999 ??Rev. 6
logo
Texas Instruments
74LS47DE4 TI1-74LS47DE4 Datasheet
583Kb / 14P
[Old version datasheet]   BCD-TO-SEVEN-SEGMENT DECODERS/DRIVERS
logo
ON Semiconductor
74LS47N ONSEMI-74LS47N Datasheet
132Kb / 8P
   BCD to 7-Segment Decoder/Driver
December, 1999 ??Rev. 6
More results

Similar Description - 74LS47

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54LS247 NSC-54LS247 Datasheet
66Kb / 3P
   BCD TO 7-SEGMENT DECODER/DRIVER WITH OPEN-COLLECTOR OUTPUTS
logo
Fairchild Semiconductor
DM74LS247 FAIRCHILD-DM74LS247 Datasheet
81Kb / 4P
   BCD to 7-Segment Decoder/Driver with Open-Collector Outputs
logo
National Semiconductor ...
DM54LS447 NSC-DM54LS447 Datasheet
126Kb / 6P
   BCD to 7-Segment Decoder/Driver with Open-Collector Outputs
logo
Fairchild Semiconductor
DM74LS47 FAIRCHILD-DM74LS47_07 Datasheet
203Kb / 8P
   BCD to 7-Segment Decoder/Driver with Open-Collector Outputs
logo
National Semiconductor ...
DM74LS249 NSC-DM74LS249 Datasheet
103Kb / 6P
   BCD to 7-Segment Decoder with Open-Collector Outputs
logo
Hitachi Semiconductor
HD74LS49 HITACHI-HD74LS49 Datasheet
66Kb / 5P
   BCD-to-Seven Segment Decoder Driver(with Open collector outputs)
logo
Fairchild Semiconductor
DM9370 FAIRCHILD-DM9370 Datasheet
58Kb / 5P
   7-Segment Decoder/Driver/Latch with Open-Collector Outputs
54LS347 FAIRCHILD-54LS347 Datasheet
51Kb / 1P
   BCD TO 7-SEGMENT DECODER/DRIVER
logo
ON Semiconductor
SN74LS47 ONSEMI-SN74LS47 Datasheet
132Kb / 8P
   BCD to 7-Segment Decoder/Driver
December, 1999 ??Rev. 6
logo
National Semiconductor ...
54LS447 NSC-54LS447 Datasheet
67Kb / 3P
   BCD to 7-Segment Decoder/Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com