Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25020B-MAHL-T Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT25020B-MAHL-T
Description  SPI Serial EEPROM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25020B-MAHL-T Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT25020B-MAHL-T Datasheet HTML 3Page - ATMEL Corporation AT25020B-MAHL-T Datasheet HTML 4Page - ATMEL Corporation AT25020B-MAHL-T Datasheet HTML 5Page - ATMEL Corporation AT25020B-MAHL-T Datasheet HTML 6Page - ATMEL Corporation AT25020B-MAHL-T Datasheet HTML 7Page - ATMEL Corporation AT25020B-MAHL-T Datasheet HTML 8Page - ATMEL Corporation AT25020B-MAHL-T Datasheet HTML 9Page - ATMEL Corporation AT25020B-MAHL-T Datasheet HTML 10Page - ATMEL Corporation AT25020B-MAHL-T Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
7
8707B–SEEPR–3/10
AT25010B/020B/040B
3.
Functional Description
The AT25010B/020B/040B is designed to interface directly with the synchronous serial peripheral interface (SPI) of
the 6805 and 68HC11 series of microcontrollers.
The AT25010B/020B/040B utilizes an 8-bit instruction register. The list of instructions and their operation codes
are contained in Figure 3-1. All instructions, addresses, and data are transferred with the MSB first and start with a
high-to-low CS transition.
Note:
“A” represents MSB address bit A8.
WRITE ENABLE (WREN): The device will power up in the write disable state when V
CC is applied. All program-
ming instructions must therefore be preceded by a Write Enable instruction. The WP pin must be held high during
a WREN instruction.
WRITE DISABLE (WRDI): To protect the device against inadvertent writes, the Write Disable instruction disables
all programming modes. The WRDI instruction is independent of the status of the WP pin.
READ STATUS REGISTER (RDSR): The Read Status Register instruction provides access to the status register.
The read/busy and write enable status of the device can be determined by the RDSR instruction. Similarly, the
block write protection bits indicate the extent of protection employed. These bits are set by using the WRSR
instruction.
Table 3-1.
Instruction Set for the AT25010B/020B/040B
Instruction Name
Instruction Format
Operation
WREN
0000 X110
Set Write Enable Latch
WRDI
0000 X100
Reset Write Enable Latch
RDSR
0000 X101
Read Status Register
WRSR
0000 X001
Write Status Register
READ
0000 A011
Read Data from Memory Array
WRITE
0000 A010
Write Data to Memory Array
Table 3-2.
Status Register Format
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
XXXX
BP1
BP0
WEN
RDY
Table 3-3.
Read Status Register Bit Definition
Bit
Definition
Bit0(RDY)
Bit 0 = “0” (RDY) indicates the device is ready.
Bit 0 = “1” indicates the write cycle is in progress.
Bit 1 (WEN)
Bit 1 = “0” indicates the device is not write enabled.
Bit 1 = “1” indicates the device is write enabled.
Bit 2 (BP0)
See Table 3-4.
Bit 3 (BP1)
See Table 3-4.
Bits 4–7 are “0”s when device is not in an internal write cycle.
Bits 0–7 are “1”s during an internal write cycle.


Similar Part No. - AT25020B-MAHL-T

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25020B-SSHL-B ATMEL-AT25020B-SSHL-B Datasheet
1Mb / 27P
   SPI Serial EEPROM
AT25020B-SSHL-T ATMEL-AT25020B-SSHL-T Datasheet
1Mb / 27P
   Serial Peripheral Interface (SPI) Compatible
More results

Similar Description - AT25020B-MAHL-T

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25040B-SSHL-B ATMEL-AT25040B-SSHL-B Datasheet
1Mb / 27P
   SPI Serial EEPROM
logo
List of Unclassifed Man...
FT25C32A ETC2-FT25C32A Datasheet
195Kb / 16P
   SPI Serial EEPROM
logo
ATMEL Corporation
AT25M01 ATMEL-AT25M01_14 Datasheet
763Kb / 21P
   SPI Serial EEPROM
AT25640B ATMEL-AT25640B_14 Datasheet
872Kb / 24P
   SPI Serial EEPROM
AT25020B ATMEL-AT25020B_14 Datasheet
791Kb / 22P
   SPI Serial EEPROM
logo
List of Unclassifed Man...
FT25C64A ETC2-FT25C64A Datasheet
239Kb / 16P
   SPI Serial EEPROM
logo
ATMEL Corporation
AT25040B-SSHL-T ATMEL-AT25040B-SSHL-T Datasheet
1Mb / 27P
   SPI Serial EEPROM
AT25512 ATMEL-AT25512_14 Datasheet
726Kb / 21P
   SPI Serial EEPROM
AT25256B ATMEL-AT25256B_14 Datasheet
770Kb / 22P
   SPI Serial EEPROM
AT25320B ATMEL-AT25320B_14 Datasheet
872Kb / 24P
   SPI Serial EEPROM
AT25010A ATMEL-AT25010A_06 Datasheet
559Kb / 22P
   SPI Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com