Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1MD03-006-08-1 Datasheet(PDF) 5 Page - RMT Ltd.

Part # 1MD03-006-08-1
Description  Blank ceramics (not metallized) Metallized (Au plating) Blank, tinned Copper
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RMT [RMT Ltd.]
Direct Link  http://www.rmtltd.ru
Logo RMT - RMT Ltd.

1MD03-006-08-1 Datasheet(HTML) 5 Page - RMT Ltd.

  1MD03-006-08-1 Datasheet HTML 1Page - RMT Ltd. 1MD03-006-08-1 Datasheet HTML 2Page - RMT Ltd. 1MD03-006-08-1 Datasheet HTML 3Page - RMT Ltd. 1MD03-006-08-1 Datasheet HTML 4Page - RMT Ltd. 1MD03-006-08-1 Datasheet HTML 5Page - RMT Ltd. 1MD03-006-08-1 Datasheet HTML 6Page - RMT Ltd. 1MD03-006-08-1 Datasheet HTML 7Page - RMT Ltd. 1MD03-006-08-1 Datasheet HTML 8Page - RMT Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
46 Warshavskoe shosse. Moscow 115230  Russia, ph: +7-499-678-2082, fax: +7-499-678-2083, web: www.rmtltd.ru
Copyright 2012. RMT Ltd. The design and specifications of products can be changed by RMT Ltd without notice.
Page 5 of 8
TEC Polarity
Terminal Wires Options
TEC Polarity can be modified by request. The
specified polarity in this datasheet is typical.
It can be reversed in accordance to Customer
application requirements.
The standard solution is based on WB pads.
Terminal Wires can be attached by request.
Various options for terminal wires are available.
(blank, isolated wires, isolated color-coded wires,
flexible multicore wires and etc).
Customized Au patterns on thermoelectric cooler
cold side are available by request. Selective Pre-
tinning over pattern is also available. Please,
contact RMT Ltd for additional information about
customized Au patterns requirements.
+
-
+
-
Additional Options
Thermoelectric Cooling Solutions
Standard TEC height can be modified without
performance changes by using ceramics of
different thickness. Standard thermoelectric cooler
height (specified in this datasheet) can be
increased in a range +0.25..+1.5 mm by request.
The solution with WB pads (no posts) is provided
by default. WB posts are available by request. The
dimensions of WB posts can be modified and
optimized for Customers application. WB posts
are made of Copper, Au plated.
Customized Au Patterns
Optimization for WB process
TEC Height modification
Standard polarity
Reversed polarity
Standard solution,
WB pads
Wired solution,
available by request
Customized Au pattern
on cold side
Selective pre-tinning
over pattern
Standard height
Modified height,
another ceramics
thickness
WB pads
WB posts


Similar Part No. - 1MD03-006-08-1

ManufacturerPart #DatasheetDescription
logo
RMT Ltd.
1MD03-006-08 RMT-1MD03-006-08 Datasheet
1Mb / 8P
   Blank ceramics (not metallized) Metallized (Au plating) Blank, tinned Copper
1MD03-006-08/1 RMT-1MD03-006-08/1 Datasheet
1Mb / 8P
   Blank ceramics (not metallized)
More results

Similar Description - 1MD03-006-08-1

ManufacturerPart #DatasheetDescription
logo
RMT Ltd.
3MC06-024-05 RMT-3MC06-024-05_12 Datasheet
2Mb / 8P
   Blank ceramics (not metallized) Metallized (Au plating) Blank, tinned Copper
3MC06-050-05 RMT-3MC06-050-05_12 Datasheet
2Mb / 8P
   Blank ceramics (not metallized) Metallized (Au plating) Blank, tinned Copper
3MC10-038-08 RMT-3MC10-038-08 Datasheet
2Mb / 8P
   Blank ceramics (not metallized) Metallized (Au plating) Blank, tinned Copper
3MD04-071-05 RMT-3MD04-071-05_12 Datasheet
2Mb / 8P
   Blank ceramics (not metallized) Metallized (Au plating) Blank, tinned Copper
4MC06-105-03 RMT-4MC06-105-03 Datasheet
2Mb / 8P
   Blank ceramics (not metallized) Metallized (Au plating) Blank, tinned Copper
4MC10-095-08-1 RMT-4MC10-095-08-1 Datasheet
2Mb / 8P
   Blank ceramics (not metallized) Metallized (Au plating) Blank, tinned Copper
4MD04-116-05 RMT-4MD04-116-05_12 Datasheet
2Mb / 8P
   Blank ceramics (not metallized) Metallized (Au plating) Blank, tinned Copper
1MD04-011-05 RMT-1MD04-011-05_12 Datasheet
2Mb / 8P
   Blank ceramics (not metallized) Metallized (Au plating) Blank, tinned Copper
1MD04-012-03 RMT-1MD04-012-03_12 Datasheet
2Mb / 8P
   Blank ceramics (not metallized) Metallized (Au plating) Blank, tinned Copper
1MD06-007-05 RMT-1MD06-007-05_12 Datasheet
2Mb / 8P
   Blank ceramics (not metallized) Metallized (Au plating) Blank, tinned Copper
1MD06-017-05 RMT-1MD06-017-05_12 Datasheet
2Mb / 8P
   Blank ceramics (not metallized) Metallized (Au plating) Blank, tinned Copper
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com