Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LS645 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # 74LS645
Description  Octal Bus Transceiver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LS645 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  74LS645 Datasheet HTML 1Page - Fairchild Semiconductor 74LS645 Datasheet HTML 2Page - Fairchild Semiconductor 74LS645 Datasheet HTML 3Page - Fairchild Semiconductor 74LS645 Datasheet HTML 4Page - Fairchild Semiconductor 74LS645 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
www.fairchildsemi.com
Switching Characteristics
at VCC = 5V and TA = 25°C
From (Input)
RL = 667Ω
Symbol
Parameter
To (Output)
CL = 45 pF
CL = 5 pF
Units
MinMax
MinMax
tPLH
Propagation Delay Time
A to B
15
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
A to B
15
ns
HIGH-to-LOW Level Output
tPLH
Propagation Delay Time
B to A
15
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
B to A
15
ns
HIGH-to-LOW Level Output
tPZL
Output Enable Time
G to A
40
ns
to LOW Level
tPZH
Output Enable Time
G to A
40
ns
to HIGH Level
tPZL
Output Enable Time
G to B
40
ns
to LOW Level
tPZH
Output Enable Time
G to B
40
ns
to HIGH Level
tPLZ
Output Disable Time
G to A
25
ns
to LOW Level
tPHZ
Output Disable Time
G to A
25
ns
to HIGH Level
tPLZ
Output Disable Time
G to B
25
ns
to LOW Level
tPHZ
Output Disable Time
G to B
25
ns
to HIGH Level


Similar Part No. - 74LS645

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
74LS645 MOTOROLA-74LS645 Datasheet
118Kb / 3P
   OCTAL BUS TRANSCEIVERS
logo
ON Semiconductor
74LS645 ONSEMI-74LS645 Datasheet
141Kb / 8P
   LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
logo
Texas Instruments
74LS645 TI-74LS645 Datasheet
336Kb / 9P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
logo
Hitachi Semiconductor
74LS645 HITACHI-74LS645 Datasheet
59Kb / 5P
   Octal Bus Transceivers(non-inverted-3state outputs)
More results

Similar Description - 74LS645

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC245AP TOSHIBA-TC74HC245AP_07 Datasheet
273Kb / 8P
   Octal Bus Transceiver
TC74VHC245F TOSHIBA-TC74VHC245F_12 Datasheet
211Kb / 9P
   Octal Bus Transceiver
logo
ON Semiconductor
MC74VHCT245A ONSEMI-MC74VHCT245A Datasheet
163Kb / 6P
   Octal Bus Transceiver
1997 REV 0
logo
Siemens Semiconductor G...
SAB8286A SIEMENS-SAB8286A Datasheet
110Kb / 6P
   OCTAL BUS TRANSCEIVER
logo
ON Semiconductor
MC74VHCT245A ONSEMI-MC74VHCT245A_14 Datasheet
100Kb / 7P
   Octal Bus Transceiver
October, 2014 ??Rev. 7
logo
Toshiba Semiconductor
TC74VHC245F TOSHIBA-TC74VHC245F_V01 Datasheet
316Kb / 6P
   OCTAL BUS TRANSCEIVER
1997-01-30
TC74LVX245F TOSHIBA-TC74LVX245F Datasheet
270Kb / 8P
   OCTAL BUS TRANSCEIVER
logo
Motorola, Inc
SN54LS245 MOTOROLA-SN54LS245 Datasheet
155Kb / 4P
   OCTAL BUS TRANSCEIVER
logo
ON Semiconductor
MC74LVX245 ONSEMI-MC74LVX245_14 Datasheet
116Kb / 7P
   Octal Bus Transceiver
August, 2014 ??Rev. 5
MC74VHC245 ONSEMI-MC74VHC245 Datasheet
178Kb / 8P
   Octal Bus Transceiver
March, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com