Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VLPC0303A2 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VLPC0303A2
Description  High Brightness LED Power Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLPC0303A2 Datasheet(HTML) 3 Page - Vishay Siliconix

  VLPC0303A2 Datasheet HTML 1Page - Vishay Siliconix VLPC0303A2 Datasheet HTML 2Page - Vishay Siliconix VLPC0303A2 Datasheet HTML 3Page - Vishay Siliconix VLPC0303A2 Datasheet HTML 4Page - Vishay Siliconix VLPC0303A2 Datasheet HTML 5Page - Vishay Siliconix VLPC0303A2 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
VLPC0303A2, VLPW0303A2
www.vishay.com
Vishay Semiconductors
Rev. 1.3, 05-Dec-11
3
Document Number: 83385
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
COLOR RANGE AND COLOR BINNING
VLPW3030A2: typ. 3500 K group 4O to 9Q
Fig. 2 - Chromaticity Coordinates of Colorgroups for Warm White
CHROMATICITY COORDINATED GROUPS FOR COOL WHITE SMD LED
GROUP
X
Y
GROUP
X
Y
GROUP
X
Y
6P
0.309
0.302
6Q
0.307
0.311
6R
0.305
0.322
0.307
0.311
0.305
0.322
0.304
0.329
0.317
0.331
0.317
0.346
0.317
0.356
0.317
0.318
0.317
0.331
0.317
0.346
7P
0.317
0.318
7Q
0.317
0.331
7R
0.317
0.356
0.317
0.331
0.317
0.356
0.322
0.365
0.334
0.365
0.334
0.365
0.330
0.373
0.338
0.360
0.317
0.331
0.334
0.365
CHROMATICITY COORDINATED GROUPS FOR WARM WHITE SMD LED
GROUP
X
Y
GROUP
X
Y
GROUP
X
Y
4O
0.386
0.361
4P
0.394
0.365
4Q
0.403
0.369
0.389
0.369
0.398
0.373
0.406
0.377
0.398
0.373
0.406
0.377
0.415
0.381
0.394
0.365
0.403
0.369
0.411
0.373
5O
0.389
0.369
5P
0.398
0.373
5Q
0.406
0.377
0.392
0.377
0.401
0.381
0.410
0.386
0.401
0.381
0.410
0.386
0.419
0.390
0.398
0.373
0.406
0.377
0.415
0.381
6O
0.392
0.377
6P
0.401
0.381
6Q
0.410
0.386
0.394
0.385
0.404
0.390
0.413
0.394
0.404
0.390
0.413
0.394
0.422
0.399
0.401
0.381
0.410
0.386
0.419
0.390
7O
0.394
0.385
7P
0.404
0.390
7Q
0.413
0.394
0.397
0.393
0.407
0.398
0.416
0.403
0.407
0.398
0.416
0.403
0.426
0.408
0.404
0.390
0.413
0.394
0.422
0.399
8O
0.397
0.393
8P
0.407
0.398
8Q
0.416
0.403
0.400
0.401
0.410
0.406
0.420
0.412
0.410
0.406
0.420
0.412
0.430
0.417
0.407
0.398
0.416
0.403
0.426
0.408
9O
0.400
0.401
9P
0.410
0.406
9Q
0.420
0.412
0.402
0.410
0.413
0.415
0.423
0.420
0.413
0.415
0.423
0.420
0.434
0.425
0.410
0.406
0.420
0.412
0.430
0.417
22426
x - Coordinate
0.35
0.36
0.37
0.38
0.39
0.40
0.41
0.42
0.43
0.38
0.39
0.40
0.41
0.42
0.43
0.44
5O
4O
7O
6O
8O
9O
5P
4P
7P
6P
8P
9P
5Q
4Q
7Q
6Q
8Q
9Q


Similar Part No. - VLPC0303A2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLPC0303A1 VISHAY-VLPC0303A1 Datasheet
205Kb / 6P
   High Brightness LED Power Module
Rev. 1.1, 13-Dec-11
More results

Similar Description - VLPC0303A2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLSL5012A VISHAY-VLSL5012A Datasheet
201Kb / 8P
   High Brightness LED Power Module
Rev. 1.0, 13-Jul-10
VLPC0101C5 VISHAY-VLPC0101C5 Datasheet
195Kb / 6P
   High Brightness LED Power Module
Rev. 1.0, 30-Jul-12
VLPC0101C6 VISHAY-VLPC0101C6 Datasheet
213Kb / 6P
   High Brightness LED Power Module
Rev. 1.2, 27-Sep-13
VLPC0401A2J VISHAY-VLPC0401A2J Datasheet
157Kb / 5P
   High Brightness LED Power Module
Rev. 1.1, 31-Oct-12
VLPC1201A2J VISHAY-VLPC1201A2J_V01 Datasheet
177Kb / 7P
   High Brightness LED Power Module
02-Oct-12
VLSL3112A2 VISHAY-VLSL3112A2 Datasheet
205Kb / 7P
   High Brightness LED Power Module
Rev. 1.1, 13-Apr-11
VLPC0601A1 VISHAY-VLPC0601A1 Datasheet
236Kb / 7P
   High Brightness LED Power Module
Rev. 1.2, 13-Feb-12
VLSL4012A VISHAY-VLSL4012A Datasheet
232Kb / 8P
   High Brightness LED Power Module
Rev. 1.0, 13-Jul-10
VLSL4212A VISHAY-VLSL4212A Datasheet
236Kb / 9P
   High Brightness LED Power Module
Rev. 1.0, 11-Nov-10
VLSL4236A VISHAY-VLSL4236A_V01 Datasheet
243Kb / 9P
   High Brightness LED Power Module
02-Oct-12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com