Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LS85 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # 74LS85
Description  4-Bit Magnitude Comparator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LS85 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  74LS85 Datasheet HTML 1Page - Fairchild Semiconductor 74LS85 Datasheet HTML 2Page - Fairchild Semiconductor 74LS85 Datasheet HTML 3Page - Fairchild Semiconductor 74LS85 Datasheet HTML 4Page - Fairchild Semiconductor 74LS85 Datasheet HTML 5Page - Fairchild Semiconductor 74LS85 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
Note 1: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Recommended Operating Conditions
Electrical Characteristics
over recommended operating free air temperature range (unless otherwise noted)
Note 2: All typicals are at VCC = 5V, TA = 25°C.
Note 3: Not more than one output should be shorted at a time, and the duration should not exceed one second.
Note 4: ICC is measured with all outputs OPEN, A = B grounded and all other inputs at 4.5V.
Supply Voltage
7V
Input Voltage
7V
Operating Free Air Temperature Range
0
°C to +70°C
Storage Temperature Range
−65°C to +150°C
Symbol
Parameter
Min
Nom
Max
Units
VCC
Supply Voltage
4.75
5
5.25
V
VIH
HIGH Level Input Voltage
2
V
VIL
LOW Level Input Voltage
0.8
V
IOH
HIGH Level Output Current
−0.4
mA
IOL
LOW Level Output Current
8
mA
TA
Free Air Operating Temperature
0
70
°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 2)
VI
Input Clamp Voltage
VCC = Min, II = −18 mA
−1.5
V
VOH
HIGH Level
VCC = Min, IOH = Max
2.7
3.4
V
Output Voltage
VIL = Max, VIH = Min
VOL
LOW Level
VCC = Min, IOL = Max
0.35
0.5
Output Voltage
VIL = Max, VIH = Min
V
IOL = 4 mA, VCC = Min
0.25
0.4
II
Input Current @ Max
VCC = Max
A
< B
0.1
Input Voltage
VI = 7V
A
> B
0.1
mA
Others
0.3
IIH
HIGH Level
VCC = Max
A
< B20
Input Current
VI = 2.7V
A
> B20
µA
Others
60
IIL
LOW Level
VCC = Max
A
< B
−0.4
Input Current
VI = 0.4V
A
> B
−0.4
mA
Others
−1.2
IOS
Short Circuit Output Current
VCC = Max (Note 3)
−20
−100
mA
ICC
Supply Current
VCC = Max (Note 4)
10
20
mA


Similar Part No. - 74LS85

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74LS85 ONSEMI-74LS85 Datasheet
133Kb / 8P
   LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
More results

Similar Description - 74LS85

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74C85 FAIRCHILD-MM74C85 Datasheet
64Kb / 5P
   4-Bit Magnitude Comparator
logo
STMicroelectronics
HCF4063B STMICROELECTRONICS-HCF4063B_01 Datasheet
854Kb / 9P
   4-BIT MAGNITUDE COMPARATOR
M74HC85-1 STMICROELECTRONICS-M74HC85-1 Datasheet
326Kb / 10P
   4-BIT MAGNITUDE COMPARATOR
logo
Renesas Technology Corp
HD74HC85 RENESAS-HD74HC85 Datasheet
104Kb / 8P
   4-bit Magnitude Comparator
logo
NXP Semiconductors
74HC85 PHILIPS-74HC85 Datasheet
69Kb / 9P
   4-bit magnitude comparator
December 1990
logo
STMicroelectronics
HCC4585B STMICROELECTRONICS-HCC4585B Datasheet
284Kb / 12P
   4-BIT MAGNITUDE COMPARATOR
logo
Motorola, Inc
SN54LS85 MOTOROLA-SN54LS85 Datasheet
102Kb / 4P
   4-BIT MAGNITUDE COMPARATOR
MC74HC85 MOTOROLA-MC74HC85 Datasheet
219Kb / 8P
   4-Bit Magnitude Comparator
logo
NXP Semiconductors
74HC_HCT85_CNV PHILIPS-74HC_HCT85_CNV_15 Datasheet
73Kb / 9P
   4-bit magnitude comparator
December 1990
logo
Nexperia B.V. All right...
74HCT85 NEXPERIA-74HCT85 Datasheet
263Kb / 17P
   4-bit magnitude comparator
Rev. 4 - 4 August 2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com