Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VMMK-1218 Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # VMMK-1218
Description  0.5 to 18 GHz Low Noise E-PHEMT in a Wafer Scale Package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

VMMK-1218 Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  VMMK-1218 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED VMMK-1218 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED VMMK-1218 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED VMMK-1218 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED VMMK-1218 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED VMMK-1218 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED VMMK-1218 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED VMMK-1218 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED VMMK-1218 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
VMMK-1218 Typical Scattering Parameters and Noise Parameters, TA=25°C, Vds=2V, Ids=20mA[1]
Freq
S11
S21
S12
S22
MSG/MAG
GHz
Mag.
Ang.
dB
Mag.
Ang.
Mag.
Ang.
Mag.
Ang.
dB
2
0.89
-78.16
20.92
11.12
129.71
0.06
44.50
0.54
-55.65
29.35
3
0.85
-106.33
19.31
9.23
112.05
0.07
29.40
0.47
-76.55
25.87
4
0.81
-128.95
17.70
7.68
97.65
0.08
17.41
0.41
-94.12
23.11
5
0.79
-146.66
16.25
6.49
85.78
0.08
7.80
0.37
-108.21
21.15
6
0.78
-161.38
14.93
5.58
75.40
0.09
-0.22
0.34
-120.69
19.57
7
0.78
-173.77
13.74
4.86
66.04
0.09
-7.10
0.32
-131.78
18.21
8
0.77
175.63
12.65
4.29
57.40
0.09
-13.35
0.31
-141.77
17.06
9
0.77
166.49
11.64
3.82
49.36
0.09
-18.82
0.31
-151.17
16.03
10
0.78
158.16
10.71
3.43
41.75
0.08
-24.10
0.30
-159.09
15.12
11
0.78
150.76
9.87
3.12
34.59
0.08
-28.99
0.31
-166.30
14.31
12
0.78
143.93
9.09
2.85
27.60
0.08
-33.20
0.31
-173.04
13.61
13
0.78
137.52
8.38
2.62
20.89
0.08
-37.50
0.32
-179.45
12.97
14
0.79
131.39
7.71
2.43
14.43
0.08
-41.46
0.32
174.80
12.39
15
0.79
125.61
7.11
2.27
8.03
0.08
-45.30
0.33
169.68
11.86
16
0.79
119.69
6.53
2.12
1.59
0.07
-49.20
0.34
164.86
11.37
17
0.80
113.87
6.01
2.00
-4.80
0.07
-52.04
0.35
160.03
10.95
18
0.80
108.30
5.50
1.88
-10.80
0.07
-55.52
0.36
155.48
10.54
Typical Noise Parameters
Freq
Fmin
Г opt
Г opt
Rn/50
Ga
GHz
dB
Mag.
Ang.
dB
2
0.17
0.727
30.9
0.1
20.9
3
0.24
0.624
46.2
0.1
19.16
4
0.31
0.534
61.1
0.09
17.57
5
0.38
0.457
75.8
0.08
16.12
6
0.44
0.394
90.1
0.08
14.83
7
0.51
0.344
104.1
0.07
13.69
8
0.58
0.307
117.8
0.07
12.69
9
0.65
0.283
131.2
0.06
11.84
10
0.72
0.273
144.3
0.06
11.14
11
0.78
0.276
157.1
0.06
10.59
12
0.85
0.292
169.6
0.06
10.19
13
0.92
0.322
-178.2
0.06
9.94
14
0.99
0.365
-166.3
0.06
9.83
15
1.05
0.421
-154.8
0.06
9.87
16
1.12
0.49
-143.5
0.07
10.07
17
1.19
0.573
-132.6
0.08
10.41
Note:
1. S-parameters are measured in 50 Ohm test environment.
Figure 12. MSG/MAG and S21 vs. Frequency at 2V 20 mA
0.00
10.00
20.00
30.00
0
5
10
15
20
FREQUENCY GHz
MSG/MAG
S21


Similar Part No. - VMMK-1218

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
VMMK-1218 BOARDCOM-VMMK-1218 Datasheet
234Kb / 12P
   0.5 to 18 GHz Low Noise E-PHEMT in a Wafer Scale Package
logo
AVAGO TECHNOLOGIES LIMI...
VMMK-1218 AVAGO-VMMK-1218_15 Datasheet
234Kb / 12P
   0.5 to 18 GHz Low Noise E-PHEMT in a Wafer Scale Package
More results

Similar Description - VMMK-1218

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
DEMO-VMMK-1218-10 BOARDCOM-DEMO-VMMK-1218-10 Datasheet
234Kb / 12P
   0.5 to 18 GHz Low Noise E-PHEMT in a Wafer Scale Package
VMMK-1218 BOARDCOM-VMMK-1218 Datasheet
234Kb / 12P
   0.5 to 18 GHz Low Noise E-PHEMT in a Wafer Scale Package
logo
AVAGO TECHNOLOGIES LIMI...
VMMK-1218 AVAGO-VMMK-1218_15 Datasheet
234Kb / 12P
   0.5 to 18 GHz Low Noise E-PHEMT in a Wafer Scale Package
VMMK-1225 AVAGO-VMMK-1225_15 Datasheet
864Kb / 13P
   0.5 to 26 GHz Low Noise E-PHEMT in a Wafer Scale Package
logo
Broadcom Corporation.
VMMK-1225 BOARDCOM-VMMK-1225 Datasheet
864Kb / 13P
   0.5 to 26 GHz Low Noise E-PHEMT in a Wafer Scale Package
DEMO-VMMK-1225-12 BOARDCOM-DEMO-VMMK-1225-12 Datasheet
864Kb / 13P
   0.5 to 26 GHz Low Noise E-PHEMT in a Wafer Scale Package
logo
AVAGO TECHNOLOGIES LIMI...
VMMK-1225 AVAGO-VMMK-1225 Datasheet
827Kb / 13P
   0.5 to 26 GHz Low Noise E-PHEMT in a Wafer Scale Package
VMMK-2103 AVAGO-VMMK-2103 Datasheet
222Kb / 2P
   E-pHEMT Amplifier in a Wafer Scale Package (0.5 - 6GHz)
logo
AVG Semiconductors(HITE...
VMMK-2203 AVG-VMMK-2203 Datasheet
221Kb / 2P
   E-pHEMT Amplifier in a Wafer Scale Package (1 - 10GHz)
logo
Broadcom Corporation.
VMMK-2103 BOARDCOM-VMMK-2103 Datasheet
853Kb / 12P
   0.5 to 6 GHz Bypass E-pHEMT LNA in Wafer Level Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com