Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2111M-3.3G1 Datasheet(PDF) 3 Page - BCD Semiconductor Manufacturing Limited

Part # AP2111M-3.3G1
Description  600mA CMOS LDO REGULATOR WITH ENABLE
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2111M-3.3G1 Datasheet(HTML) 3 Page - BCD Semiconductor Manufacturing Limited

  AP2111M-3.3G1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP2111M-3.3G1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP2111M-3.3G1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2111M-3.3G1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2111M-3.3G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2111M-3.3G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2111M-3.3G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2111M-3.3G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2111M-3.3G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Data Sheet
600mA CMOS LDO REGULATOR WITH ENABLE
AP2111
May 2012 Rev. 1. 5
BCD Semiconductor Manufacturing Limited
3
Functional Block Diagram
Figure 3. Functional Block Diagram of AP2111 for Fixed Version
UVLO &
Shutdown Logic
Thermal
Shutdown
VREF
GND
EN
VOUT
VIN
3m
1
2
3
4
Foldback
Current Limit
ADJ/NC
5
Figure 4. Functional Block Diagram of AP2111 for Adjustable Version
A (B)
A: SOIC-8/PSOP-8
B: SOT-223
SOT-23-5


Similar Part No. - AP2111M-3.3G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2111M-3.3G1 BCDSEMI-AP2111M-3.3G1 Datasheet
688Kb / 20P
   600mA CMOS LDO REGULATOR WITH ENABLE
More results

Similar Description - AP2111M-3.3G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2111 BCDSEMI-AP2111 Datasheet
62Kb / 2P
   600mA CMOS LDO REGULATOR WITH ENABLE
AP2111 BCDSEMI-AP2111_11 Datasheet
688Kb / 20P
   600mA CMOS LDO REGULATOR WITH ENABLE
AP2112 BCDSEMI-AP2112_12 Datasheet
595Kb / 20P
   600mA CMOS LDO REGULATOR WITH ENABLE
AP2112 BCDSEMI-AP2112 Datasheet
602Kb / 19P
   600mA CMOS LDO REGULATOR WITH ENABLE
logo
Diodes Incorporated
AP2112 DIODES-AP2112 Datasheet
743Kb / 18P
   600mA CMOS LDO REGULATOR WITH ENABLE
DS39724 Rev. 2 - 2
logo
Taiwan Semiconductor Co...
TS9005 TSC-TS9005_13 Datasheet
103Kb / 5P
   600mA CMOS LDO with Enable Function
TS9005DCX5 TSC-TS9005DCX5 Datasheet
207Kb / 7P
   600mA Adjustable CMOS LDO with Enable Function
TS9005KCX5 TSC-TS9005KCX5 Datasheet
207Kb / 7P
   600mA Adjustable CMOS LDO with Enable Function
TS9005SCX5 TSC-TS9005SCX5 Datasheet
207Kb / 7P
   600mA Adjustable CMOS LDO with Enable Function
TS9005DCW TSC-TS9005DCW Datasheet
207Kb / 7P
   600mA Adjustable CMOS LDO with Enable Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com