Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2132AMP-1.2G1 Datasheet(PDF) 6 Page - BCD Semiconductor Manufacturing Limited

Part # AP2132AMP-1.2G1
Description  Peak 3A CMOS LDO Regulator with Enable and Power Good
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2132AMP-1.2G1 Datasheet(HTML) 6 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2132AMP-1.2G1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP2132AMP-1.2G1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2132AMP-1.2G1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2132AMP-1.2G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2132AMP-1.2G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2132AMP-1.2G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2132AMP-1.2G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2132AMP-1.2G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP2132AMP-1.2G1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Data Sheet
Peak 3A CMOS LDO Regulator with Enable and Power Good
AP2132A
Mar. 2012 Rev 1.0
BCD Semiconductor Manufacturing Limited
6
Electrical Characteristics
VIN=VOUT+0.5V, VCTRL=VEN=5V, TA=25ºC, CIN=COUT=10µF, CCTRL=1µF, IOUT=10mA, Bold typeface applies
over -40ºC≤TA≤85ºC unless otherwise specified.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output Voltage
VOUT
VIN=VOUT+0.5V,
IOUT=10mA
VOUT
× 98%
VOUT ×
102%
V
Input Voltage
VIN
1.4
5.5
V
Current Limit
ILIMIT
VIN–VOUT=1V
3
A
Load Regulation
VRLOAD
VIN=VOUT+0.5V, 10mA≤IOUT≤2A
10
mV
Line Regulation
VRLINE
VOUT+0.5V≤VIN≤5V,
IOUT=10mA
2
mV
IOUT=500mA
80
120
mV
IOUT=1A
150
200
mV
Dropout Voltage
VDROP
IOUT=2A
300
450
mV
Supply Current
ISUPPLY
VIN=VOUT+0.5V, IOUT=0mA
300
µA
ICTRLH
VIN=VOUT+0.5V, VCTRL=VEN=5V
250
500
µA
VCTRL Current
ICTRLL
VIN=VOUT+0.5V, VCTRL=5V, VEN=0V
0.1
1
µA
f=100Hz
60
dB
Power Supply
Rejection Ratio
PSRR
Ripple 0.5Vp-p,
VIN=VOUT+1V
f=1kHz
60
dB
Output
.
Voltage
Temperature
Coefficient
V
OUT
VOUT× T
IOUT=10mA, -40ºC≤TA≤85ºC
±100
ppm/
ºC
Reference Voltage
VREF
Adjust Short to VOUT
0.588
0.6
0.612
V
Enable “High”
Voltage
Enable Input Voltage “High”
1.5
V
Enable “Low” Voltage
Enable Input Voltage “Low”
0.4
V
Thermal Shutdown
OTSD
165
ºC
Thermal Shutdown
Hysteresis
20
ºC
VOUT Power
Good Voltage
VTHPG
92
%
VPG Hysteresis
7
%
Adjust Pin Threshold
200
mV
Thermal Resistance
(Junction to Case)
θ
JC
PSOP-8
40
ºC/W


Similar Part No. - AP2132AMP-1.2G1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2132AMP-1.2G1 DIODES-AP2132AMP-1.2G1 Datasheet
402Kb / 11P
   PEAK 3A CMOS LDO REGULATOR WITH ENABLE AND P OWER GOOD
Rev. 1 - 2 July 2018
More results

Similar Description - AP2132AMP-1.2G1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2132A DIODES-AP2132A Datasheet
402Kb / 11P
   PEAK 3A CMOS LDO REGULATOR WITH ENABLE AND P OWER GOOD
Rev. 1 - 2 July 2018
logo
Taiwan Semiconductor Co...
TS9002 TSC-TS9002_07 Datasheet
219Kb / 5P
   300mA CMOS LDO with Enable & Power Good
TS9002 TSC-TS9002 Datasheet
125Kb / 5P
   300mA CMOS LDO with Enable & Power Good
TS9004 TSC-TS9004_07 Datasheet
311Kb / 7P
   300mA CMOS LDO Adjustable Voltage with Enable & Power Good
TS9004 TSC-TS9004 Datasheet
125Kb / 5P
   300mA CMOS LDO Adjustable Voltage with Enable & Power Good
logo
Global Mixed-mode Techn...
G966A GMT-G966A Datasheet
46Kb / 1P
   Peak 3A, Low Dropout Regulator with Enable
G9661 GMT-G9661 Datasheet
82Kb / 1P
   Peak 3A, Low Dropout Regulator with Enable
G966L GMT-G966L Datasheet
63Kb / 1P
   Peak 3A, Low Dropout Regulator with Enable
G9662 GMT-G9662 Datasheet
44Kb / 1P
   Peak 3A, Low Dropout Regulator with Enable
logo
Rohm
BD00JC0MNUX-M ROHM-BD00JC0MNUX-M Datasheet
1Mb / 31P
   LDO Regulator with Power Good
19.Apr.2022 Rev.002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com