Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2114HA-2.5TRG1 Datasheet(PDF) 11 Page - BCD Semiconductor Manufacturing Limited

Part # AP2114HA-2.5TRG1
Description  1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2114HA-2.5TRG1 Datasheet(HTML) 11 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2114HA-2.5TRG1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2114HA-2.5TRG1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2114HA-2.5TRG1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP2114HA-2.5TRG1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP2114HA-2.5TRG1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP2114HA-2.5TRG1 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AP2114HA-2.5TRG1 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AP2114HA-2.5TRG1 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited AP2114HA-2.5TRG1 Datasheet HTML 15Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
Data Sheet
1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
AP2114
Jan. 2013 Rev. 2. 2
BCD Semiconductor Manufacturing Limited
11
Electrical Characteristics (Continued)
AP2114-2.5 Electrical Characteristics (Note 2)
(VIN=3.5V, CIN=4.7μF (Ceramic), COUT=4.7μF (Ceramic), Typical TA= 25°C, Bold typeface applies over -40OC≤TA≤85OC
ranges, unless otherwise specified (Note 3))
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Output Voltage
VOUT
VIN =3.5V, 1mA ≤ IOUT ≤ 30mA
VOUT
×98.5%
2.5
VOUT
×101.5%
V
Maximum Output Current
IOUT(MAX)
VIN=3.5V, VOUT=2.463V to 2.537V
1.0
A
Load Regulation
VOUT/VOUT
I
OUT
Vout=2.5V, VIN=Vout+1V
1mA ≤ IOUT ≤1A
0.2
1.0
%/A
Line Regulation
VOUT/VOUT
V
IN
3.5V≤VIN≤6V, IOUT=30mA
-0.1
0.02
0.1
%/V
Dropout Voltage
VDROP
IOUT =1A
450
750
mV
Quiescent Current
IQ
VIN=3.5V, IOUT=0mA
60
80
μA
Power Supply Rejection
Ratio
PSRR
Ripple 1Vp-p
VIN=3.5V,
IOUT=100mA
f=100Hz
65
dB
f=1KHz
65
Output Voltage
Temperature Coefficient
VOUT/VOUT
T
IOUT=30mA
±30
ppm/°C
Short Current Limit
ISHORT
VOUT=0V
50
mA
RMS Output Noise
VNOISE
10Hz ≤ f ≤100kHz
30
μVRMS
VEN High Voltage
VIH
Enable logic high, regulator on
1.5
V
VEN Low Voltage
VIL
Enable logic low, regulator off
0.4
Standby Current
ISTD
VIN=3.5V, VEN in OFF mode
0.01
1.0
μA
Start-up Time
tS
No Load
20
μs
EN Pull Down Resistor
RPD
3.0
M
Ω
VOUT Discharge Resistor
RDCHG
Set EN pin at Low
60
Ω
Thermal
Shutdown
Temperature
TOTSD
160
°C
Thermal
Shutdown
Hysteresis
THYOTSD
25
Thermal Resistance
(Junction to Case)
θJC
SOIC-8
74.6
°C /W
PSOP-8
43.7
SOT-223
50.9
TO-252-2 (1) /(3) /(4)
35
TO-263-3
22
Note 2: To prevent the Short Circuit Current protection feature from being prematurely activated, the input
voltage must be applied before a current source load is applied.
Note 3: Production testing at TA=25°C. Over temperature specifications guaranteed by design only.


Similar Part No. - AP2114HA-2.5TRG1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2114HA-2.5TRG1 DIODES-AP2114HA-2.5TRG1 Datasheet
914Kb / 33P
   1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
Rev. 2 - 2 Jan. 2013
More results

Similar Description - AP2114HA-2.5TRG1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2114 BCDSEMI-AP2114 Datasheet
787Kb / 28P
   1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
AP2115M-1.2G1 BCDSEMI-AP2115M-1.2G1 Datasheet
598Kb / 19P
   1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
logo
Diodes Incorporated
AP2114 DIODES-AP2114 Datasheet
914Kb / 33P
   1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
Rev. 2 - 2 Jan. 2013
AP2115 DIODES-AP2115 Datasheet
597Kb / 19P
   1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
Rev. 1 - 1 Jul 2011
logo
ON Semiconductor
NCP582 ONSEMI-NCP582 Datasheet
77Kb / 14P
   Low Noise 150 mA CMOS LDO Regulator with Enable
September, 2004 ??Rev. 2
logo
AiT Semiconductor Inc.
A6110A AITSEMI-A6110A Datasheet
777Kb / 11P
   LOW DROPOUT VOLTAGE REGULATOR 1A CMOS LOW NOISE WITH ENABLE PIN
REV1.2
logo
ON Semiconductor
NCP580 ONSEMI-NCP580 Datasheet
66Kb / 10P
   Ultra?묯ast, Low Noise 120 mA CMOS LDO Regulator with Enable
August, 2005 ??Rev. 2
NCP580 ONSEMI-NCP580_06 Datasheet
65Kb / 9P
   Ultra?묯ast, Low Noise 120 mA CMOS LDO Regulator with Enable
December, 2006 ??Rev. 4
logo
Taiwan Semiconductor Co...
TS5205 TSC-TS5205 Datasheet
157Kb / 6P
   150mA Low Noise LDO Voltage Regulator with Enable
TS5215CS25 TSC-TS5215CS25 Datasheet
218Kb / 9P
   300mA Low Noise LDO Voltage Regulator with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com