Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2204K-2.5TRG1 Datasheet(PDF) 6 Page - BCD Semiconductor Manufacturing Limited

Part # AP2204K-2.5TRG1
Description  WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2204K-2.5TRG1 Datasheet(HTML) 6 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2204K-2.5TRG1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP2204K-2.5TRG1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2204K-2.5TRG1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2204K-2.5TRG1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2204K-2.5TRG1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2204K-2.5TRG1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2204K-2.5TRG1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2204K-2.5TRG1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP2204K-2.5TRG1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
AP2204
Data Sheet
6
Jul 2011 Rev. 2. 2
BCD Semiconductor Manufacturing Limited
Parameter
Symbol
Value
Unit
Supply Input Voltage
VIN
38
V
Enable Input Voltage
VCE
38
V
Output Current
IOUT
250
mA
Lead Temperature (Soldering, 10sec)
TLEAD
260
oC
Operating Junction Temperature
TJ
150
oC
Thermal Resistance
θJA
SOT-23-5
250
oC/W
SOT-89
165
PSOP-8 (Note 5)
51
Storage Temperature Range
TSTG
-65 to 150
oC
ESD (Machine Model)
275
V
ESD (Human Body Model)
2000
V
Note 4: Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device.
These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated
under "Recommended Operating Conditions" is not implied. Exposure to "Absolute Maximum Ratings" for extended periods
may affect device reliability.
Note 5:
θJA is measured with the component mounted on a 2-Layer FR-4 PCB board with 1.5cm*1.5cm thermal sink pad in free
air.
Parameter
Symbol
Min
Max
Unit
Supply Input Voltage
VIN
2.3
24
V
Operating Junction Temperature
TJ
-40
125
oC
Recommended Operating Conditions
Absolute Maximum Ratings (Note 4)


Similar Part No. - AP2204K-2.5TRG1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2204K-3.3VTRG1 DIODES-AP2204K-3.3VTRG1 Datasheet
910Kb / 13P
   Quad-Channel Current-Ratio-Optimized LED Driver with Analog and PWM Dimming
More results

Similar Description - AP2204K-2.5TRG1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2204 BCDSEMI-AP2204 Datasheet
377Kb / 2P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
logo
ACE Technology Co., LTD...
ACE504A ACE-ACE504A Datasheet
349Kb / 12P
   Wide Input Voltage Range, 150mA ULDO Regulator
VER 1.2
logo
Diodes Incorporated
AP7387 DIODES-AP7387 Datasheet
1Mb / 18P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
Rev. 3 - 2
AP7380 DIODES-AP7380 Datasheet
424Kb / 12P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
December 2017
AP7381 DIODES-AP7381 Datasheet
672Kb / 13P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
February 2020
AP7383 DIODES-AP7383 Datasheet
412Kb / 13P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
August 2020
AP7387Q DIODES-AP7387Q Datasheet
1Mb / 15P
   AUTOMOTIVE COMPLIANT WIDE INPUT VOLTAGE RANGE 150mA ULDO REGULATOR
Rev. 2 - 2 October 2022
AP2205 DIODES-AP2205 Datasheet
1,002Kb / 16P
   WIDE INPUT VOLTAGE RANGE, 200mA ULDO REGULATOR
November 2020
AP7370 DIODES-AP7370 Datasheet
1Mb / 17P
   WIDE INPUT VOLTAGE RANGE, 300mA ULDO REGULATOR
March 2019
AP7375 DIODES-AP7375 Datasheet
1Mb / 18P
   WIDE INPUT VOLTAGE RANGE, 300mA ULDO REGULATOR
Rev. 3 - 2 September 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com