Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2132AMP-2.5G1 Datasheet(PDF) 5 Page - BCD Semiconductor Manufacturing Limited

Part # AP2132AMP-2.5G1
Description  Peak 3A CMOS LDO Regulator with Enable and Power Good
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2132AMP-2.5G1 Datasheet(HTML) 5 Page - BCD Semiconductor Manufacturing Limited

  AP2132AMP-2.5G1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP2132AMP-2.5G1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP2132AMP-2.5G1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2132AMP-2.5G1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2132AMP-2.5G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2132AMP-2.5G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2132AMP-2.5G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2132AMP-2.5G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2132AMP-2.5G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Data Sheet
Peak 3A CMOS LDO Regulator with Enable and Power Good
AP2132A
Mar. 2012 Rev 1.0
BCD Semiconductor Manufacturing Limited
5
Absolute Maximum Ratings (Note 1)
Note 1: Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to
the device. These are stress ratings only and functional operation of the device at these or any other conditions
beyond those indicated under “Recommended Operating Conditions” is not implied. Exposure to “Absolute
Maximum Ratings” for extended periods may affect device reliability.
Recommended Operating Conditions
Parameter
Symbol
Min
Max
Unit
Input Voltage
VIN
1.4
5.5
V
Input Voltage for Controlling
Circuit
VCTRL
4.5
5.5
V
Operating Ambient Temperature
Range
TA
-40
85
°C
Parameter
Symbol
Value
Unit
Input Voltage
Input Voltage for Controlling Circuit
VIN
VCTRL
6.0
V
Enable Input Voltage
VEN
-0.3 to 6.0
V
Thermal Resistance (No Heatsink)
θJA
130
ºC/W
Operating Junction Temperature
TJ
150
ºC
Storage Temperature Range
TSTG
-65 to 150
ºC
Lead Temperature (Soldering, 10sec)
TLEAD
260
ºC
ESD (Machine Model)
200
V
ESD (Human Body Model)
2000
V


Similar Part No. - AP2132AMP-2.5G1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2132AMP-2.5G1 DIODES-AP2132AMP-2.5G1 Datasheet
402Kb / 11P
   PEAK 3A CMOS LDO REGULATOR WITH ENABLE AND P OWER GOOD
Rev. 1 - 2 July 2018
More results

Similar Description - AP2132AMP-2.5G1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2132A DIODES-AP2132A Datasheet
402Kb / 11P
   PEAK 3A CMOS LDO REGULATOR WITH ENABLE AND P OWER GOOD
Rev. 1 - 2 July 2018
logo
Taiwan Semiconductor Co...
TS9002 TSC-TS9002_07 Datasheet
219Kb / 5P
   300mA CMOS LDO with Enable & Power Good
TS9002 TSC-TS9002 Datasheet
125Kb / 5P
   300mA CMOS LDO with Enable & Power Good
TS9004 TSC-TS9004_07 Datasheet
311Kb / 7P
   300mA CMOS LDO Adjustable Voltage with Enable & Power Good
TS9004 TSC-TS9004 Datasheet
125Kb / 5P
   300mA CMOS LDO Adjustable Voltage with Enable & Power Good
logo
Global Mixed-mode Techn...
G966A GMT-G966A Datasheet
46Kb / 1P
   Peak 3A, Low Dropout Regulator with Enable
G9661 GMT-G9661 Datasheet
82Kb / 1P
   Peak 3A, Low Dropout Regulator with Enable
G966L GMT-G966L Datasheet
63Kb / 1P
   Peak 3A, Low Dropout Regulator with Enable
G9662 GMT-G9662 Datasheet
44Kb / 1P
   Peak 3A, Low Dropout Regulator with Enable
logo
Rohm
BD00JC0MNUX-M ROHM-BD00JC0MNUX-M Datasheet
1Mb / 31P
   LDO Regulator with Power Good
19.Apr.2022 Rev.002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com