Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2502 Datasheet(PDF) 10 Page - BCD Semiconductor Manufacturing Limited

Part # AP2502
Description  4-CH Linear Constant Current Sink With Matching
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2502 Datasheet(HTML) 10 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2502 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2502 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2502 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2502 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2502 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2502 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP2502 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP2502 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP2502 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Data Sheet
4-CH Linear Constant Current Sink With Matching
AP2502
Oct. 2010
Rev 1. 1
BCD Semiconductor Manufacturing Limited
10
Mechanical Dimensions
SOT-23-6
Unit: mm(inch)
2.820(0.111)
3.020(0.119)
0.950(0.037)TYP
1.800(0.071)
2.000(0.079)
0.300(0.012)
0.400(0.016)
0.700(0.028)REF
0.100(0.004)
0.200(0.008)
0.200(0.008)
0.300(0.012)
0.600(0.024)
0.000(0.000)
0.150(0.006)
0.900(0.035)
1.300(0.051)
1.450(0.057)
MAX
12
3
4
5
6
Pin 1 Dot by Marking


Similar Part No. - AP2502

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2502 DIODES-AP2502 Datasheet
424Kb / 12P
   4-CH Linear Constant Current Sink With Matching
Oct. 2010 Rev 1. 1
AP2502KTR-G1 DIODES-AP2502KTR-G1 Datasheet
424Kb / 12P
   4-CH Linear Constant Current Sink With Matching
Oct. 2010 Rev 1. 1
AP2502KTTR-G1 DIODES-AP2502KTTR-G1 Datasheet
424Kb / 12P
   4-CH Linear Constant Current Sink With Matching
Oct. 2010 Rev 1. 1
More results

Similar Description - AP2502

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2502 DIODES-AP2502 Datasheet
424Kb / 12P
   4-CH Linear Constant Current Sink With Matching
Oct. 2010 Rev 1. 1
logo
BCD Semiconductor Manuf...
AP3608E BCDSEMI-AP3608E Datasheet
979Kb / 15P
   EIGHT-CHANNEL CONSTANT CURRENT SINK WITH CURRENT MATCH
AP3609 BCDSEMI-AP3609 Datasheet
770Kb / 13P
   EIGHT-CHANNEL CONSTANT CURRENT SINK WITH CURRENT MATCH
logo
STMicroelectronics
STP04CM05 STMICROELECTRONICS-STP04CM05 Datasheet
621Kb / 24P
   4-bit constant current power-LED sink driver
logo
Diodes Incorporated
BCR420UW6 DIODES-BCR420UW6_17 Datasheet
552Kb / 13P
   LINEAR LED CONSTANT CURRENT REGULATOR
logo
Maxic Technology Corpor...
MT7603 MAXIC-MT7603 Datasheet
98Kb / 1P
   Linear Constant - Current LED Driver
logo
E-CMOS Corporation
EC4211 E-CMOS-EC4211 Datasheet
482Kb / 8P
   Constant Current Linear LED Driver
logo
Shenzhen Huazhimei Semi...
HM7506 HMSEMI-HM7506 Datasheet
411Kb / 5P
   Programmable linear constant current controller
logo
Maxic Technology Corpor...
MT7604 MAXIC-MT7604 Datasheet
99Kb / 1P
   Linear Constant - Current LED Driver
logo
Rohm
BU64241GWZ ROHM-BU64241GWZ Datasheet
938Kb / 24P
   Linear Constant Current VCM Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com