Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2138N-3.0TRG1 Datasheet(PDF) 7 Page - BCD Semiconductor Manufacturing Limited

Part # AP2138N-3.0TRG1
Description  ULTRA LOW QUIESCENT CURRENT CMOS LDO
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2138N-3.0TRG1 Datasheet(HTML) 7 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2138N-3.0TRG1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2138N-3.0TRG1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2138N-3.0TRG1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2138N-3.0TRG1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2138N-3.0TRG1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2138N-3.0TRG1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2138N-3.0TRG1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP2138N-3.0TRG1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP2138N-3.0TRG1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
7
Jul. 2012 Rev. 2. 3
BCD Semiconductor Manufacturing Limited
Data Sheet
ULTRA LOW QUIESCENT CURRENT CMOS LDO
AP2138/2139
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Input Voltage
VIN
6.6
V
Output Voltage
VOUT
1.176
1.200
1.224
V
Quiescent Current
IQ
IOUT=0
1.0
1.5
μA
Standby Current (AP2139)
ISTD
VCE=0
0.1
1
μA
Output Current
IOUT
250
mA
Load Regulation
VRLOAD
1mA
≤IOUT≤100mA
25
40
mV
Line Regulation
VRLINE
2.2V
≤VIN≤6V
618
mV
Dropout Voltage
VDROP
IOUT=10mA
100
300
mV
IOUT=30mA
400
700
IOUT=100mA
700
1000
IOUT=250mA
1000
1300
Output Voltage
Temperature Coefficient
ΔVOUT/ΔT
±140
μV/oC
(
ΔVOUT/VOUT)/ΔT
±100
ppm/oC
Short Circuit Current
ISHORT
VOUT=0
50
mA
CE Pull-down Constant
Current (AP2139)
IPD
0.2
μA
CE Input Logic-high
Voltage (AP2139)
VIH
1.2
V
CE Input Logic-low
Voltage (AP2139)
VIL
0.3
V
Thermal Resistance
θJC
SOT-23-3
81.9
oC/W
SOT-23-5
81.9
SOT-89
51.1
(VIN=2.5V, VCE=2.5V (AP2139),TJ=25
oC, IOUT=40mA, CIN=COUT=1μF, Bold typeface applies over -40oC≤TJ≤85oC, unless
otherwise specified.)
AP2138/2139-1.2 Electrical Characteristics
Electrical Characteristics


Similar Part No. - AP2138N-3.0TRG1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2138N-3.0TRG1 BCDSEMI-AP2138N-3.0TRG1 Datasheet
954Kb / 23P
   ULTRA LOW QUIESCENT CURRENT CMOS LDO
logo
Diodes Incorporated
AP2138N-3.0TRG1 DIODES-AP2138N-3.0TRG1 Datasheet
780Kb / 29P
   ULTRA LOW QUIESCENT CURRENT CMOS LDO
Rev. 5 - 2 August 2019
More results

Similar Description - AP2138N-3.0TRG1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2138 DIODES-AP2138 Datasheet
780Kb / 29P
   ULTRA LOW QUIESCENT CURRENT CMOS LDO
Rev. 5 - 2 August 2019
logo
BCD Semiconductor Manuf...
AP2138N-1.2TRG1 BCDSEMI-AP2138N-1.2TRG1 Datasheet
954Kb / 23P
   ULTRA LOW QUIESCENT CURRENT CMOS LDO
logo
Taiwan Semiconductor Co...
TS9011 TSC-TS9011_10 Datasheet
237Kb / 7P
   250mA Low Quiescent Current CMOS LDO
TS9011 TSC-TS9011_07 Datasheet
269Kb / 6P
   250mA Low Quiescent Current CMOS LDO
TS9011 TSC-TS9011_15 Datasheet
399Kb / 7P
   250mA Low Quiescent Current CMOS LDO
TS9013 TSC-TS9013_13 Datasheet
111Kb / 5P
   500mA Low Quiescent Current CMOS LDO
TS9011PCT TSC-TS9011PCT Datasheet
237Kb / 7P
   250mA Low Quiescent Current CMOS LDO
TS9013 TSC-TS9013_11 Datasheet
111Kb / 5P
   500mA Low Quiescent Current CMOS LDO
TS9013 TSC-TS9013_14 Datasheet
107Kb / 5P
   500mA Low Quiescent Current CMOS LDO
TS9011PCX TSC-TS9011PCX Datasheet
237Kb / 7P
   250mA Low Quiescent Current CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com