Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2128K-4.75TRG1 Datasheet(PDF) 6 Page - BCD Semiconductor Manufacturing Limited

Part # AP2128K-4.75TRG1
Description  300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2128K-4.75TRG1 Datasheet(HTML) 6 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2128K-4.75TRG1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP2128K-4.75TRG1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2128K-4.75TRG1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2128K-4.75TRG1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2128K-4.75TRG1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2128K-4.75TRG1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2128K-4.75TRG1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2128K-4.75TRG1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP2128K-4.75TRG1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2128
Data Sheet
6
Sept. 2010 Rev. 2.0
BCD Semiconductor Manufacturing Limited
Electrical Characteristics
(AP2128-ADJ, VIN min=2.5V, CIN=1µF, COUT=1µF, Bold typeface applies over -40oC≤TA≤85oC, unless otherwise specified.)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Reference Voltage
VREF
VIN=2.5V
1mA
≤IOUT≤300mA
0.784
0.8
0.816
V
Input Voltage
VIN
2.5
6
V
Maximum Output Current
IOUT(MAX)
VIN=2.5V,
VOUT=98%×VOUT
300
400
mA
Current Limit
ILIMIT
VIN=2.5V
450
mA
Load Regulation
∆VOUT
/(
∆IOUT*VOUT)
VIN=2.5V,
1mA
≤IOUT≤300mA
0.6
%/A
Line Regulation
∆VOUT
/(
∆VIN*VOUT)
VIN=2.5V to 6V
IOUT=30mA
0.06
%/V
Quiescent Current
IQ
VIN=2.5V, IOUT=0mA
60
90
µA
Standby Current
ISTD
VIN=2.5V,
VSHUTDOWN in off mode
0.1
1.0
µA
Power Supply
Rejection Ratio
PSRR
Ripple 1Vp-p
VIN=3V
f=100Hz
68
dB
f=1KHz
68
dB
f=10KHz
54
dB
Output Voltage
Temperature Coefficient
(
∆VOUT/VOUT)
/
∆T
IOUT=30mA, -40oC≤TA≤85oC
±100
ppm/oC
Short Current Limit
ISHORT
VOUT=0V
50
mA
Soft Start Time
tUP
50
µs
RMS Output Noise
VNOISE
TA=25oC, 10Hz ≤f≤100kHz,
VOUT=0.8V
60
µVrms
Shutdown "High" Voltage
Shutdown input voltage "High"
1.5
6
V
Shutdown "Low" Voltage
Shutdown input voltage "Low"
0
0.4
V
VOUT Discharge MOSFET
RDS(ON)
Shutdown input voltage "Low"
60
Shutdown Pull Down Resis-
tance
3M
Thermal Shutdown
165
oC
Thermal Shutdown Hysteresis
30
oC
Thermal Resistance
θJC
SOT-23-5
150
oC/W


Similar Part No. - AP2128K-4.75TRG1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2128K-4.75TRG1 BCDSEMI-AP2128K-4.75TRG1 Datasheet
678Kb / 21P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
logo
Diodes Incorporated
AP2128K-4.75TRG1 DIODES-AP2128K-4.75TRG1 Datasheet
861Kb / 21P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 2 - 0 Sept 2010
More results

Similar Description - AP2128K-4.75TRG1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2129 BCDSEMI-AP2129_09 Datasheet
590Kb / 15P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2125 BCDSEMI-AP2125 Datasheet
1,012Kb / 27P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
logo
Diodes Incorporated
AP2127 DIODES-AP2127 Datasheet
914Kb / 24P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 7 - 2 December 2017
AP2129 DIODES-AP2129 Datasheet
417Kb / 13P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 2 - 2 July 2018
logo
BCD Semiconductor Manuf...
AP2128 BCDSEMI-AP2128 Datasheet
519Kb / 15P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
logo
Diodes Incorporated
AP2125 DIODES-AP2125 Datasheet
676Kb / 25P
   300mA, HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 2 - 2 May 2016
logo
BCD Semiconductor Manuf...
AP2126 BCDSEMI-AP2126 Datasheet
451Kb / 12P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2128 BCDSEMI-AP2128_09 Datasheet
678Kb / 21P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
logo
Diodes Incorporated
AP2126 DIODES-AP2126 Datasheet
272Kb / 9P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 2 - 2 May 2017
AP2128 DIODES-AP2128 Datasheet
861Kb / 21P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 2 - 0 Sept 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com