Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VO215AT Datasheet(PDF) 5 Page - Vishay Siliconix

Part # VO215AT
Description  Optocoupler, Phototransistor Output, Low Input Current, with Base Connection
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VO215AT Datasheet(HTML) 5 Page - Vishay Siliconix

  VO215AT Datasheet HTML 1Page - Vishay Siliconix VO215AT Datasheet HTML 2Page - Vishay Siliconix VO215AT Datasheet HTML 3Page - Vishay Siliconix VO215AT Datasheet HTML 4Page - Vishay Siliconix VO215AT Datasheet HTML 5Page - Vishay Siliconix VO215AT Datasheet HTML 6Page - Vishay Siliconix VO215AT Datasheet HTML 7Page - Vishay Siliconix VO215AT Datasheet HTML 8Page - Vishay Siliconix VO215AT Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Document Number: 81955
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com
Rev. 1.0, 02-Dec-08
5
VO215AT, VO216AT, VO217AT
Optocoupler, Phototransistor
Output, Low Input Current,
with Base Connection
Vishay Semiconductors
Fig. 5 - Collector Emitter Current vs. LED Current
Fig. 6 - Normalized Collector Base Photocurrent vs. LED Current
Fig. 7 - Collector Base Photocurrent vs. LED Current
Fig. 8 - Collector Emitter Leakage Current vs.Temperature
Fig. 9 - Normalized Saturated hFE vs.
Base Current and Temperature
Fig. 10 - Normalized Non-Saturated and Saturated CTRCE vs.
LED Current
iil215at_03
0.1
1
10
100
0
50
100
150
V
CE = 0.4 V
V
CE = 5 V
I
F - LED Current (mA)
iil215at_04
0.1
1
10
100
0.1
1
10
100
I
F - LED Current (mA)
Normalized to:
V
cb = 9.3 V
I
F = 1.0 mA
iil215at_05
0.1
1
10
100
0.1
1
10
100
1000
V
cb = 9.3 V
I
F - LED Current (mA)
iil215at_06
100
80
60
40
20
0
- 20
T
A - Ambient Temperature (°C)
typical
V
ce = 10 V
10
5
10
4
10
3
10
2
10
1
10
0
10
- 1
10
- 2
iil215at_07
10
100
1000
0.0
0.5
1.0
1.5
2.0
25 °C
50 °C
70 °C
I
b - Base Current (µA)
Normalized to:
Ib = 20 µA
V
ce = 10 V
V
ce = 0.4 V
1
iil215at_08
10
100
0.0
0.5
1.0
1.5
2.0
V
ce = 0.4 V
V
ce = 5 V
I
F - LED Current (mA)
Normalized to:
V
ce= 5 V
I
F = 1 mA
1
0.1


Similar Part No. - VO215AT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO211AT VISHAY-VO211AT Datasheet
115Kb / 8P
   Optocoupler, Phototransistor Output, with Base Connection in SOIC-8 Package
Rev. 1.0, 02-Dec-08
VO212AT VISHAY-VO212AT Datasheet
115Kb / 8P
   Optocoupler, Phototransistor Output, with Base Connection in SOIC-8 Package
Rev. 1.0, 02-Dec-08
VO213AT VISHAY-VO213AT Datasheet
115Kb / 8P
   Optocoupler, Phototransistor Output, with Base Connection in SOIC-8 Package
Rev. 1.0, 02-Dec-08
More results

Similar Description - VO215AT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MCT5210 VISHAY-MCT5210 Datasheet
138Kb / 8P
   Optocoupler, Phototransistor Output, Low Input Current, With Base Connection
Rev. 1.5, 14-Jan-08
IL215AT VISHAY-IL215AT Datasheet
122Kb / 8P
   Optocoupler, Phototransistor Output, Low Input Current, with Base Connection
Rev. 1.9, 08-May-08
IL201 VISHAY-IL201 Datasheet
124Kb / 7P
   Optocoupler, Phototransistor Output, Low Input Current, Low Input Current, with Base Connection
Rev. 1.5, 08-May-08
SFH608 VISHAY-SFH608 Datasheet
1Mb / 8P
   Optocoupler, Phototransistor Output, Low Input Current, With Base Connection, 5300 VRMS
Rev. 1.4, 26-Oct-04
SFH608 VISHAY-SFH608_08 Datasheet
1Mb / 9P
   Optocoupler, Phototransistor Output, Low Input Current, With Base Connection, 5300 VRMS
Rev. 1.4, 26-Oct-04
IL256AT VISHAY-IL256AT_08 Datasheet
124Kb / 7P
   Optocoupler, Phototransistor Output, AC Input, with Base Connection
Rev. 1.8, 08-Jan-08
IL250 VISHAY-IL250_08 Datasheet
154Kb / 8P
   Optocoupler, Phototransistor Output, AC Input, with Base Connection
Rev. 1.4, 09-May-08
H11AA1 VISHAY-H11AA1_11 Datasheet
150Kb / 7P
   Optocoupler, Phototransistor Output, AC Input with Base Connection
Rev. 1.7, 23-Feb-11
IL256AT VISHAY-IL256AT_V02 Datasheet
117Kb / 7P
   Optocoupler, Phototransistor Output, AC Input, with Base Connection
01-Jan-2023
H11AA1 VISHAY-H11AA1_V01 Datasheet
147Kb / 7P
   Optocoupler, Phototransistor Output, AC Input, with Base Connection
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com