Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VJ15M00500K Datasheet(PDF) 8 Page - AVX Corporation

Part # VJ15M00500K
Description  Glass Encapsulated SMD Varistor MLV
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

VJ15M00500K Datasheet(HTML) 8 Page - AVX Corporation

Back Button VJ15M00500K Datasheet HTML 2Page - AVX Corporation VJ15M00500K Datasheet HTML 3Page - AVX Corporation VJ15M00500K Datasheet HTML 4Page - AVX Corporation VJ15M00500K Datasheet HTML 5Page - AVX Corporation VJ15M00500K Datasheet HTML 6Page - AVX Corporation VJ15M00500K Datasheet HTML 7Page - AVX Corporation VJ15M00500K Datasheet HTML 8Page - AVX Corporation VJ15M00500K Datasheet HTML 9Page - AVX Corporation VJ15M00500K Datasheet HTML 10Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
22
Glass Encapsulated SMD Varistor MLV
(VJ14)
Telecom MLV Range – MT Series
TELECOM MLV RANGE - VJ14 MT SERIES
FEATURES
• Effective alternative to leaded MOVs between 60 and
90 Vrsm
• High Energy Ratings up to 6 Joules with 1812 case size
• Nickel barrier or hybrid AgPdPt terminations
• Multiple Strike Capability
• Provide EMC Capacitance
• Specified in accordance to CCITT 10/1000μs Pulse test
• RoHS Compliant and IMDS Registration
CCITT 10x700μs TEST
A pulse of 10 x 700μs duration as specified by CCITT or IEC
61000-4-5 is often used to check the interference immunity
of Telecom equipment.
The curves show that the 60Vrms Varistor can reduce the
interference of the equipment from 2KV to less than 200V.
TARGET APPLICATIONS
• Phone Lines, ADSL Lines, and other Telecom Circuits
• Consumer Products
GENERAL CHARACTERISTICS
Storage Temperature: -55ºC to +125ºC
Operating Temperature: -55ºC to +125ºC
60Vrms
95Vrms
10%
8%
6%
4%
2%
0%
110
100
Pulses
1000
With a 60Vrms Telecom Varistor
(Protection level <200V)
Without Varistor
(Open-circuit voltage)
2000
1500
1000
500
0
0
0.2
0.4
0.6
0.8
Time (ms)
1
1.2
1.4
1.6
Ten pulses with a duration of 10x700μs applied at one
minute intervals are specified for telecom equipment.
The curves show the V1mA drift when more than 10 pulses
are applied.
PART NUMBERS
Breakdown
CCITT
l max.
Energy
Mean
Typical
Part Number
Case Size
Operating Voltage
Voltage
Max. Clamping Voltage
10 Pulses
8*20μs
10*1000μs
Power
Cap.
10*700μs
Dissipation
EIA
Vac
Vdc
V(1mA)
V
Amp.
Amp.
Amp.
Joules
W
pF
VJ14MT0600---
1812
60
85
100
400
45
45
400
6
0.015
400
VJ14MT0750---
1812
75
100
120
400
45
45
400
6
0.015
400
VJ14MT0950---
1812
95
125
150
250
45
45
250
5
0.015
250
10/700 Pulse Test Capability
Typical V1mA Drift
10/700 Telecom Test Pulse Wave-Form
Hybrid termination AgPdPt (VC Range) upon request


Similar Part No. - VJ15M00500K

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VJ15M00500K AVX-VJ15M00500K Datasheet
2Mb / 8P
   Glass Encapsulated SMD Varistor MLV (VJ12, 20, 13, 14, 15, 32) Automotive MLV Range ??MA and PA Series
More results

Similar Description - VJ15M00500K

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VJ15MA0160KBA AVX-VJ15MA0160KBA Datasheet
2Mb / 8P
   Glass Encapsulated SMD Varistor MLV
VJ14MT0950KBA AVX-VJ14MT0950KBA_17 Datasheet
456Kb / 12P
   Glass Encapsulated SMD Varistor MLV
VJ15PA0160KBA AVX-VJ15PA0160KBA Datasheet
2Mb / 8P
   Glass Encapsulated SMD Varistor MLV (VJ12, 20, 13, 14, 15, 32) Automotive MLV Range ??MA and PA Series
logo
Stackpole Electronics, ...
PV_SERIES SEI-PV_SERIES Datasheet
142Kb / 3P
   Low & Medium Voltage Plastic Encapsulated SMD Varistor
08/28/2019
logo
List of Unclassifed Man...
PV275K3225T ETC2-PV275K3225T Datasheet
99Kb / 2P
   Low Medium Voltage Plastic Encapsulated SMD Varistor
PV150K4032T ETC2-PV150K4032T Datasheet
99Kb / 2P
   Low Medium Voltage Plastic Encapsulated SMD Varistor
logo
Vishay Siliconix
NTCSMELFE3 VISHAY-NTCSMELFE3_17 Datasheet
94Kb / 4P
   SMD MELF SOD80, Glass Encapsulated NTC Thermistors
Revision: 24-Aug-17
NTCSMELFE3 VISHAY-NTCSMELFE3 Datasheet
92Kb / 5P
   SMD MELF SOD80, Glass Encapsulated NTC Thermistors
Revision: 01-Jul-15
NTCSMELFE3 VISHAY-NTCSMELFE3_V01 Datasheet
93Kb / 4P
   SMD MELF SOD80, Glass Encapsulated NTC Thermistors
01-Jan-2022
logo
EPCOS
B57540G0502 EPCOS-B57540G0502 Datasheet
61Kb / 3P
   Glass-Encapsulated Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com