Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VOL-5EUP-L7 Datasheet(PDF) 2 Page - 3M Electronics

Part # VOL-5EUP-L7
Description  Category 5e RJ45 Patch Cables
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

VOL-5EUP-L7 Datasheet(HTML) 2 Page - 3M Electronics

  VOL-5EUP-L7 Datasheet HTML 1Page - 3M Electronics VOL-5EUP-L7 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Volition™ Category 5e RJ45 to RJ45 Patch Cable, UTP, PVC
Length
0.5 m
VOL-5EUP-L0.5
1.0 m
VOL-5EUP-L1
2.0 m
VOL-5EUP-L2
3.0 m
VOL-5EUP-L3
4.0 m
VOL-5EUP-L4
5.0 m
VOL-5EUP-L5
7.0 m
VOL-5EUP-L7
10.0 m
VOL-5EUP-L10
12.0 m
VOL-5EUP-L12
15.0 m
VOL-5EUP-L15
20.0 m
VOL-5EUP-L20
Volition™ Category 5e RJ45 to RJ45 Patch Cable, UTP, LSOH
Length
0.5 m
VOL-5EUL-L0.5
1.0 m
VOL-5EUL-L1
2.0 m
VOL-5EUL-L2
3.0 m
VOL-5EUL-L3
4.0 m
VOL-5EUL-L4
5.0 m
VOL-5EUL-L5
7.0 m
VOL-5EUL-L7
10.0 m
VOL-5EUL-L10
12.0 m
VOL-5EUL-L12
15.0 m
VOL-5EUL-L15
20.0 m
VOL-5EUL-L20
Volition™ Category 5e RJ45 to RJ45 Patch Cable, SFTP, LSOH
Length
0.5 m
VOL-5ESFL-L0.5
1.0 m
VOL-5ESFL-L1
2.0 m
VOL-5ESFL-L2
3.0 m
VOL-5ESFL-L3
4.0 m
VOL-5ESFL-L4
5.0 m
VOL-5ESFL-L5
7.0 m
VOL-5ESFL-L7
10.0 m
VOL-5ESFL-L10
12.0 m
VOL-5ESFL-L12
15.0 m
VOL-5ESFL-L15
20.0 m
VOL-5ESFL-L20
Volition™ Category 5e RJ45 to RJ45 Patch Cable, FTP, LSOH
Length
0.5 m
VOL-5EFL-L-L0.5
1.0 m
VOL-5EFL-L-L1
2.0 m
VOL-5EFL-L-L2
3.0 m
VOL-5EFL-L-L3
4.0 m
VOL-5EFL-L-L4
5.0 m
VOL-5EFL-L-L5
7.0 m
VOL-5EFL-L-L7
10.0 m
VOL-5EFL-L-L10
12.0 m
VOL-5EFL-L-L12
15.0 m
VOL-5EFL-L-L15
20.0 m
VOL-5EFL-L-L20
Important Notice
3M does not accept reponsibility or liability, direct or consequential arising from reliance upon
any information provided and the user should determine the suitability of the products for their
intended use. Nothing in this statement will be deemed to exclude or restrict 3M´s liability for
death or personal injury arising from its negligence. All questions of liability relating to 3M pro-
ducts are governed by the seller´s terms of sale subject where applicable to the prevailing law.
If any goods supplied or process ed by or on behalf of 3M prove on inspection to be defec-
tive in material or workmanship, 3M will (at its option) replace the same or refund to the Buyer
the price of the goods or services. Except as set out above, all warranties and conditions,
whether express or implied, statutory or otherwise are excluded to the fullest extent permissi-
ble at law.
Ordering Information
Ref.-No.
3M and Volition are trademarks of 3M. Quante is a trademark of Quante AG.
Also available in red, yellow, green and blue
3M Telecommunications
Europe, Middle East & North Africa
c/o Quante AG
Carl-Schurz-Straße 1 · 41453 Neuss · Germany
Tel.:
++49 (0)2131 / 14-5999
Fax:
++49 (0)2131 / 14-5998
Internet: www.3MTelecommunications.com


Similar Part No. - VOL-5EUP-L7

ManufacturerPart #DatasheetDescription
logo
3M Electronics
VOL-0300 3M-VOL-0300 Datasheet
158Kb / 2P
   VolitionTM RJ45 K5e und K6 Patchpanel
VOL-0300-BK 3M-VOL-0300-BK Datasheet
158Kb / 2P
   VolitionTM RJ45 K5e und K6 Patchpanel
VOL-6ASFL-L1 3M-VOL-6ASFL-L1 Datasheet
149Kb / 2P
   Category 6A S/FTP RJ45 Patch Cables
VOL-6ASFL-L2 3M-VOL-6ASFL-L2 Datasheet
149Kb / 2P
   Category 6A S/FTP RJ45 Patch Cables
VOL-6ASFL-L3 3M-VOL-6ASFL-L3 Datasheet
149Kb / 2P
   Category 6A S/FTP RJ45 Patch Cables
More results

Similar Description - VOL-5EUP-L7

ManufacturerPart #DatasheetDescription
logo
3M Electronics
VOL-6UP-L0.5 3M-VOL-6UP-L0.5 Datasheet
113Kb / 2P
   Category 6 RJ45 Patch Cables
VOL-6ASFL-L1 3M-VOL-6ASFL-L1 Datasheet
149Kb / 2P
   Category 6A S/FTP RJ45 Patch Cables
logo
Hubbell Incorporated.
PREMISE_C5EPRPGY HUBBELL-PREMISE_C5EPRPGY Datasheet
579Kb / 1P
   UTP Cables SPEEDGAIN Category 5e UTP Cable
logo
PANDUIT CORP.
CP245E88BLY PANDUIT-CP245E88BLY Datasheet
75Kb / 2P
   5e Coupler Patch Panel Component Labels for Category 5e Coupler Patch Panel
UTP28CH25BL PANDUIT-UTP28CH25BL Datasheet
820Kb / 2P
   Category 5e Performance SD UTP Patch Cords
4/2014
logo
3M Electronics
VOL-PD-CAT5E-24P 3M-VOL-PD-CAT5E-24P Datasheet
66Kb / 2P
   Punch Down RJ45 Panels ??Category 5e and Category 6
logo
Hubbell Incorporated.
NSJ5EGN24 HUBBELL-NSJ5EGN24 Datasheet
376Kb / 1P
   Category 5e Jack
NSJ5EB24 HUBBELL-NSJ5EB24 Datasheet
383Kb / 1P
   Category 5e Jack
NSJ5ELA HUBBELL-NSJ5ELA Datasheet
291Kb / 1P
   Category 5e Jack
NSJ5ER24 HUBBELL-NSJ5ER24 Datasheet
380Kb / 1P
   Category 5e Jack
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com