Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3422DNTR-G1 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AP3422DNTR-G1
Description  Dual 1.1MHz, 800mA Synchronous DC-DC Buck Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3422DNTR-G1 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AP3422DNTR-G1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3422DNTR-G1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3422DNTR-G1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3422DNTR-G1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3422DNTR-G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3422DNTR-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3422DNTR-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3422DNTR-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3422DNTR-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Preliminary Datasheet
Dual 1.1MHz, 800mA Synchronous DC-DC Buck Converter
AP3422
Sep. 2011 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
1
General Description
The AP3422 contains two independent 1.1MHz fixed
frequency, current mode, PWM synchronous buck
(step-down) DC-DC converters, each of them is
capable of driving a 800mA load with high efficiency,
excellent line and load regulation. Each converter
integrates a main switch and a synchronous switch
without an external Schottky diode. It is ideal for
powering portable equipment that runs from a single
Li-ion battery.
A standard series of inductors are available from
several different manufacturers optimized for use
with the AP3422. This feature greatly simplifies the
design of switch-mode power supplies.
This IC is available in DFN-3×3-10 package.
Features
High Efficiency: up to 95%
Output Current on Each Channel: 800mA
Input Voltage Range: 2.5V to 5.5V
Fixed 1.1MHz Frequency
100% Duty Cycle in Dropout
Built-in Short Circuit Protection
Built-in Thermal Shutdown Function
Built-in Current Limit Function
Shutdown Current: <1
μA
Applications
GPS
WiFi Card
Portable Media Player
Digital Still and Video Cameras
Figure 1. Package Type of AP3422
DFN-3×3-10


Similar Part No. - AP3422DNTR-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3421,A,B BCDSEMI-AP3421,A,B Datasheet
515Kb / 15P
   1.3MHz, Dual 1.0A Synchronous Step-down Converters
AP3421ADNTR-G1 BCDSEMI-AP3421ADNTR-G1 Datasheet
515Kb / 15P
   1.3MHz, Dual 1.0A Synchronous Step-down Converters
AP3421BDNTR-G1 BCDSEMI-AP3421BDNTR-G1 Datasheet
515Kb / 15P
   1.3MHz, Dual 1.0A Synchronous Step-down Converters
AP3421DNTR-G1 BCDSEMI-AP3421DNTR-G1 Datasheet
515Kb / 15P
   1.3MHz, Dual 1.0A Synchronous Step-down Converters
AP3423 BCDSEMI-AP3423 Datasheet
408Kb / 10P
   1.2A, 1.4MHz, Dual Synchronous DC-DC Buck Converter
More results

Similar Description - AP3422DNTR-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3406A BCDSEMI-AP3406A Datasheet
680Kb / 12P
   1.1MHz, 800mA SYNCHRONOUS DC-DC BUCK CONVERTER
AP3406A BCDSEMI-AP3406A_11 Datasheet
655Kb / 13P
   1.1MHz, 800mA SYNCHRONOUS DC-DC BUCK CONVERTER
AP3406 BCDSEMI-AP3406_09 Datasheet
638Kb / 12P
   1.1MHz, 650mA SYNCHRONOUS DC-DC BUCK CONVERTER
AP3406 BCDSEMI-AP3406 Datasheet
32Kb / 2P
   1.1MHz, 650mA SYNCHRONOUS DC-DC BUCK CONVERTER
logo
Linear Technology
LTC3538 LINER-LTC3538_15 Datasheet
216Kb / 16P
   800mA Synchronous Buck-Boost DC/DC Converter
LTC3538 LINER-LTC3538 Datasheet
210Kb / 16P
   800mA Synchronous Buck-Boost DC/DC Converter
logo
ACE Technology Co., LTD...
ACE721A ACE-ACE721A Datasheet
226Kb / 8P
   1.2MHz, 800mA SYNCHRONOUS DC-DC BUCK CONVERTER
VER 1.3
logo
Micrel Semiconductor
MIC2230 MICREL-MIC2230_10 Datasheet
1Mb / 18P
   Dual Synchronous 800mA/800mA Step-Down DC/DC Regulator
MIC2238 MICREL-MIC2238 Datasheet
786Kb / 16P
   Dual Synchronous 800mA/800mA Step-Down DC/DC Regulator
logo
Diodes Incorporated
AP3502F DIODES-AP3502F Datasheet
519Kb / 11P
   SYNCHRONOUS DC-DC BUCK CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com