Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3423 Datasheet(PDF) 5 Page - BCD Semiconductor Manufacturing Limited

Part # AP3423
Description  1.2A, 1.4MHz, Dual Synchronous DC-DC Buck Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3423 Datasheet(HTML) 5 Page - BCD Semiconductor Manufacturing Limited

  AP3423 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3423 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3423 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3423 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3423 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3423 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3423 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3423 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3423 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Data Sheet
1.2A, 1.4MHz, Dual Synchronous DC-DC Buck Converter
AP3423
Oct. 2011 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
5
Electrical Characteristics
VIN=3.3V, VOUT=2.5V, TA=25ºC, unless otherwise specified.
Parameters
Symbol
Conditions
Min
Typ
Max
Unit
CHANNEL 1 and CHANNEL 2
Input Voltage
VIN
2.5
5.5
V
Quiescent Current
IQ
VFB=0.65V
62
100
µA
Shutdown
Supply
Current
ISTBY
VEN=GND
0.1
1
µA
Reference Voltage
VREF
For Adjustable
Output Voltage
0.588
0.6
0.612
V
Feedback Bias Current
IFB
VFB=VIN
-0.1
+0.1
µA
Output
Voltage
Accuracy
∆VOUT
-2
+2
%
PMOSFET RON
RDS(ON)_P
ISW =200mA
0.28
NMOSFET RON
RDS(ON)_N
ISW =-200mA
0.25
Switch Current Limit
ILIM
VFB=0.55V
1.5
2.0
A
VH
1.5
EN Pin Threshold
VL
0.4
V
UVLO Threshold
VUVLO
VIN Rising
2.3
UVLO Hysteresis
VHYS
0.2
V
Oscillator Frequency
fOSC
1.12
1.4
1.68
MHz
Max. Duty Cycle
DMAX
VFB=0V
100
Min. Duty Cycle
DMIN
VFB=6.5V
0
%
SW Leakage Current ,
N-MOS
VIN=VSW=3.3V
0.1
µA
Soft-start Time
t
1
ms
Thermal Shutdown
TOTSD
160
ºC
Thermal
Shutdown
Hysteresis
THYS
20
ºC


Similar Part No. - AP3423

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3421,A,B BCDSEMI-AP3421,A,B Datasheet
515Kb / 15P
   1.3MHz, Dual 1.0A Synchronous Step-down Converters
AP3421ADNTR-G1 BCDSEMI-AP3421ADNTR-G1 Datasheet
515Kb / 15P
   1.3MHz, Dual 1.0A Synchronous Step-down Converters
AP3421BDNTR-G1 BCDSEMI-AP3421BDNTR-G1 Datasheet
515Kb / 15P
   1.3MHz, Dual 1.0A Synchronous Step-down Converters
AP3421DNTR-G1 BCDSEMI-AP3421DNTR-G1 Datasheet
515Kb / 15P
   1.3MHz, Dual 1.0A Synchronous Step-down Converters
AP3422 BCDSEMI-AP3422 Datasheet
496Kb / 11P
   Dual 1.1MHz, 800mA Synchronous DC-DC Buck Converter
More results

Similar Description - AP3423

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3407,A BCDSEMI-AP3407,A Datasheet
336Kb / 11P
   1.2A, 1.4MHz High Efficiency Synchronous DC-DC Buck Converter
logo
Skyworks Solutions Inc.
AAT2512 SKYWORKS-AAT2512 Datasheet
1Mb / 19P
   Dual 1.4MHz, 400mA Synchronous Buck DC/DC Converter
logo
BCD Semiconductor Manuf...
AP3417A BCDSEMI-AP3417A Datasheet
499Kb / 12P
   1A, 1.4MHz High Efficiency Synchronous DC-DC Buck Converter
AP3418 BCDSEMI-AP3418 Datasheet
500Kb / 12P
   1.5A, 1.4MHz High Efficiency Synchronous DC-DC Buck Converter
logo
AiT Semiconductor Inc.
A7112 AITSEMI-A7112 Datasheet
516Kb / 10P
   DC-DC CONVERTER BUCK (STEP-DOWN) 1.2A 1.5MHz 7V SYNCHRONOUS
REV2.3
logo
Advanced Analogic Techn...
AAT1157 ANALOGICTECH-AAT1157 Datasheet
394Kb / 14P
   1MHz 1.2A Buck DC/DC Converter
logo
BCD Semiconductor Manuf...
AP3211H BCDSEMI-AP3211H_14 Datasheet
713Kb / 12P
   1.4MHz, 1.5A ASYNCHRONOUS DC-DC BUCK CONVERTER
AP3211 BCDSEMI-AP3211 Datasheet
453Kb / 12P
   1.4MHz, 1.5A ASYNCHRONOUS DC-DC BUCK CONVERTER
AP3211H BCDSEMI-AP3211H Datasheet
460Kb / 11P
   1.4MHz, 1.5A ASYNCHRONOUS DC-DC BUCK CONVERTER
logo
Diodes Incorporated
AP3211 DIODES-AP3211 Datasheet
510Kb / 11P
   1.4MHZ,1.5A ASYNCHRONOUS DC-DC BUCK CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com