Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VOL617A-4T Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VOL617A-4T
Description  Optocoupler, Phototransistor Output, Low Input Current, 4 Pin LSOP, Long Creepage Mini-Flat Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VOL617A-4T Datasheet(HTML) 1 Page - Vishay Siliconix

  VOL617A-4T Datasheet HTML 1Page - Vishay Siliconix VOL617A-4T Datasheet HTML 2Page - Vishay Siliconix VOL617A-4T Datasheet HTML 3Page - Vishay Siliconix VOL617A-4T Datasheet HTML 4Page - Vishay Siliconix VOL617A-4T Datasheet HTML 5Page - Vishay Siliconix VOL617A-4T Datasheet HTML 6Page - Vishay Siliconix VOL617A-4T Datasheet HTML 7Page - Vishay Siliconix VOL617A-4T Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
VOL617A
www.vishay.com
Vishay Semiconductors
Rev. 1.6, 30-Jan-13
1
Document Number: 82424
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Optocoupler, Phototransistor Output, Low Input Current,
4 Pin LSOP, Long Creepage Mini-Flat Package
DESCRIPTION
The VOL617A has a GaAs infrared emitting diode emitter,
which is optically coupled to a silicon planar phototransistor
detector, and is incorporated in a 4 pin LSOP wide body
package.
It features a high current transfer ratio, low coupling
capacitance, and high isolation voltage.
The coupling device is designed for signal transmission
between two electrically separated circuits.
FEATURES
• Low profile package
• High collector emitter voltage, VCEO = 80 V
• Isolation test voltage, 5000 VRMS
• Isolation voltage VIORM = 1050 Vpeak
• Low coupling capacitance
• High common mode transient immunity
• Material
categorization:
For definitions
of
compliance please see www.vishay.com/doc?99912
APPLICATIONS
•Telecom
• Industrial controls
• Battery powered equipment
• Office machines
• Programmable controllers
AGENCY APPROVALS
(All parts are certified under base model VOL617A)
• UL1577, file no. E76222
• cUL CSA 22.2 bulletin 5A, double protection
• DIN EN 60747-5-5 (VDE 0884-5), available with option 1
• BSI: EN 60065:2002, EN 60950-1:2006
• FIMKO EN60950-1
• CQC: GB8898-2011, GB4943.1-2011
E
C
A
C
1
2
4
3
17295-6
ORDERING INFORMATION
V
O
L
6
1
7
A
-
#
X
001
T
PART NUMBER
CTR
BIN
PACKAGE OPTION
TAPE
AND
REEL
AGENCY CERTIFIED/PACKAGE
CTR (%)
5 mA
UL, cUL, BSI, FIMKO, CQC
40 to 80
63 to 125
100 to 200
160 to 320
4 pin LSOP, mini-flat, long creepage
VOL617A-1T
VOL617A-2T
VOL617A-3T
VOL617A-4T
UL, cUL, BSI, FIMKO, CQC, VDE (option 1)
40 to 80
63 to 125
100 to 200
160 to 320
4 pin LSOP, mini-flat, long creepage
VOL617A-1X001T
VOL617A-2X001T
VOL617A-3X001T
VOL617A-4X001T
LSOP-5
10.2 mm


Similar Part No. - VOL617A-4T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VOL617A-4T VISHAY-VOL617A-4T Datasheet
176Kb / 9P
   Optocoupler, Phototransistor Output, 4 Pin LSOP, Long Creepage Mini-Flat Package
Rev. 2.0, 13-Oct-15
VOL617A-4T VISHAY-VOL617A-4T Datasheet
219Kb / 10P
   Optocoupler, Phototransistor Output, 4 Pin LSOP, Long Creepage Mini-Flat Package
01-Jan-2022
More results

Similar Description - VOL617A-4T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VOL618A VISHAY-VOL618A_V01 Datasheet
173Kb / 9P
   Optocoupler, Phototransistor Output, Low Input Current, 4 Pin LSOP, Long Creepage Mini-Flat Package
01-Jan-2022
VOL618A VISHAY-VOL618A_V02 Datasheet
174Kb / 9P
   Optocoupler, Phototransistor Output, Low Input Current, 4 Pin LSOP, Long Creepage Mini-Flat Package
01-Jan-2023
VOL618A VISHAY-VOL618A_15 Datasheet
176Kb / 9P
   Optocoupler, Phototransistor Output, Low Input Current, 4 Pin LSOP, Long Creepage Mini-Flat Package
Rev. 1.8, 13-Oct-15
VOL618A VISHAY-VOL618A Datasheet
172Kb / 8P
   Optocoupler, Phototransistor Output, Low Input Current, 4 Pin LSOP, Long Creepage Mini-Flat Package
Rev. 1.7, 30-Jan-13
VOL617A VISHAY-VOL617A_V02 Datasheet
220Kb / 10P
   Optocoupler, Phototransistor Output, 4 Pin LSOP, Long Creepage Mini-Flat Package
01-Jan-2023
VOL617A VISHAY-VOL617A_V01 Datasheet
219Kb / 10P
   Optocoupler, Phototransistor Output, 4 Pin LSOP, Long Creepage Mini-Flat Package
01-Jan-2022
VOL617A VISHAY-VOL617A_15 Datasheet
176Kb / 9P
   Optocoupler, Phototransistor Output, 4 Pin LSOP, Long Creepage Mini-Flat Package
Rev. 2.0, 13-Oct-15
VOL628A VISHAY-VOL628A_15 Datasheet
175Kb / 9P
   Optocoupler, Phototransistor Output, AC Input, Low Input Current, 4 Pin LSOP, Long Creepage Mini-Flat Package
Rev. 1.7, 13-Oct-15
VOL628A VISHAY-VOL628A_V02 Datasheet
185Kb / 9P
   Optocoupler, Phototransistor Output, AC Input, Low Input Current, 4 Pin LSOP, Long Creepage Mini-Flat Package
01-Jan-2023
VOL628A VISHAY-VOL628A Datasheet
171Kb / 8P
   Optocoupler, Phototransistor Output, AC Input, Low Input Current, 4 Pin LSOP, Long Creepage Mini-Flat Package
Rev. 1.6, 15-Feb-13
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com