Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3583,A Datasheet(PDF) 4 Page - BCD Semiconductor Manufacturing Limited

Part # AP3583,A
Description  Single Phase Synchronous Buck PWM Controller With Reference Input
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3583,A Datasheet(HTML) 4 Page - BCD Semiconductor Manufacturing Limited

  AP3583,A Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3583,A Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3583,A Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3583,A Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3583,A Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3583,A Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3583,A Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3583,A Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3583,A Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Data Sheet
Single Phase Synchronous Buck PWM Controller With Reference Input
AP3583/A
Dec. 2011 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
4
Absolute Maximum Ratings (Note 1)
Parameter
Symbol
Value
Unit
Supply Voltage
VCC
-0.3 to 15
V
BOOT Voltage
VBOOT
-0.3 to VPHASE +15
V
Voltage from UGATE to PHASE
VUGATE
-0.3 to 15
V
Voltage from PHASE, LGATE Pin to GND
VPHASE,
VLGATE
-1 to 15
V
Voltage on Other Separate Pin
-0.3 to 6
V
Thermal Resistance
θJA
50
ºC/W
Operating Junction Temperature
TJ
-40 to 125
ºC
Storage Temperature
TSTG
-65 to 150
ºC
Lead Temperature (Soldering, 10 sec)
TLEAD
260
ºC
ESD (Human Body Model) (Note 2)
2000
V
ESD (Machine Model) (Note 2)
200
V
Note 1: Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to
the device. These are stress ratings only, and functional operation of the device at these or any other conditions
beyond those indicated under “Recommended Operating Conditions” is not implied. Exposure to “Absolute
Maximum Ratings” for extended periods may affect device reliability.
Note 2: Devices are ESD sensitive. Handling precaution recommended.
Recommended Operating Conditions
Parameter
Symbol
Min
Max
Unit
Supply Input Voltage
VCC
4.5
13.2
V
Operating Junction Temperature
TJ
-40
125
°C
Operating Ambient Temperature
TA
-40
85
°C


Similar Part No. - AP3583,A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3583 DIODES-AP3583 Datasheet
738Kb / 12P
   SINGLE PHASE SYNCHRONOUS BUCK PWM CONTROLLER WITH REFERENCE INPUT
November 2018 Rev. 3- 2
AP3583A DIODES-AP3583A Datasheet
738Kb / 12P
   SINGLE PHASE SYNCHRONOUS BUCK PWM CONTROLLER WITH REFERENCE INPUT
November 2018 Rev. 3- 2
AP3583AMP-G1 DIODES-AP3583AMP-G1 Datasheet
738Kb / 12P
   SINGLE PHASE SYNCHRONOUS BUCK PWM CONTROLLER WITH REFERENCE INPUT
November 2018 Rev. 3- 2
AP3583AMPTR-G1 DIODES-AP3583AMPTR-G1 Datasheet
738Kb / 12P
   SINGLE PHASE SYNCHRONOUS BUCK PWM CONTROLLER WITH REFERENCE INPUT
November 2018 Rev. 3- 2
AP3583MP-G1 DIODES-AP3583MP-G1 Datasheet
738Kb / 12P
   SINGLE PHASE SYNCHRONOUS BUCK PWM CONTROLLER WITH REFERENCE INPUT
November 2018 Rev. 3- 2
More results

Similar Description - AP3583,A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3583 DIODES-AP3583 Datasheet
738Kb / 12P
   SINGLE PHASE SYNCHRONOUS BUCK PWM CONTROLLER WITH REFERENCE INPUT
November 2018 Rev. 3- 2
logo
Excelliance MOS Corp.
EM5302 EXCELLIANCE-EM5302 Datasheet
402Kb / 11P
   5V/12V Synchronous Buck PWM Controller with Reference Input
logo
BCD Semiconductor Manuf...
AP3586A,B,C BCDSEMI-AP3586A,B,C Datasheet
624Kb / 17P
   Single Phase Synchronous Buck PWM Controller
AP3581A,B,C BCDSEMI-AP3581A,B,C Datasheet
575Kb / 13P
   Single Phase Synchronous Buck PWM Controller
logo
Richtek Technology Corp...
RT8120 RICHTEK-RT8120_V01 Datasheet
223Kb / 17P
   Single-Phase Synchronous Buck PWM Controller
logo
Diodes Incorporated
AP3581A DIODES-AP3581A Datasheet
756Kb / 13P
   SINGLE PHASE SYNCHRONOUS BUCK PWM CONTROLLER
November 2018 Rev. 2 - 4
logo
Feature Integration Tec...
F72815 FINTEK-F72815 Datasheet
637Kb / 18P
   Synchronous Buck PWM DC-DC Controller with External Reference Voltage Input
logo
Fairchild Semiconductor
FAN6520A FAIRCHILD-FAN6520A_06 Datasheet
482Kb / 15P
   Single Synchronous Buck PWM Controller
logo
Taiwan Semiconductor Co...
TS3404 TSC-TS3404_1 Datasheet
379Kb / 10P
   Single Synchronous Buck PWM Controller
logo
Fairchild Semiconductor
FAN6520A FAIRCHILD-FAN6520A Datasheet
580Kb / 15P
   Single Synchronous Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com