Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3586BMP-G1 Datasheet(PDF) 9 Page - BCD Semiconductor Manufacturing Limited

Part # AP3586BMP-G1
Description  Single Phase Synchronous Buck PWM Controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3586BMP-G1 Datasheet(HTML) 9 Page - BCD Semiconductor Manufacturing Limited

Back Button AP3586BMP-G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3586BMP-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3586BMP-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3586BMP-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3586BMP-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP3586BMP-G1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP3586BMP-G1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP3586BMP-G1 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AP3586BMP-G1 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Data sheet
Single Phase Synchronous Buck PWM Controller
AP3586A/B/C
Mar. 2012 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
9
Typical Performance Characteristics (Continued)
Figure 8. Reference Voltage vs. Temperature
Figure 9. Reference Voltage vs. Input Voltage
Figure 10. Power-on Waveform
Figure 11. Enable Waveform
(VIN=12V, VOUT=1.2V, IOUT=0A)
(VIN=12V, VOUT=1.2V, IOUT=0A)
-40
-20
0
20
40
60
80
100
120
0.790
0.792
0.794
0.796
0.798
0.800
0.802
0.804
0.806
0.808
0.810
Temperature (
oC)
45
678
9
10
11
12
13
14
0.790
0.792
0.794
0.796
0.798
0.800
0.802
0.804
0.806
0.808
0.810
Input Voltage (V)
VIN
10V/div
VOUT
0.5V/div
Time 1ms/div
IL
5A/div
VCOMP
0.5V/div
VLGATE
5V/div
VOUT
0.5V/div
VCOMP
1V/div
VLGATE
20V/div
Time 2ms/div


Similar Part No. - AP3586BMP-G1

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP358 ANACHIP-AP358 Datasheet
263Kb / 13P
   Low Power Dual Operational Amplifiers
logo
Diodes Incorporated
AP358 DIODES-AP358 Datasheet
298Kb / 15P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
AP358 Rev. 4
AP358 DIODES-AP358 Datasheet
228Kb / 16P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
DS31007 Rev. 6 - 2
AP3581A DIODES-AP3581A Datasheet
756Kb / 13P
   SINGLE PHASE SYNCHRONOUS BUCK PWM CONTROLLER
November 2018 Rev. 2 - 4
logo
BCD Semiconductor Manuf...
AP3581A,B,C BCDSEMI-AP3581A,B,C Datasheet
575Kb / 13P
   Single Phase Synchronous Buck PWM Controller
More results

Similar Description - AP3586BMP-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3581A,B,C BCDSEMI-AP3581A,B,C Datasheet
575Kb / 13P
   Single Phase Synchronous Buck PWM Controller
logo
Richtek Technology Corp...
RT8120 RICHTEK-RT8120_V01 Datasheet
223Kb / 17P
   Single-Phase Synchronous Buck PWM Controller
logo
Diodes Incorporated
AP3581A DIODES-AP3581A Datasheet
756Kb / 13P
   SINGLE PHASE SYNCHRONOUS BUCK PWM CONTROLLER
November 2018 Rev. 2 - 4
logo
Fairchild Semiconductor
FAN6520A FAIRCHILD-FAN6520A_06 Datasheet
482Kb / 15P
   Single Synchronous Buck PWM Controller
logo
Taiwan Semiconductor Co...
TS3404 TSC-TS3404_1 Datasheet
379Kb / 10P
   Single Synchronous Buck PWM Controller
logo
Fairchild Semiconductor
FAN6520A FAIRCHILD-FAN6520A Datasheet
580Kb / 15P
   Single Synchronous Buck PWM Controller
logo
Richtek Technology Corp...
RT8238B RICHTEK-RT8238B Datasheet
219Kb / 15P
   Single Synchronous Buck PWM Controller
logo
Taiwan Semiconductor Co...
TS3405 TSC-TS3405 Datasheet
409Kb / 10P
   Single Synchronous Buck PWM Controller
logo
Richtek Technology Corp...
RT8228A RICHTEK-RT8228A Datasheet
201Kb / 15P
   Single Synchronous Buck PWM Controller
October 2021
logo
Fairchild Semiconductor
FAN6520B FAIRCHILD-FAN6520B Datasheet
550Kb / 14P
   Single Synchronous Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com