Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3700Z-G1 Datasheet(PDF) 4 Page - BCD Semiconductor Manufacturing Limited

Part # AP3700Z-G1
Description  LOW POWER PWM CONTROLLER FOR OFF-LINE BATTERY CHARGER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3700Z-G1 Datasheet(HTML) 4 Page - BCD Semiconductor Manufacturing Limited

  AP3700Z-G1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3700Z-G1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3700Z-G1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3700Z-G1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3700Z-G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3700Z-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3700Z-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3700Z-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3700Z-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
LOW POWER PWM CONTROLLER FOR OFF-LINE BATTERY CHARGER
AP3700/A
Data Sheet
4
BCD Semiconductor Manufacturing Limited
Mar. 2008 Rev. 1. 4
Parameter
Value
Unit
Supply Voltage
-0.3 to 6.0
V
Voltage at OUT (Note 2)
-0.3 to 40
V
Output Current at OUT
Internally limited
A
Power Dissipation
0.6
W
Operating Junction Temperature
150
oC
Storage Temperature
-65 to 150
oC
Lead Temperature (Soldering, 10s)
300
oC
ESD (Machine Model)
200
V
Note 1: Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device.
These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated
under "Recommended Operating Conditions" is not implied. Exposure to "Absolute Maximum Ratings" for extended periods
may affect device reliability.
Note 2: The Breadown Voltage. The actual operating voltage can not be greater than the value listed here.
Absolute Maximum Ratings (Note 1)
Package
Switching
Frequency
Temperature
Range
Part Number
Marking ID
Packing
Type
Lead Free
Green
Lead Free
Green
TO-92
60kHz
-40 to 85oC
AP3700Z-E1
AP3700Z-G1
3700Z-E1
3700Z-G1
Bulk
AP3700ZTR-E1
AP3700ZTR-G1
3700Z-E1
3700Z-G1
Ammo
AP3700AZ-E1
AP3700AZ-G1
3700AZ-E1
3700AZ-G1
Bulk
AP3700AZTR-E1
AP3700AZTR-G1
3700AZ-E1
3700AZ-G1
Ammo
BCD Semiconductor's Pb-free products, as designated with "E1" suffix in the part number, are RoHS compliant. Products with
"G1" suffix are available in green packages.
Ordering Information
Circuit Type
Blank: AP3700
E1: Lead Free
AP3700
-
TR: Ammo
Blank: Bulk
A: AP3700A
Package
Z: TO-92
G1: Green


Similar Part No. - AP3700Z-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3700Z-E1 BCDSEMI-AP3700Z-E1 Datasheet
186Kb / 10P
   LOW POWER PWM CONTROLLER FOR OFF-LINE BATTERY CHARGER
More results

Similar Description - AP3700Z-G1

ManufacturerPart #DatasheetDescription
logo
Seaward Electronics Inc...
SE3901 SEAWARD-SE3901 Datasheet
335Kb / 8P
   Low Power PWM Controller for OFF-LINE Battery Charger
logo
BCD Semiconductor Manuf...
AP3700E BCDSEMI-AP3700E Datasheet
234Kb / 12P
   LOW POWER PWM CONTROLLER FOR OFF-LINE BATTERY CHARGER
AP3700 BCDSEMI-AP3700 Datasheet
186Kb / 10P
   LOW POWER PWM CONTROLLER FOR OFF-LINE BATTERY CHARGER
logo
Seaward Electronics Inc...
SE3900 SEAWARD-SE3900 Datasheet
238Kb / 6P
   Low Power PWM Controller for OFF-LINE Battery Charger
logo
BCD Semiconductor Manuf...
AP3710 BCDSEMI-AP3710_08 Datasheet
512Kb / 16P
   LOW POWER PWM CONTROLLER FOR OFF-LINE ADAPTER
AP3710 BCDSEMI-AP3710 Datasheet
355Kb / 16P
   LOW POWER PWM CONTROLLER FOR OFF-LINE ADAPTER
logo
Fairchild Semiconductor
FAN302UL FAIRCHILD-FAN302UL Datasheet
1Mb / 19P
   PWM Controller for Low Standby Power Battery-Charger Applications
logo
Dialog Semiconductor
IW1690 DIALOG-IW1690 Datasheet
879Kb / 13P
   Low-Power Off-line Digital PWM Controller
IW1692 DIALOG-IW1692 Datasheet
1Mb / 18P
   Low-Power Off-line Digital PWM Controller
IW1689 DIALOG-IW1689 Datasheet
973Kb / 17P
   Low-Power Off-line Digital PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com