Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VOM617A-6X001T Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VOM617A-6X001T
Description  Low Input Current, Phototransistor Output, SOP-4, Mini-Flat Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VOM617A-6X001T Datasheet(HTML) 3 Page - Vishay Siliconix

  VOM617A-6X001T Datasheet HTML 1Page - Vishay Siliconix VOM617A-6X001T Datasheet HTML 2Page - Vishay Siliconix VOM617A-6X001T Datasheet HTML 3Page - Vishay Siliconix VOM617A-6X001T Datasheet HTML 4Page - Vishay Siliconix VOM617A-6X001T Datasheet HTML 5Page - Vishay Siliconix VOM617A-6X001T Datasheet HTML 6Page - Vishay Siliconix VOM617A-6X001T Datasheet HTML 7Page - Vishay Siliconix VOM617A-6X001T Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
VOM617A
www.vishay.com
Vishay Semiconductors
Rev. 1.3, 11-Dec-12
3
Document Number: 83446
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluation. Typical values are for information only and are not part of the testing requirements.
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
INPUT
Forward voltage
IF = 5 mA
VF
1.1
1.6
V
Reverse current
VR = 6 V
IR
0.01
10
μA
Capacitance
VR = 0 V, f = 1 MHz
Cj
9pF
OUTPUT
Collector emitter leakage current
VCE = 20 V
ICEO
0.3
100
nA
Collector emitter breakdown voltage
IC = 100 μA
BVCEO
80
V
Emitter collector breakdown voltage
IE = 10 μA
BVECO
7V
Collector emitter capacitance
VCE = 5 V, f = 1 MHz
CCE
2.8
pF
COUPLER
Coupling capacitance
f = 1 MHz
CIO
0.3
pF
Collector emitter saturation voltage
IF = 10 mA, IC = 2.5 mA
VCEsat
0.12
0.4
V
Cut-off frequency
IF = 10 mA, VCC = 5 V, RL = 100
Ω
fctr
110
kHz
CURRENT TRANSFER RATIO (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
IC/IF
IF = 5 mA, VCE = 5 V
VOM617A
CTR
50
600
%
VOM617A-2
CTR
63
125
%
VOM617A-3
CTR
100
200
%
VOM617A-4
CTR
160
320
%
VOM617A-6
CTR
250
500
%
VOM617A-7
CTR
80
160
%
VOM617A-8
CTR
130
260
%
VOM617A-9
CTR
200
400
%
SWITCHING CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
NON-SATURATED
Rise and fall time
IC = 2 mA, VCC = 5 V,
RL = 100
Ω
tr
3μs
Fall time
tf
3μs
Turn-on time
ton
6μs
Turn-off time
toff
4μs
SATURATED
Rise and fall time
IF = 1.6 mA, VCC = 5 V,
RL = 1.9 k
Ω
tr
7μs
Fall time
tf
12
μs
Turn-on time
ton
9μs
Turn-off time
toff
15
μs


Similar Part No. - VOM617A-6X001T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VOM617A-6X001T VISHAY-VOM617A-6X001T Datasheet
215Kb / 9P
   Low Input Current, Phototransistor Output, SOP-4, Mini-Flat Package
01-Jan-2022
More results

Similar Description - VOM617A-6X001T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VOM617A VISHAY-VOM617A_V01 Datasheet
215Kb / 9P
   Low Input Current, Phototransistor Output, SOP-4, Mini-Flat Package
01-Jan-2022
VOM618A VISHAY-VOM618A Datasheet
166Kb / 8P
   Low Input Current, Phototransistor Output, SOP-4, Mini-Flat Package
Rev. 1.3, 10-Dec-12
VOM618A VISHAY-VOM618A_V01 Datasheet
167Kb / 8P
   Low Input Current, Phototransistor Output, SOP-4, Mini-Flat Package
01-Jan-2022
VOM617A VISHAY-VOM617A_V02 Datasheet
216Kb / 9P
   Low Input Current, Phototransistor Output, SOP-4, Mini-Flat Package
01-Jan-2023
VOM618A VISHAY-VOM618A_13 Datasheet
171Kb / 8P
   Low Input Current, Phototransistor Output, SOP-4, Mini-Flat Package
Rev. 1.4, 21-Oct-13
VOM618A VISHAY-VOM618A_V02 Datasheet
168Kb / 8P
   Low Input Current, Phototransistor Output, SOP-4, Mini-Flat Package
01-Jan-2023
VOMA618A VISHAY-VOMA618A_V01 Datasheet
235Kb / 10P
   Optocoupler, Phototransistor Output, Low Input Current, SOP-4, Mini-Flat Package
01-Jan-2023
VOMA617A VISHAY-VOMA617A_V01 Datasheet
226Kb / 10P
   Optocoupler, Phototransistor Output, Low Input Current, SOP-4, Mini-Flat Package
01-Jan-2022
VOMA617A VISHAY-VOMA617A_V02 Datasheet
226Kb / 10P
   Optocoupler, Phototransistor Output, Low Input Current, SOP-4, Mini-Flat Package
01-Jan-2023
VOMA618A VISHAY-VOMA618A Datasheet
235Kb / 10P
   Optocoupler, Phototransistor Output, Low Input Current, SOP-4, Mini-Flat Package
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com