Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VOM617A-8X001T Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VOM617A-8X001T
Description  Low Input Current, Phototransistor Output, SOP-4, Mini-Flat Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VOM617A-8X001T Datasheet(HTML) 4 Page - Vishay Siliconix

  VOM617A-8X001T Datasheet HTML 1Page - Vishay Siliconix VOM617A-8X001T Datasheet HTML 2Page - Vishay Siliconix VOM617A-8X001T Datasheet HTML 3Page - Vishay Siliconix VOM617A-8X001T Datasheet HTML 4Page - Vishay Siliconix VOM617A-8X001T Datasheet HTML 5Page - Vishay Siliconix VOM617A-8X001T Datasheet HTML 6Page - Vishay Siliconix VOM617A-8X001T Datasheet HTML 7Page - Vishay Siliconix VOM617A-8X001T Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
VOM617A
www.vishay.com
Vishay Semiconductors
Rev. 1.3, 11-Dec-12
4
Document Number: 83446
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 2 - Test Circuit
Fig. 3 - Test Circuit and Waveforms
Note
• As per DIN EN 60747-5-5 (VDE 0884), § 7.4.3.8.2, this optocoupler is suitable for “safe electrical insulation” only within the safety ratings.
Compliance with the safety ratings shall be ensured by means of protective circuits.
Input
VOUT
VCC = 5 V
RL
10 %
90 %
Input pulse
Output pulse
tr
ton
t f
t off
SAFETY AND INSULATION RATINGS
PARAMETER
SYMBOL
VALUE
UNIT
MAXIMUM SAFETY RATINGS
Output safety power
PSO
300
mW
Input safety current
Isi
200
mW
Safety temperature
TS
150
°C
Comparative tracking index
CTI
175
INSULATION RATED PARAMETERS
Maximum withstanding isolation voltage
VISO
3750
VRMS
Maximum transient isolation voltage
VIOTM
6000
Vpeak
Maximum repetitive peak isolation voltage
VIORM
565
Vpeak
Insulation resistance
Tamb = 25 °C, VDC = 500 V
RIO
1012
Ω
Isolation resistance
Tamb = 100 °C, VDC = 500 V
RIO
1011
Ω
Climatic classification (according to IEC 68 part 1)
55/110/21
Environment (pollution degree in accordance to DIN VDE 0109)
2
Internal creepage
≥ 5
mm
External creepage
≥ 5
mm
Clearance
≥ 5
mm
Insulation thickness
≥ 0.4
mm


Similar Part No. - VOM617A-8X001T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VOM617A-8X001T VISHAY-VOM617A-8X001T Datasheet
215Kb / 9P
   Low Input Current, Phototransistor Output, SOP-4, Mini-Flat Package
01-Jan-2022
VOM617A-8X001T2 VISHAY-VOM617A-8X001T2 Datasheet
215Kb / 9P
   Low Input Current, Phototransistor Output, SOP-4, Mini-Flat Package
01-Jan-2022
More results

Similar Description - VOM617A-8X001T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VOM617A VISHAY-VOM617A_V01 Datasheet
215Kb / 9P
   Low Input Current, Phototransistor Output, SOP-4, Mini-Flat Package
01-Jan-2022
VOM618A VISHAY-VOM618A Datasheet
166Kb / 8P
   Low Input Current, Phototransistor Output, SOP-4, Mini-Flat Package
Rev. 1.3, 10-Dec-12
VOM618A VISHAY-VOM618A_V01 Datasheet
167Kb / 8P
   Low Input Current, Phototransistor Output, SOP-4, Mini-Flat Package
01-Jan-2022
VOM617A VISHAY-VOM617A_V02 Datasheet
216Kb / 9P
   Low Input Current, Phototransistor Output, SOP-4, Mini-Flat Package
01-Jan-2023
VOM618A VISHAY-VOM618A_13 Datasheet
171Kb / 8P
   Low Input Current, Phototransistor Output, SOP-4, Mini-Flat Package
Rev. 1.4, 21-Oct-13
VOM618A VISHAY-VOM618A_V02 Datasheet
168Kb / 8P
   Low Input Current, Phototransistor Output, SOP-4, Mini-Flat Package
01-Jan-2023
VOMA618A VISHAY-VOMA618A_V01 Datasheet
235Kb / 10P
   Optocoupler, Phototransistor Output, Low Input Current, SOP-4, Mini-Flat Package
01-Jan-2023
VOMA617A VISHAY-VOMA617A_V01 Datasheet
226Kb / 10P
   Optocoupler, Phototransistor Output, Low Input Current, SOP-4, Mini-Flat Package
01-Jan-2022
VOMA617A VISHAY-VOMA617A_V02 Datasheet
226Kb / 10P
   Optocoupler, Phototransistor Output, Low Input Current, SOP-4, Mini-Flat Package
01-Jan-2023
VOMA618A VISHAY-VOMA618A Datasheet
235Kb / 10P
   Optocoupler, Phototransistor Output, Low Input Current, SOP-4, Mini-Flat Package
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com