Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VOM617A-9X001T Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VOM617A-9X001T
Description  Low Input Current, Phototransistor Output, SOP-4, Mini-Flat Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VOM617A-9X001T Datasheet(HTML) 1 Page - Vishay Siliconix

  VOM617A-9X001T Datasheet HTML 1Page - Vishay Siliconix VOM617A-9X001T Datasheet HTML 2Page - Vishay Siliconix VOM617A-9X001T Datasheet HTML 3Page - Vishay Siliconix VOM617A-9X001T Datasheet HTML 4Page - Vishay Siliconix VOM617A-9X001T Datasheet HTML 5Page - Vishay Siliconix VOM617A-9X001T Datasheet HTML 6Page - Vishay Siliconix VOM617A-9X001T Datasheet HTML 7Page - Vishay Siliconix VOM617A-9X001T Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
VOM617A
www.vishay.com
Vishay Semiconductors
Rev. 1.3, 11-Dec-12
1
Document Number: 83446
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Low Input Current, Phototransistor Output, SOP-4,
Mini-Flat Package
DESCRIPTION
The 110 °C rated VOM617A has a GaAs infrared emitting
diode emitter, which is optically coupled to a silicon planar
phototransistor detector, and is incorporated in a 4 pin
100 mil lead pitch miniflat package. It features a high current
transfer ratio, low coupling capacitance, and high isolation
voltage.
These coupling devices are designed for signal transmission
between two electrically separated circuits.
AGENCY APPROVALS
(All parts are certified under base model VOM617A)
• UL1577, file no. E52744
• cUL tested to CSA 22.2 bulletin 5A
• DIN EN 60747-5-5 (VDE 0884-5), available with option 1
• FIMKO EN 60065 and EN 60950-1
• CQC GB8898-2011, GB4943.1-2001
FEATURES
• Operating temperature from - 55 °C to + 110 °C
• SOP-4 mini-flat package
• Isolation test voltage, 3750 VRMS
• Low saturation voltage
• Fast switching times
• Low coupling capacitance
• End-stackable, 0.100" (2.54 mm) spacing
• CTR range 40 % to 600 %, IF = 5 mA
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
•PLCs
• Telecommunication
• Lighting control system
• Solar inverters
• AC drives
E
C
A
C
1
2
4
3
i179089
ORDERING INFORMATION
VO
M
6
1
7
A
-
#
X
0
0
1
T
PART NUMBER
CTR
BIN
VDE OPTION
TAPE
AND
REEL
AGENCY
CERTIFIED/
PACKAGE
CTR (%)
5 mA
UL, cUL,
FIMKO, CQC
50 to 600
63 to 125
100 to 200
160 to 320
250 to 500
80 to 160
130 to 260
200 to 400
SOP-4,
mini-flat
VOM617AT VOM617A-2T VOM617A-3T VOM617A-4T VOM617A-6T VOM617A-7T VOM617A-8T VOM617A-9T
VDE, UL, cUL,
FIMKO, CQC
50 to 600
63 to 125
100 to 200
160 to 320
250 to 500
80 to 160
130 to 260
200 to 400
SOP-4,
mini-flat
VOM617A-
X001T
VOM617A-
2X001T
VOM617A-
3X001T
VOM617A-
4X001T
VOM617A-
6X001T
VOM617A-
7X001T
VOM617A-
8X001T
VOM617A-
9X001T
SOP-4
≥ 5


Similar Part No. - VOM617A-9X001T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VOM617A-9X001T VISHAY-VOM617A-9X001T Datasheet
215Kb / 9P
   Low Input Current, Phototransistor Output, SOP-4, Mini-Flat Package
01-Jan-2022
More results

Similar Description - VOM617A-9X001T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VOM617A VISHAY-VOM617A_V01 Datasheet
215Kb / 9P
   Low Input Current, Phototransistor Output, SOP-4, Mini-Flat Package
01-Jan-2022
VOM618A VISHAY-VOM618A Datasheet
166Kb / 8P
   Low Input Current, Phototransistor Output, SOP-4, Mini-Flat Package
Rev. 1.3, 10-Dec-12
VOM618A VISHAY-VOM618A_V01 Datasheet
167Kb / 8P
   Low Input Current, Phototransistor Output, SOP-4, Mini-Flat Package
01-Jan-2022
VOM617A VISHAY-VOM617A_V02 Datasheet
216Kb / 9P
   Low Input Current, Phototransistor Output, SOP-4, Mini-Flat Package
01-Jan-2023
VOM618A VISHAY-VOM618A_13 Datasheet
171Kb / 8P
   Low Input Current, Phototransistor Output, SOP-4, Mini-Flat Package
Rev. 1.4, 21-Oct-13
VOM618A VISHAY-VOM618A_V02 Datasheet
168Kb / 8P
   Low Input Current, Phototransistor Output, SOP-4, Mini-Flat Package
01-Jan-2023
VOMA618A VISHAY-VOMA618A_V01 Datasheet
235Kb / 10P
   Optocoupler, Phototransistor Output, Low Input Current, SOP-4, Mini-Flat Package
01-Jan-2023
VOMA617A VISHAY-VOMA617A_V01 Datasheet
226Kb / 10P
   Optocoupler, Phototransistor Output, Low Input Current, SOP-4, Mini-Flat Package
01-Jan-2022
VOMA617A VISHAY-VOMA617A_V02 Datasheet
226Kb / 10P
   Optocoupler, Phototransistor Output, Low Input Current, SOP-4, Mini-Flat Package
01-Jan-2023
VOMA618A VISHAY-VOMA618A Datasheet
235Kb / 10P
   Optocoupler, Phototransistor Output, Low Input Current, SOP-4, Mini-Flat Package
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com