Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP4305KTR-G1 Datasheet(PDF) 4 Page - BCD Semiconductor Manufacturing Limited

Part # AP4305KTR-G1
Description  CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP4305KTR-G1 Datasheet(HTML) 4 Page - BCD Semiconductor Manufacturing Limited

  AP4305KTR-G1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP4305KTR-G1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP4305KTR-G1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP4305KTR-G1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP4305KTR-G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP4305KTR-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP4305KTR-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP4305KTR-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP4305KTR-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
AP4305
4
May 2010 Rev. 2. 0
BCD Semiconductor Manufacturing Limited
Data Sheet
Parameter
Symbol
Value
Unit
Power Supply Voltage
VCC
20
V
Input Voltage
VIN
-0.3 to VCC
V
Junction Temperature
TJ
150
oC
Storage Temperature
TSTG
-65 to 150
oC
Lead Temperature (Soldering, 5sec)
TLEAD
260
oC
Package Thermal Resistance (Junction to Case)
θJC
92
oC/W
Note 1: Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device.
These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated
under "Recommended Operating Conditions" is not implied. Exposure to "Absolute Maximum Ratings" for extended periods
may affect device reliability.
Parameter
Symbol
Min
Max
Unit
Power Supply Voltage
VCC
2.5
18
V
Operating Temperature Range
TA
-40
105
oC
Recommended Operating Conditions
Absolute Maximum Ratings (Note 1)


Similar Part No. - AP4305KTR-G1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP4305KTR-G1 DIODES-AP4305KTR-G1 Datasheet
451Kb / 10P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
More results

Similar Description - AP4305KTR-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP4313 BCDSEMI-AP4313_10 Datasheet
685Kb / 12P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
logo
Seaward Electronics Inc...
SE1052 SEAWARD-SE1052 Datasheet
288Kb / 8P
   Constant Voltage and Constant Current Controller
logo
Diodes Incorporated
AP4305 DIODES-AP4305 Datasheet
451Kb / 10P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
AP4313 DIODES-AP4313 Datasheet
359Kb / 9P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
AP4312Q DIODES-AP4312Q Datasheet
562Kb / 11P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
logo
Unisonic Technologies
UM608 UTC-UM608_15 Datasheet
221Kb / 4P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
logo
Diodes Incorporated
AP4306 DIODES-AP4306 Datasheet
369Kb / 11P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
logo
BCD Semiconductor Manuf...
AP4306 BCDSEMI-AP4306 Datasheet
705Kb / 12P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
AP4313 BCDSEMI-AP4313_07 Datasheet
216Kb / 12P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
AP4305 BCDSEMI-AP4305_07 Datasheet
218Kb / 12P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com