Selected language     English  ▼


AM25P03-60D Datasheet(PDF) 2 Page - Analog Power

Part No. AM25P03-60D
Description  P-Channel 30-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ANALOGPOWER [Analog Power]
Homepage  http://www.analogpowerinc.com/index.html
Logo 

   
 2 page
background image
2
AM25P03-60D
Analog Power
May, 2005 - Rev. A
PRELIMINARY
Publication Order Number:
DS-AM25P03-60_D
Notes
a.
Pulse test: PW <= 300us duty cycle <= 2%.
b.
Guaranteed by design, not subject to production testing.
Analog Power (APL) reserves the right to make changes without further notice to any products herein. APL makes no warranty, representation
or guarantee regarding the suitability of its products for any particular purpose, nor does APL assume any liability arising out of the application or
use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental
damages. “Typical” parameters which may be provided in APL data sheets and/or specifications can and do vary in different applications and
actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer application by
customer’s technical experts. APL does not convey any license under its patent rights nor the rights of others. APL products are not designed,
intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or
sustain life, or for any other application in which the failure of the APL product could create a situation where personal injury or death may occur.
Should Buyer purchase or use APL products for any such unintended or unauthorized application, Buyer shall indemnify and hold APL and its
officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney
fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such
claim alleges that APL was negligent regarding the design or manufacture of the part. APL is an Equal Opportunity/Affirmative Action Employer.
Min
Typ
Max
Gate-Threshold Voltage
VGS(th)
VDS = VGS, ID = -250 uA
-1
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ±12 V
±100
nA
VDS = -21 V, VGS = 0 V
-1
VDS = -21 V, VGS = 0 V, TJ = 55
oC
-5
On-State Drain Current
A
ID(on)
VDS = -5 V, VGS = -10 V
-41
A
VGS = -4.5 V, ID = -24 A
59
VGS = -2.5 V, ID = -19 A
95
Forward Tranconductance
A
gfs
VDS = -15 V, ID = -24 A
31
S
Diode Forward Voltage
VSD
IS = -41 A, VGS = 0 V
-0.7
V
Total Gate Charge
Qg
25.0
Gate-Source Charge
Qgs
2.4
Gate-Drain Charge
Qgd
3.9
Turn-On Delay Time
td(on)
10
Rise Time
tr
2.8
Turn-Off Delay Time
td(off)
53.6
Fall-Time
tf
46
Dynamic
b
Switching
Drain-Source On-Resistance
A
rDS(on)
mΩ
VDD = -15 V, RL = 15 Ω , ID = -24
A,
VGEN = -10 V, RG = 6Ω
nS
VDS = -15 V, VGS = -4.5 V,
ID = -24 A
nC
SPECIFICATIONS (TA = 25
oC UNLESS OTHERWISE NOTED)
uA
IDSS
Zero Gate Voltage Drain Current
Static
Test Conditions
Symbol
Parameter
Limits
Unit




Html Pages

1  2  3  4  5 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl