Selected language     English  ā–¼


AM25P03-60D Datasheet(PDF) 3 Page - Analog Power

Part No. AM25P03-60D
Description  P-Channel 30-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ANALOGPOWER [Analog Power]
Homepage  http://www.analogpowerinc.com/index.html
Logo 

   
 3 page
background image
3
AM25P03-60D
Analog Power
May, 2005 - Rev. A
PRELIMINARY
Publication Order Number:
DS-AM25P03-60_D
Typical Electrical Characteristics
Figure 5. Gate Charge
Figure 1. Output Characteristics
Figure 2. Transfer Characteristics
Figure 4. Capacitance
Figure 6. On-Resistance vs. Junction Temperature
0
5
10
15
20
012
3
4
-VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = -4.5V
-2.5V
0
5
10
15
0.5
1
1.5
2
2.5
-VGS, GATE TO SOURCE VOLTAGE (V)
TA = -55
oC
25
oC
125
oC
Figure 3. On-Resistance vs. Drain Current
0.8
1
1.2
1.4
1.6
0
5
10
15
20
-ID, DIRAIN CURRENT (A)
VGS = -2.5V
-4.5V
-10
-8
-6
-4
-2
0
0
4
8
121620
Qg, Charge (nC)
0.6
0.8
1
1.2
1.4
1.6
-50
-25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (
oC)
VGS = -4.5V
0
200
400
600
800
1000
1200
0
4
8
1216
2024
V
DS - Drai n -to-S ou rce Vol tage (V)
Ciss
Coss
Crss




Html Pages

1  2  3  4  5 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl