Selected language     English  ▼


AM25P03-60D Datasheet(PDF) 4 Page - Analog Power

Part No. AM25P03-60D
Description  P-Channel 30-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ANALOGPOWER [Analog Power]
Homepage  http://www.analogpowerinc.com/index.html
Logo 

   
 4 page
background image
4
AM25P03-60D
Analog Power
May, 2005 - Rev. A
PRELIMINARY
Publication Order Number:
DS-AM25P03-60_D
0.0001
0.001
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
-VSD, BODY DIODE FORWARD VOLTAGE (V)
TA = 125
oC
25
oC
0
0.03
0.06
0.09
0.12
0.15
12
3
4
5
-VGS, GATE TO SOURCE VOLTAGE (V)
Typical Electrical Characteristics
Figure 11. Transient Thermal Response Curve
Figure 10. Single Pulse Maximum Power Dissipation
Figure 9. Vth Gate to Source Voltage Vs Temperature
Figure 7. Source-Drain Diode Forward Voltage
Figure 8. On-Resistance with Gate to Source Voltage
Normalized Thermal Transient Junction to Ambient
0.4
0.6
0.8
1
1.2
-50
-25
0
25
50
75
100
125
150
TA, AMBIENT TEMPERATURE (
oC)
ID = -250µA
0
10
20
30
40
50
0.001
0.01
0.1
1
10
100
1000
Time (sec)
SINGLE PULSE
RθJA = 250°C/W
TA = 25°C
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
Square Wave Puls e Duration (s e c)
RθJA(t) = r(t) +
RθJA
RθJA = 250 °C/W
T
J - TA = P *
RθJA(t)
Duty Cycle, D = t
1
/t
P(pk
t
1
t
2
SINGLEPULSE
0.01
0.02
0.05
0.1
0.2
D =0.5




Html Pages

1  2  3  4  5 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl