Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APD260VG-G1 Datasheet(PDF) 5 Page - BCD Semiconductor Manufacturing Limited

Part # APD260VG-G1
Description  SCHOTTKY BARRIER RECTIFIERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

APD260VG-G1 Datasheet(HTML) 5 Page - BCD Semiconductor Manufacturing Limited

  APD260VG-G1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited APD260VG-G1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited APD260VG-G1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited APD260VG-G1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited APD260VG-G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited APD260VG-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited APD260VG-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited APD260VG-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited APD260VG-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
SCHOTTKY BARRIER RECTIFIERS
APD260
Data Sheet
5
Aug. 2011 Rev. 1. 7
BCD Semiconductor Manufacturing Limited
Figure 5. Maximum Non-Repetitive
Figure 6. Typical Reverse Characteristics
Figure 7. Typical Junction Capacitance
Typical Performance Characteristics (Continued)
Peak Forward Surge Current
10
100
10
15
20
25
30
35
40
45
50
Number of Cycles at 60Hz
T
J=TJ(max)
Single Half Sine-Wave
0
20406080
100
10
0
10
1
10
2
10
3
10
4
10
5
Percent of Rated Peak Reverse Voltage (%)
T
J=25
oC
T
J=125
oC
0.1
1
10
100
10
100
Reverse Voltage (V)
T
J=25
oC
f=1.0MHz
V
SIG=50mVp-p


Similar Part No. - APD260VG-G1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
APD260VG-G1 DIODES-APD260VG-G1 Datasheet
290Kb / 10P
   SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - APD260VG-G1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com