Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATS017017003-MF-5B Datasheet(PDF) 1 Page - Advanced Thermal Solutions, Inc.

Part # ATS017017003-MF-5B
Description  17.00 x 17.00 x 3.00 mm BGA Heat Sink (High Aspect Ratio Ext.) Slant Fin
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATS [Advanced Thermal Solutions, Inc.]
Direct Link  http://www.qats.com
Logo ATS - Advanced Thermal Solutions, Inc.

ATS017017003-MF-5B Datasheet(HTML) 1 Page - Advanced Thermal Solutions, Inc.

  ATS017017003-MF-5B Datasheet HTML 1Page - Advanced Thermal Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Rev - 040413
BGA Heat Sink (High Aspect Ratio Ext.)
Slant Fin
*Image above is for illustration purpose only.
ATS Part#:
ATS017017003-MF-5B
Description:
17.00 x 17.00 x 3.00 mm BGA Heat Sink (High Aspect Ratio Ext.) Slant Fin
Heat Sink Type:
Slant Fin
Heat Sink Attachment:
N/A
Equivalent Part Number:
N/A
Features & Benefits
Features a low profile, slant fin array that offers many of the performance benefits of maxiFLOW™ at a great value
Fabricated from extruded aluminum, which minimizes thermal resistance from the base to the fins, reduces weight and keeps costs low
Higher performance helps ensure reliable product life at a lower cost than other extruded heat sinks
Comes standard without interface material or with most common pressure sensitive thermal tapes as a custom option
Thermal Performance
AIR VELOCITY
@200 LFM
1.0 M/S
@300 LFM
1.5 M/S
@400 LFM
2.0 M/S
@500 LFM
2.5 M/S
@600 LFM
3.0 M/S
@700 LFM
3.5 M/S
@800 LFM
4.0 M/S
THERMAL RESISTANCE
Unducted Flow
62.61 °C/W
61.8 °C/W
57.8 °C/W
54.9 °C/W
52.4 °C/W
50 °C/W
47.6 °C/W
Ducted Flow
27.8
23.4
20.6
18.7
17.2
16.1
15.1
Product Detail
Schematic Image
Dimension A
Dimension B
Dimension C
Dimension D
TIM
Finish
*Image above is for illustration purpose only.
17.00 mm
17.00 mm
3.00 mm
17.35 mm
N/A
BLACK-ANODIZED
Notes:
Dimension A and B refer to component size.
Dimension C is the heat sink height from the bottom of the base to the top of the fin field.
Dimension D is fin tip to fin tip.
Thermal performance data are provided for reference only. Actual performance may vary by
application.
ATS reserves the right to update or change its products without notice to improve the design or
performance.
ATS certifies that this heat sink assembly is RoHS-6 and REACH compliant.
Contact ATS to learn about custom options available.
For more information, to find a distributor or to place an order, please contact us at
781-769-2800 (North America), sales@qats.com or www.qats.com.
© 2013 Advanced Thermal Solutions, Inc. | 89-27 Access Road | Norwood MA | 02062 | USA


Similar Part No. - ATS017017003-MF-5B

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATS017017003-PF-5B ATS-ATS017017003-PF-5B Datasheet
390Kb / 1P
   17.00 x 17.00 x 3.00 mm BGA Heat Sink (High Aspect Ratio Ext.) Custom Pin Fin
Rev - 050413
ATS017017003-SF-5B ATS-ATS017017003-SF-5B Datasheet
418Kb / 1P
   17.00 x 17.00 x 3.00 mm BGA Heat Sink (High Aspect Ratio Ext.) Straight Fin
Rev - 040413
More results

Similar Description - ATS017017003-MF-5B

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATS017017017-MF-5P ATS-ATS017017017-MF-5P Datasheet
420Kb / 1P
   17.00 x 17.00 x 17.00 mm BGA Heat Sink (High Aspect Ratio Ext.) Slant Fin
Rev - 040413
ATS017017003-SF-5B ATS-ATS017017003-SF-5B Datasheet
418Kb / 1P
   17.00 x 17.00 x 3.00 mm BGA Heat Sink (High Aspect Ratio Ext.) Straight Fin
Rev - 040413
ATS017017011-MF-5J ATS-ATS017017011-MF-5J Datasheet
420Kb / 1P
   17.00 x 17.00 x 11.00 mm BGA Heat Sink (High Aspect Ratio Ext.) Slant Fin
Rev - 040413
ATS017017020-MF-5S ATS-ATS017017020-MF-5S Datasheet
420Kb / 1P
   17.00 x 17.00 x 20.00 mm BGA Heat Sink (High Aspect Ratio Ext.) Slant Fin
Rev - 040413
ATS017017022-MF-5U ATS-ATS017017022-MF-5U Datasheet
420Kb / 1P
   17.00 x 17.00 x 22.00 mm BGA Heat Sink (High Aspect Ratio Ext.) Slant Fin
Rev - 040413
ATS017017004-MF-5C ATS-ATS017017004-MF-5C Datasheet
420Kb / 1P
   17.00 x 17.00 x 4.00 mm BGA Heat Sink (High Aspect Ratio Ext.) Slant Fin
Rev - 040413
ATS017017005-MF-5D ATS-ATS017017005-MF-5D Datasheet
420Kb / 1P
   17.00 x 17.00 x 5.00 mm BGA Heat Sink (High Aspect Ratio Ext.) Slant Fin
Rev - 040413
ATS017017007-MF-5F ATS-ATS017017007-MF-5F Datasheet
420Kb / 1P
   17.00 x 17.00 x 7.00 mm BGA Heat Sink (High Aspect Ratio Ext.) Slant Fin
Rev - 040413
ATS017017019-MF-5R ATS-ATS017017019-MF-5R Datasheet
420Kb / 1P
   17.00 x 17.00 x 19.00 mm BGA Heat Sink (High Aspect Ratio Ext.) Slant Fin
Rev - 040413
ATS017017006-MF-5E ATS-ATS017017006-MF-5E Datasheet
420Kb / 1P
   17.00 x 17.00 x 6.00 mm BGA Heat Sink (High Aspect Ratio Ext.) Slant Fin
Rev - 040413
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com