Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS339AMTR-E1 Datasheet(PDF) 8 Page - BCD Semiconductor Manufacturing Limited

Part # AS339AMTR-E1
Description  LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AS339AMTR-E1 Datasheet(HTML) 8 Page - BCD Semiconductor Manufacturing Limited

Back Button AS339AMTR-E1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AS339AMTR-E1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AS339AMTR-E1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AS339AMTR-E1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AS339AMTR-E1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AS339AMTR-E1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AS339AMTR-E1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AS339AMTR-E1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AS339AMTR-E1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
AS339/339A
Data Sheet
8
Jan. 2013 Rev. 2. 1
BCD Semiconductor Manufacturing Limited
Unit: mm(inch)
Mechanical Dimensions
DIP-14
Note: Eject hole, oriented hole and mold mark is optional.
0.254(0.010)
10°
10°
18.800(0.740)
19.200(0.756)
0.360(0.014)
0.560(0.022)
2.540(0.100)TYP
R1.000(0.039)
0.130(0.005)MIN
7.620(0.300)TYP
0.700(0.028)
Φ
3.000(0.118)
Depth
0.100(0.004)
0.200(0.008)
8.200(0.323)
9.400(0.370)
0.204(0.008)
0.360(0.014)
1.600(0.063)
1.800(0.071)
1.600(0.063)
1.800(0.071)
1.524(0.060) TYP
3.000(0.118)
3.600(0.142)
0.510(0.020)MIN
6.200(0.244)
6.600(0.260)


Similar Part No. - AS339AMTR-E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AS339AMTR-E1 BCDSEMI-AS339AMTR-E1 Datasheet
169Kb / 11P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
Diodes Incorporated
AS339AMTR-E1 DIODES-AS339AMTR-E1 Datasheet
432Kb / 12P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
More results

Similar Description - AS339AMTR-E1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR339 LRC-LR339 Datasheet
134Kb / 6P
   Low Power Low Offset Voltage Quad Comparators
logo
Diodes Incorporated
AS339 DIODES-AS339 Datasheet
432Kb / 12P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
National Semiconductor ...
LM139 NSC-LM139 Datasheet
465Kb / 19P
   Low Power Low Offset Voltage Quad Comparators
LM2901EP NSC-LM2901EP Datasheet
750Kb / 17P
   Low Power Low Offset Voltage Quad Comparators
logo
Tiger Electronic Co.,Lt...
LM2901D TGS-LM2901D Datasheet
249Kb / 4P
   Low Power Low Offset Voltage Quad Comparators
logo
Texas Instruments
LM139AQML TI1-LM139AQML_16 Datasheet
1Mb / 29P
[Old version datasheet]   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
National Semiconductor ...
LM139JAN NSC-LM139JAN Datasheet
770Kb / 20P
   Low Power Low Offset Voltage Quad Comparators
logo
Tiger Electronic Co.,Lt...
LM339D TGS-LM339D Datasheet
2Mb / 4P
   Low Power Low Offset Voltage Quad Comparators
logo
List of Unclassifed Man...
AZ339 ETC1-AZ339 Datasheet
246Kb / 9P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
Shaoxing Devechip Micro...
SDP339 SDC-SDP339 Datasheet
550Kb / 11P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com