Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS358,358A Datasheet(PDF) 6 Page - BCD Semiconductor Manufacturing Limited

Part # AS358,358A
Description  LOW POWER DUAL OPERATIONAL AMPLIFIERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AS358,358A Datasheet(HTML) 6 Page - BCD Semiconductor Manufacturing Limited

Back Button AS358,358A Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AS358,358A Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AS358,358A Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AS358,358A Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AS358,358A Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AS358,358A Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AS358,358A Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AS358,358A Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AS358,358A Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LOW POWER DUAL OPERATIONAL AMPLIFIERS
AS358/358A
6
BCD Semiconductor Manufacturing Limited
Jan. 2013 Rev. 2. 2
Data Sheet
Typical Performance Characteristics
0
5
10
15
0
5
10
15
POSITIVE
NEGATIVE
Power Supply Voltage (+V
DC)
Figure 4. Input Voltage Range
Figure 5. Input Current
Figure 6. Supply Current
Figure 7. Voltage Gain
-25
0
25
50
75
100
125
0
2
4
6
8
10
12
14
16
18
20
Temperature (
oC)
0
5
10
15
20
25
30
35
40
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Supply Voltage (V)
0
8
16
24
32
40
60
75
90
105
120
Power Supply Voltage (V)
R
L=2KΩ
R
L=20KΩ
Electrical Characteristics (Continued)
Note 3: The input common-mode voltage of either input signal voltage should not be allowed to go negatively by
more than 0.3V (at 25oC). The upper end of the common-mode voltage range is VCC-1.5V (at 25oC), but either or
both inputs can go to +36V without damages, independent of the magnitude of the VCC.


Similar Part No. - AS358,358A

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AS358 BCDSEMI-AS358 Datasheet
276Kb / 15P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
AS358 BCDSEMI-AS358 Datasheet
819Kb / 16P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
logo
Diodes Incorporated
AS358 DIODES-AS358 Datasheet
631Kb / 19P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
AS358 DIODES-AS358 Datasheet
571Kb / 19P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
logo
ams AG
AS3588A AMSCO-AS3588A Datasheet
98Kb / 15P
   DIGITAL TIME/SPACE CROSSPOINT SWITCH
More results

Similar Description - AS358,358A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL022C TI-TL022C Datasheet
87Kb / 5P
[Old version datasheet]   DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LM158 NSC-LM158 Datasheet
276Kb / 16P
   Low Power Dual Operational Amplifiers
LM158 NSC-LM158 Datasheet
1,009Kb / 25P
   Low Power Dual Operational Amplifiers
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158 Datasheet
264Kb / 12P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
July 2003
logo
Texas Instruments
TL022C TI1-TL022C_14 Datasheet
686Kb / 15P
[Old version datasheet]   DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158_07 Datasheet
318Kb / 20P
   Low power dual operational amplifiers
LM158W STMICROELECTRONICS-LM158W_08 Datasheet
326Kb / 18P
   Low power dual operational amplifiers
logo
Diodes Incorporated
AP358 DIODES-AP358 Datasheet
298Kb / 15P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
AP358 Rev. 4
logo
Hi-Sincerity Mocroelect...
HLM358 HSMC-HLM358 Datasheet
108Kb / 7P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
logo
Global Mixed-mode Techn...
G1520 GMT-G1520 Datasheet
797Kb / 1P
   Low Power Dual Operational Amplifiers
logo
Princeton Technology Co...
RS358 PTC-RS358 Datasheet
217Kb / 5P
   Low Power Dual Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com