Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7818AT-G1 Datasheet(PDF) 2 Page - BCD Semiconductor Manufacturing Limited

Part # AS7818AT-G1
Description  1A 3-TERMINAL POSITIVE VOLTAGE REGULATOR
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AS7818AT-G1 Datasheet(HTML) 2 Page - BCD Semiconductor Manufacturing Limited

  AS7818AT-G1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AS7818AT-G1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AS7818AT-G1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AS7818AT-G1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AS7818AT-G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AS7818AT-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AS7818AT-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AS7818AT-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AS7818AT-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
1A 3-TERMINAL POSITIVE VOLTAGE REGULATOR
AS78XXA
2
Dec. 2012 Rev. 2. 3
BCD Semiconductor Manufacturing Limited
Data Sheet
Pin Configuration
Pin Description
Pin Number
Pin Name
Function
1
INPUT
Voltage Input
2
GND
Ground
3
OUTPUT
Voltage Output
Figure 2. Pin Configuration of AS78XXA (Top View)
T Package
(TO-220-3)
D Package
(TO-252-2 (1))
1
2
3
INPUT
OUTPUT
GND
INPUT
OUTPUT
1
2
3
GND
TF Package
(TO-220F-3)
1
2
3
OUTPUT
GND
INPUT
(TO-252-2 (4))
1
2
3
OUTPUT
INPUT
GND
(TO-252-2 (3))
1
2
3
INPUT
OUTPUT
GND


Similar Part No. - AS7818AT-G1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AS7818AT-G1 DIODES-AS7818AT-G1 Datasheet
731Kb / 27P
   1A 3-TERMINAL POSITIVE VOLTAGE REGULATOR
More results

Similar Description - AS7818AT-G1

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA7810A FAIRCHILD-KA7810A Datasheet
227Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7824J TGS-LM7824J_17 Datasheet
201Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX UTC-LM78XX_05 Datasheet
238Kb / 10P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
MC780XXE FAIRCHILD-MC780XXE Datasheet
253Kb / 26P
   3-Terminal 1A Positive Voltage Regulator
LM7805A FAIRCHILD-LM7805A Datasheet
335Kb / 23P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7815 TGS-LM7815 Datasheet
74Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX_1109 UTC-LM78XX_1109 Datasheet
333Kb / 13P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78XXE FAIRCHILD-KA78XXE_09 Datasheet
981Kb / 29P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7805J TGS-LM7805J Datasheet
87Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
LM7908J TGS-LM7908J Datasheet
105Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
LM7918J TGS-LM7918J Datasheet
105Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com