Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT1020 Datasheet(PDF) 5 Page - BCD Semiconductor Manufacturing Limited

Part # AT1020
Description  General Purpose ITVS, 2 I/Os, CI/O-VSS<1.1pF, with VCC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AT1020 Datasheet(HTML) 5 Page - BCD Semiconductor Manufacturing Limited

  AT1020 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AT1020 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AT1020 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AT1020 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AT1020 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AT1020 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AT1020 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Preliminary Datasheet
General Purpose ITVS, 2 I/Os, CI/O-VSS<1.1pF, with VCC
AT1020
Aug. 2012
Rev. 2.0
BCD Semiconductor Manufacturing Limited
5
Typical Performance Characteristics (Continued)
TA=25°C, unless otherwise specified.
Figure 6. Clamping Voltage
Figure 7. Input Capacitance vs. Input Voltage
vs. Current from I/O to VSS (8
μs/20μs)
Figure 8. Waveform of I/O to GND (Positive)
Figure 9. Waveform of VCC to VSS (Positive)
01
2
3
4
5
0.0
0.2
0.4
0.6
0.8
1.0
Input Voltage (V)
f=1MHz, V
CC
=4.8V, V
SS
=0V
VCLAMPING=9.2V
2V/div
Current
Waveform,
(Surge, 8x20
μs,
IPP=6A)
2A/div
Time
10
μs/div
VCLAMPING=9.1V
5V/div
Current
Waveform,
(Surge, 8x20
μs,
IPP=12A)
5A/div
Time
10
μs/div
12
3456
7
7.0
7.5
8.0
8.5
9.0
9.5
10.0
IEC 61000-4-5 (Lightning)
Current from I/O to VSS (A)


Similar Part No. - AT1020

ManufacturerPart #DatasheetDescription
logo
TOCOSAMERICA, INC.
AT10 TOCOS-AT10 Datasheet
506Kb / 4P
   10mm Square, Single-Turn, Through-Hole Sealed Cermet Attenuators
logo
Knowles Electronics
AT10 KNOWLES-AT10 Datasheet
3Mb / 60P
   Introduction to Knowles Precision Devices
logo
Tyco Electronics
AT10-0009 MACOM-AT10-0009 Datasheet
236Kb / 3P
   Voltage Variable Absorptive Attenuator, 800 - 1000 MHz
AT10-0009 MACOM-AT10-0009 Datasheet
253Kb / 3P
   Voltage Variable Absorptive Attenuator, 800 - 1000 MHz
logo
M/A-COM Technology Solu...
AT10-0009 MA-COM-AT10-0009 Datasheet
79Kb / 4P
   Voltage Variable Absorptive Attenuator, 800 - 1000 MHz
More results

Similar Description - AT1020

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AT1042 BCDSEMI-AT1042 Datasheet
305Kb / 7P
   General Purpose ITVS, 4 I/Os, CI/O-VSS<1.1pF, VCC
AT1040 BCDSEMI-AT1040 Datasheet
304Kb / 7P
   General Purpose ITVS, 4 I/Os, CI/O-VSS<1.1pF, VCC
AT1140 BCDSEMI-AT1140 Datasheet
382Kb / 7P
   General Purpose ITVS, 4 I/Os, CI/O-VSS<0.65pF
AT2042 BCDSEMI-AT2042 Datasheet
298Kb / 7P
   General Purpose ITVS, 4 I/Os, CI/O-VSS<1.5pF
AT1240 BCDSEMI-AT1240 Datasheet
322Kb / 7P
   General Purpose ITVS, 4 I/Os, CI/O-VSS<0.65pF
AT2041 BCDSEMI-AT2041 Datasheet
291Kb / 7P
   Higher Surge ITVS, 4 I/Os, CI/O-VSS<1.5pF, with VCC
AT1041 BCDSEMI-AT1041 Datasheet
511Kb / 7P
   Higher Surge ITVS, 4 I/Os, CI/O-VSS<1.5pF, with VCC
AT2140 BCDSEMI-AT2140 Datasheet
332Kb / 7P
   High Performance ITVS, 4 I/Os, CI/O-VSS<0.6pF, VCC with Blocking Diodes
logo
List of Unclassifed Man...
IT8706R ETC1-IT8706R Datasheet
294Kb / 27P
   Special General Purpose I/O
logo
Intel Corporation
4265 INTEL-4265 Datasheet
47Kb / 1P
   PROGRAMMABLE GENERAL PURPOSE I/O DEVICE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com