Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS393P-E1 Datasheet(PDF) 7 Page - BCD Semiconductor Manufacturing Limited

Part # AS393P-E1
Description  LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AS393P-E1 Datasheet(HTML) 7 Page - BCD Semiconductor Manufacturing Limited

Back Button AS393P-E1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AS393P-E1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AS393P-E1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AS393P-E1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AS393P-E1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AS393P-E1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AS393P-E1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AS393P-E1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AS393P-E1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
AS393/393A
BCD Semiconductor Manufacturing Limited
Data Sheet
7
Jan. 2013 Rev. 2. 3
Typical Performance Characteristics (Continued)
Figure 8. Response Time for 5mV Input Overdrive -
Positive Transition
Time (
μs)
0
5
0
100
1.8
2.0
1.4
1.6
1.0 1.2
0.6 0.8
0.2
0.4
0
Figure 9. Basic Comparator
Typical Applications
Figure 10. Driving CMOS
+V
IN
+V
REF
1/2 AS393/A
V
CC
3K
V
O
+
-
100K
5V
+
-
4
8
1/2 AS393/A
+V
IN
+V
REF
V
O
V
IN
V
CC
5.1K
V
OUT
+
_


Similar Part No. - AS393P-E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AS393P-E1 BCDSEMI-AS393P-E1 Datasheet
65Kb / 2P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
AS393P-E1 BCDSEMI-AS393P-E1 Datasheet
165Kb / 11P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
Diodes Incorporated
AS393P-E1 DIODES-AS393P-E1 Datasheet
426Kb / 14P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
September 2018 Rev. 3 - 2
More results

Similar Description - AS393P-E1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM193-N TI1-LM193-N_15 Datasheet
1Mb / 29P
[Old version datasheet]   Low-Power, Low-Offset Voltage, Dual Comparators
logo
List of Unclassifed Man...
AZ393 ETC1-AZ393 Datasheet
238Kb / 9P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
National Semiconductor ...
MNLM193A-X NSC-MNLM193A-X Datasheet
172Kb / 12P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
BCD Semiconductor Manuf...
AZ393 BCDSEMI-AZ393_06 Datasheet
238Kb / 10P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
AiT Semiconductor Inc.
AO393V AITSEMI-AO393V Datasheet
778Kb / 10P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
REV1.0
logo
ARTSCHIP ELECTRONICS CO...
LM193 ARTSCHIP-LM193 Datasheet
489Kb / 15P
   Low Power Low Offset Voltage Dual Comparators
logo
Guangdong Kexin Industr...
KM393N KEXIN-KM393N Datasheet
80Kb / 2P
   Low Power Low Offset Voltage Dual Comparators
logo
Diodes Incorporated
AS393 DIODES-AS393 Datasheet
426Kb / 14P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
September 2018 Rev. 3 - 2
logo
BCD Semiconductor Manuf...
AS393 BCDSEMI-AS393 Datasheet
65Kb / 2P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
KODENSHI_AUK CORP.
KK2903 KODENSHI-KK2903 Datasheet
301Kb / 5P
   Low Power Low Offset Voltage Dual Comparators
logo
Taiwan Semiconductor Co...
TS393 TSC-TS393_09 Datasheet
244Kb / 7P
   Low Power Low Offset Voltage Dual Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com