Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT1040K6-5.0TRG1 Datasheet(PDF) 7 Page - BCD Semiconductor Manufacturing Limited

Part # AT1040K6-5.0TRG1
Description  General Purpose ITVS, 4 I/Os, CI/O-VSS<1.1pF, VCC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AT1040K6-5.0TRG1 Datasheet(HTML) 7 Page - BCD Semiconductor Manufacturing Limited

  AT1040K6-5.0TRG1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AT1040K6-5.0TRG1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AT1040K6-5.0TRG1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AT1040K6-5.0TRG1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AT1040K6-5.0TRG1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AT1040K6-5.0TRG1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AT1040K6-5.0TRG1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
IMPORTANT NOTICE
BCD Semiconductor Manufacturing Limited reserves the right to make changes without further notice to any products or specifi-
cations herein. BCD Semiconductor Manufacturing Limited does not assume any responsibility for use of any its products for any
particular purpose, nor does BCD Semiconductor Manufacturing Limited assume any liability arising out of the application or use
of any its products or circuits. BCD Semiconductor Manufacturing Limited does not convey any license under its patent rights or
other rights nor the rights of others.
- Wafer Fab
Shanghai SIM-BCD Semiconductor Manufacturing Limited
800, Yi Shan Road, Shanghai 200233, China
Tel: +86-21-6485 1491, Fax: +86-21-5450 0008
BCD Semiconductor Manufacturing Limited
MAIN SITE
REGIONAL SALES OFFICE
Shenzhen Office
Shanghai SIM-BCD Semiconductor Manufacturing Co., Ltd. Shenzhen Office
Advanced Analog Circuits (Shanghai) Corporation Shenzhen Office
Room E, 5F, Noble Center, No.1006, 3rd Fuzhong Road, Futian District, Shenzhen 518026, China
Tel: +86-755-8826 7951
Fax: +86-755-8826 7865
Taiwan Office
BCD Semiconductor (Taiwan) Company Limited
4F, 298-1, Rui Guang Road, Nei-Hu District, Taipei,
Taiwan
Tel: +886-2-2656 2808
Fax: +886-2-2656 2806
USA Office
BCD Semiconductor Corporation
30920 Huntwood Ave. Hayward,
CA 94544, U.S.A
Tel : +1-510-324-2988
Fax: +1-510-324-2788
- IC Design Group
Advanced Analog Circuits (Shanghai) Corporation
8F, Zone B, 900, Yi Shan Road, Shanghai 200233, China
Tel: +86-21-6495 9539, Fax: +86-21-6485 9673
BCD Semiconductor Manufacturing Limited
http://www.bcdsemi.com
BCD Semiconductor Manufacturing Limited
IMPORTANT NOTICE
BCD Semiconductor Manufacturing Limited reserves the right to make changes without further notice to any products or specifi-
cations herein. BCD Semiconductor Manufacturing Limited does not assume any responsibility for use of any its products for any
particular purpose, nor does BCD Semiconductor Manufacturing Limited assume any liability arising out of the application or use
of any its products or circuits. BCD Semiconductor Manufacturing Limited does not convey any license under its patent rights or
other rights nor the rights of others.
- Wafer Fab
Shanghai SIM-BCD Semiconductor Manufacturing Co., Ltd.
800 Yi Shan Road, Shanghai 200233, China
Tel: +86-21-6485 1491, Fax: +86-21-5450 0008
MAIN SITE
REGIONAL SALES OFFICE
Shenzhen Office
Shanghai SIM-BCD Semiconductor Manufacturing Co., Ltd., Shenzhen Office
Unit A Room 1203, Skyworth Bldg., Gaoxin Ave.1.S., Nanshan District, Shenzhen,
China
Tel: +86-755-8826 7951
Fax: +86-755-8826 7865
Taiwan Office
BCD Semiconductor (Taiwan) Company Limited
4F, 298-1, Rui Guang Road, Nei-Hu District, Taipei,
Taiwan
Tel: +886-2-2656 2808
Fax: +886-2-2656 2806
USA Office
BCD Semiconductor Corp.
30920 Huntwood Ave. Hayward,
CA 94544, USA
Tel : +1-510-324-2988
Fax: +1-510-324-2788
- Headquarters
BCD Semiconductor Manufacturing Limited
No. 1600, Zi Xing Road, Shanghai ZiZhu Science-based Industrial Park, 200241, China
Tel: +86-21-24162266, Fax: +86-21-24162277


Similar Part No. - AT1040K6-5.0TRG1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AT1041 BCDSEMI-AT1041 Datasheet
511Kb / 7P
   Higher Surge ITVS, 4 I/Os, CI/O-VSS<1.5pF, with VCC
AT1041K6-5.0TRG1 BCDSEMI-AT1041K6-5.0TRG1 Datasheet
511Kb / 7P
   Higher Surge ITVS, 4 I/Os, CI/O-VSS<1.5pF, with VCC
AT1042 BCDSEMI-AT1042 Datasheet
305Kb / 7P
   General Purpose ITVS, 4 I/Os, CI/O-VSS<1.1pF, VCC
AT1042K6-5.0TRG1 BCDSEMI-AT1042K6-5.0TRG1 Datasheet
305Kb / 7P
   General Purpose ITVS, 4 I/Os, CI/O-VSS<1.1pF, VCC
logo
Mitsubishi Electric Sem...
AT104XH11 MITSUBISHI-AT104XH11 Datasheet
163Kb / 2P
   10.4 inch XGA FOR INDUSTRIAL USE
More results

Similar Description - AT1040K6-5.0TRG1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AT1042 BCDSEMI-AT1042 Datasheet
305Kb / 7P
   General Purpose ITVS, 4 I/Os, CI/O-VSS<1.1pF, VCC
AT1020 BCDSEMI-AT1020 Datasheet
283Kb / 7P
   General Purpose ITVS, 2 I/Os, CI/O-VSS<1.1pF, with VCC
AT1140 BCDSEMI-AT1140 Datasheet
382Kb / 7P
   General Purpose ITVS, 4 I/Os, CI/O-VSS<0.65pF
AT2042 BCDSEMI-AT2042 Datasheet
298Kb / 7P
   General Purpose ITVS, 4 I/Os, CI/O-VSS<1.5pF
AT1240 BCDSEMI-AT1240 Datasheet
322Kb / 7P
   General Purpose ITVS, 4 I/Os, CI/O-VSS<0.65pF
AT2041 BCDSEMI-AT2041 Datasheet
291Kb / 7P
   Higher Surge ITVS, 4 I/Os, CI/O-VSS<1.5pF, with VCC
AT1041 BCDSEMI-AT1041 Datasheet
511Kb / 7P
   Higher Surge ITVS, 4 I/Os, CI/O-VSS<1.5pF, with VCC
AT2140 BCDSEMI-AT2140 Datasheet
332Kb / 7P
   High Performance ITVS, 4 I/Os, CI/O-VSS<0.6pF, VCC with Blocking Diodes
logo
List of Unclassifed Man...
IT8706R ETC1-IT8706R Datasheet
294Kb / 27P
   Special General Purpose I/O
logo
Intel Corporation
4265 INTEL-4265 Datasheet
47Kb / 1P
   PROGRAMMABLE GENERAL PURPOSE I/O DEVICE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com