Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS431BZTR-E1 Datasheet(PDF) 3 Page - BCD Semiconductor Manufacturing Limited

Part # AS431BZTR-E1
Description  ADJUSTABLE PRECISION SHUNT REGULATORS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AS431BZTR-E1 Datasheet(HTML) 3 Page - BCD Semiconductor Manufacturing Limited

  AS431BZTR-E1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AS431BZTR-E1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AS431BZTR-E1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AS431BZTR-E1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AS431BZTR-E1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AS431BZTR-E1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AS431BZTR-E1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AS431BZTR-E1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AS431BZTR-E1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Data Sheet
3
BCD Semiconductor Manufacturing Limited
ADJUSTABLE PRECISION SHUNT REGULATORS
AS431
Dec. 2012 Rev. 2. 6
Ordering Information
Circuit Type
Voltage Tolerance
B: 1.0%
A: 0.5%
E1: Lead Free
AS431
 
-
Package
TR: Tape and Reel or Ammo
Blank: Bulk
N: SOT-23
K: SOT-23-5
R: SOT-89
Z: TO-92
Package
Temperature
Range
Voltage
Tolerance
Part Number
Marking ID
Packing
Type
Lead Free
Green
Lead Free
Green
SOT-23
-40 to 125oC
0.5%
AS431ANTR-E1
AS431ANTR-G1
EB5
GB5
Tape & Reel
1.0%
AS431BNTR-E1
AS431BNTR-G1
EB6
GB6
Tape & Reel
SOT-23-5
-40 to 125oC
0.5%
AS431AKTR-E1
AS431AKTR-G1
E6H
G6H
Tape & Reel
1.0%
AS431BKTR-E1
AS431BKTR-G1
E6I
G6I
Tape & Reel
TO-92
-40 to 125oC
0.5%
AS431AZ-E1
AS431AZ-G1
AS431AZ-E1
AS431AZ-G1
Bulk
0.5%
AS431AZTR-E1
AS431AZTR-G1
AS431AZ-E1
AS431AZ-G1
Ammo
1.0%
AS431BZ-E1
AS431BZ-G1
AS431BZ-E1
AS431BZ-G1
Bulk
1.0%
AS431BZTR-E1
AS431BZTR-G1
AS431BZ-E1
AS431BZ-G1
Ammo
SOT-89
-40 to 125oC
0.5%
AS431ARTR-E1
AS431ARTR-G1
E43G
G43G
Tape & Reel
1.0%
AS431BRTR-E1
AS431BRTR-G1
E43H
G43H
Tape & Reel
G1: Green
BCD Semiconductor's Pb-free products, as designated with "E1" suffix in the part number, are RoHS compliant. Products with
"G1" suffix are available in green packages.


Similar Part No. - AS431BZTR-E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AS431BZTR-E1 BCDSEMI-AS431BZTR-E1 Datasheet
159Kb / 17P
   ADJUSTABLE PRECISION SHUNT REGULATORS
More results

Similar Description - AS431BZTR-E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AN431 BCDSEMI-AN431 Datasheet
130Kb / 14P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431XM3 CYSTEKEC-TL431XM3 Datasheet
162Kb / 5P
   Adjustable Precision Shunt Regulators
logo
NXP Semiconductors
TL431C PHILIPS-TL431C Datasheet
189Kb / 16P
   Adjustable precision shunt regulators
1997 Feb 25
logo
Diodes Incorporated
AN431 DIODES-AN431 Datasheet
361Kb / 13P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431M3 CYSTEKEC-TL431M3 Datasheet
198Kb / 6P
   Adjustable Precision Shunt Regulators
logo
Texas Instruments
TL431B TI-TL431B Datasheet
787Kb / 40P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
List of Unclassifed Man...
431L ETC-431L Datasheet
92Kb / 3P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Bookly Micro electronic
BM431 BOOKLY-BM431 Datasheet
171Kb / 10P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431SKA3 CYSTEKEC-TL431SKA3 Datasheet
453Kb / 9P
   Adjustable Precision Shunt Regulators
logo
BCD Semiconductor Manuf...
AS431 BCDSEMI-AS431 Datasheet
159Kb / 17P
   ADJUSTABLE PRECISION SHUNT REGULATORS
AZ431-A BCDSEMI-AZ431-A Datasheet
185Kb / 2P
   ADJUSTABLE PRECISION SHUNT REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com