Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ317T-E1 Datasheet(PDF) 5 Page - BCD Semiconductor Manufacturing Limited

Part # AZ317T-E1
Description  3-TERMINAL 1A ADJUSTABLE VOLTAGE REGULATOR
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ317T-E1 Datasheet(HTML) 5 Page - BCD Semiconductor Manufacturing Limited

  AZ317T-E1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AZ317T-E1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZ317T-E1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZ317T-E1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ317T-E1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ317T-E1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ317T-E1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ317T-E1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ317T-E1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
3-TERMINAL 1A ADJUSTABLE VOLTAGE REGULATOR
AZ317
Data Sheet
5
Jan. 2013 Rev. 1. 6
BCD Semiconductor Manufacturing Limited
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Reference Voltage
VREF
10mA
≤IOUT≤1A,
3V
≤ (VIN-VOUT) ≤10V
1.20
1.25
1.30
V
Line Regulation
SV
IOUT ≤ 20mA, 3V≤VIN-VOUT≤10V
0.01
0.04
%/V
Load Regulation
Si
VIN -VOUT = 2V, 10mA≤IOUT≤1A
0.2
0.4
%
Thermal Regulation
20ms Pulse
0.04
0.07
%/W
Dropout Voltage
ΔV
IOUT = 1A
1.2
1.3
V
Current Limit
ILIMIT
(VIN-VOUT) = 2V
1.2
1.5
1.8
A
Adjust Pin Current
50
100
μA
Adjust Pin Current Change
1.4V
≤(VIN-VOUT) ≤ 10V,
10mA
≤IOUT ≤1A
0.2
5
μA
Minimum Load Current
3V
≤ (VIN-VOUT) ≤ 15V
3.5
10
mA
Ripple Rejection
f =120Hz, COUT =1μF Tantalum,
(VIN-VOUT) = 3V, IOUT =1A
60
75
dB
Temperature Stability
1%
Long -Term Stability
TA=125oC, 1000hrs
0.3
%
RMS Output Noise (% of VOUT)
TA=25oC, 10Hz ≤ f ≤ 10kHz
0.003
%
Thermal Resistance,
Junction to Case
SOT-223
TO-252-2 (1)/(3)
TO-220
TO-263
15
10
4.5
4
oC/W
Thermal Shutdown
Junction Temperature
150
oC
Thermal Shutdown Hysteresis
25
oC
(Typicals and limits apply for TJ =25oC, P≤ Maximum Power Dissipation unless otherwise specified.)(Note 2)
Note 2: Maximum Power Dissipation is Package Type and Case Temperature dependent. Please see Figure 12.
Electrical Characteristics


Similar Part No. - AZ317T-E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ317T-E1 BCDSEMI-AZ317T-E1 Datasheet
177Kb / 14P
   3-TERMINAL 1A ADJUSTABLE VOLTAGE REGULATOR
AZ317T-E1 BCDSEMI-AZ317T-E1 Datasheet
183Kb / 14P
   3-TERMINAL 1A ADJUSTABLE VOLTAGE REGULATOR
More results

Similar Description - AZ317T-E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ317 BCDSEMI-AZ317 Datasheet
177Kb / 14P
   3-TERMINAL 1A ADJUSTABLE VOLTAGE REGULATOR
AZ317 BCDSEMI-AZ317_07 Datasheet
183Kb / 14P
   3-TERMINAL 1A ADJUSTABLE VOLTAGE REGULATOR
logo
Unisonic Technologies
UTCLM317 UTC-UTCLM317 Datasheet
29Kb / 4P
   3-TERMINAL 1A POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
GELM317 ETC2-GELM317 Datasheet
281Kb / 4P
   3-TERMINAL 1A POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Continental Device Indi...
LM317 CDIL-LM317 Datasheet
402Kb / 4P
   3-TERMINAL 1A POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
First Silicon Co., Ltd
FR317LSC FS-FR317LSC Datasheet
484Kb / 3P
   3-TERMINAL 1A POSITIVE ADJUSTABLE REGULATOR
FR317P FS-FR317P Datasheet
280Kb / 5P
   3-TERMINAL 1A POSITIVE ADJUSTABLE REGULATOR
FR317L FS-FR317L Datasheet
197Kb / 5P
   3-TERMINAL 1A POSITIVE ADJUSTABLE REGULATOR
logo
List of Unclassifed Man...
LM317 ETC-LM317 Datasheet
202Kb / 3P
   3-TERMINAL 1A POSTIVE ADJUSTABLE REGULATOR
logo
SHANTOU HUASHAN ELECTRO...
HTL431 HUASHAN-HTL431 Datasheet
230Kb / 3P
   3-TERMINAL ADJUSTABLE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com