Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ317STR-G1 Datasheet(PDF) 2 Page - BCD Semiconductor Manufacturing Limited

Part # AZ317STR-G1
Description  3-TERMINAL 1A ADJUSTABLE VOLTAGE REGULATOR
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ317STR-G1 Datasheet(HTML) 2 Page - BCD Semiconductor Manufacturing Limited

  AZ317STR-G1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AZ317STR-G1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZ317STR-G1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZ317STR-G1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ317STR-G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ317STR-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ317STR-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ317STR-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ317STR-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
3-TERMINAL 1A ADJUSTABLE VOLTAGE REGULATOR
AZ317
Data Sheet
2
Jan. 2013 Rev. 1. 6
BCD Semiconductor Manufacturing Limited
H Package
(SOT-223)
T Package
(TO-220-3)
(TO-252-2(1))
D Package
Pin Configuration
Functional Block Diagram
Figure 3. Functional Block Diagram of AZ317
INPUT
OUTPUT
ADJ
VOUT
Figure 2. Pin Configuration of AZ317 (Top View)
INPUT
OUTPUT
ADJ
VOUT
INPUT
OUTPUT
ADJ
INPUT
OUTPUT
ADJ
VOUT
Thermal
Shutdown
+
+
_
Current
Limiter
S Package
(TO-263-3)
INPUT
OUTPUT
ADJ
1
2
3
(TO-252-2(3))
1
2
3
1
2
3
1
2
3
INPUT
OUTPUT
ADJ
1
2
3
1
2
3


Similar Part No. - AZ317STR-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ317STR-E1 BCDSEMI-AZ317STR-E1 Datasheet
177Kb / 14P
   3-TERMINAL 1A ADJUSTABLE VOLTAGE REGULATOR
AZ317STR-E1 BCDSEMI-AZ317STR-E1 Datasheet
183Kb / 14P
   3-TERMINAL 1A ADJUSTABLE VOLTAGE REGULATOR
More results

Similar Description - AZ317STR-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ317 BCDSEMI-AZ317 Datasheet
177Kb / 14P
   3-TERMINAL 1A ADJUSTABLE VOLTAGE REGULATOR
AZ317 BCDSEMI-AZ317_07 Datasheet
183Kb / 14P
   3-TERMINAL 1A ADJUSTABLE VOLTAGE REGULATOR
logo
Unisonic Technologies
UTCLM317 UTC-UTCLM317 Datasheet
29Kb / 4P
   3-TERMINAL 1A POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
GELM317 ETC2-GELM317 Datasheet
281Kb / 4P
   3-TERMINAL 1A POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Continental Device Indi...
LM317 CDIL-LM317 Datasheet
402Kb / 4P
   3-TERMINAL 1A POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
First Silicon Co., Ltd
FR317LSC FS-FR317LSC Datasheet
484Kb / 3P
   3-TERMINAL 1A POSITIVE ADJUSTABLE REGULATOR
FR317P FS-FR317P Datasheet
280Kb / 5P
   3-TERMINAL 1A POSITIVE ADJUSTABLE REGULATOR
FR317L FS-FR317L Datasheet
197Kb / 5P
   3-TERMINAL 1A POSITIVE ADJUSTABLE REGULATOR
logo
List of Unclassifed Man...
LM317 ETC-LM317 Datasheet
202Kb / 3P
   3-TERMINAL 1A POSTIVE ADJUSTABLE REGULATOR
logo
SHANTOU HUASHAN ELECTRO...
HTL431 HUASHAN-HTL431 Datasheet
230Kb / 3P
   3-TERMINAL ADJUSTABLE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com