Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ432AZ-G1 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AZ432AZ-G1
Description  LOW VOLTAGE (1.25V) ADJUSTABLE PRECISION SHUNT REGULATOR
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ432AZ-G1 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AZ432AZ-G1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AZ432AZ-G1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZ432AZ-G1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZ432AZ-G1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ432AZ-G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ432AZ-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ432AZ-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ432AZ-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ432AZ-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
LOW VOLTAGE (1.25V) ADJUSTABLE PRECISION SHUNT REGULATOR
AZ432
Data Sheet
1
Dec. 2012 Rev. 2. 5
BCD Semiconductor Manufacturing Limited
General Description
The AZ432 series ICs are low voltage three-terminal
adjustable regulators with guaranteed thermal stability
over a full operation range. These ICs feature sharp
turn-on characteristics, low temperature coefficient
and low output impedance, which make them ideal
substitutes for Zener diodes in applications such as
switching power supply, charger, motherboard and
other adjustable regulators.
The output voltage can be set to any value between
1.25V and 18V with two external resistors.
The AZ432 precision reference is offered in two volt-
age tolerance: 0.5% and 1.0%.
These ICs are available in 4 packages: TO-92 (bulk or
ammo packing), SOT-23, SOT-23-5 and SOT-89.
Features
·
Wide Programmable Precise Output Voltage from
1.25V to 18V
·
High Stability under Capacitive Load
·
Low Temperature Deviation: 3mV Typical
·
Low Equivalent Full-Range Temperature Coeffi-
cient: 20PPM/oC Typical
·
Low Dynamic Output Resistance: 0.05
Ω Typical
·
High Sink Current Capacity from 0.1mA to 100
mA
·
Low Output Noise
·
Wide Operating Range of -40 to 125oC
Applications
·
Graphic Card
·
PC Motherboard
·
Voltage Adapter
·
Switching Power Supply
·
Charger
Figure 1. Package Types of AZ432
SOT-23-5
SOT-23
TO-92(Bulk Packing)
SOT-89
TO-92(Ammo Packing)


Similar Part No. - AZ432AZ-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ432AZ-E1 BCDSEMI-AZ432AZ-E1 Datasheet
175Kb / 17P
   LOW VOLTAGE (1.25V) ADJUSTABLE PRECISION SHUNT REGULATOR
AZ432AZ-TR BCDSEMI-AZ432AZ-TR Datasheet
162Kb / 16P
   LOW VOLTAGE (1.25V) ADJUSTABLE PRECISION SHUNT REGULATOR
AZ432AZ-TRE1 BCDSEMI-AZ432AZ-TRE1 Datasheet
162Kb / 16P
   LOW VOLTAGE (1.25V) ADJUSTABLE PRECISION SHUNT REGULATOR
More results

Similar Description - AZ432AZ-G1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AZ432 DIODES-AZ432 Datasheet
362Kb / 18P
   LOW VOLTAGE (1.25V) ADJUSTABLE PRECISION SHUNT REGULATOR
logo
BCD Semiconductor Manuf...
AZ432 BCDSEMI-AZ432_07 Datasheet
175Kb / 17P
   LOW VOLTAGE (1.25V) ADJUSTABLE PRECISION SHUNT REGULATOR
AZ432 BCDSEMI-AZ432 Datasheet
162Kb / 16P
   LOW VOLTAGE (1.25V) ADJUSTABLE PRECISION SHUNT REGULATOR
logo
List of Unclassifed Man...
B432 ETC-B432 Datasheet
111Kb / 5P
   1.25V Adjustable Shunt Regulator
logo
Unisonic Technologies
TL432 UTC-TL432_10 Datasheet
141Kb / 4P
   1.25V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432 UTC-TL432 Datasheet
103Kb / 3P
   1.25V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
logo
KODENSHI_AUK CORP.
KK432 KODENSHI-KK432 Datasheet
324Kb / 6P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Leshan Radio Company
LR432AH LRC-LR432AH Datasheet
293Kb / 3P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Microsemi Corporation
LX432 MICROSEMI-LX432_05 Datasheet
202Kb / 10P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Texas Instruments
TLVH431A TI-TLVH431A Datasheet
500Kb / 31P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com