Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ494AMTR-E1 Datasheet(PDF) 6 Page - BCD Semiconductor Manufacturing Limited

Part # AZ494AMTR-E1
Description  PULSE-WIDTH-MODULATION CONTROL CIRCUITS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ494AMTR-E1 Datasheet(HTML) 6 Page - BCD Semiconductor Manufacturing Limited

Back Button AZ494AMTR-E1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZ494AMTR-E1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZ494AMTR-E1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ494AMTR-E1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ494AMTR-E1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ494AMTR-E1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ494AMTR-E1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ494AMTR-E1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AZ494AMTR-E1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ494A/C
Data Sheet
6
Sep. 2009 Rev. 1. 4
BCD Semiconductor Manufacturing Limited
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
PWM Comparator Section
Input Threshold Voltage
VITH
Zero duty cycle
4
4.5
V
Input Sink Current
ISINK
V3 = 0.7V
-0.3
-0.7
mA
Output Section
Output Saturation Voltage
Common
Emitter
VCE
(SAT)
VE = 0V, IC =200mA
1.1
1.3
V
Emitter
Follower
VCC
(SAT)
VCC = 15V,
IE = -200mA
1.5
2.5
Collector Off-State Current
IC (OFF) VCE = 36V, VCC=36V
2
100
µA
Emitter Off-State Current
IE(OFF)
VCC = VC = 36V, VE = 0
-100
µA
Total Device
Supply Current
ICC
Pin 6 = VREF, VCC=15V
6
10
mA
Output Switching Characteristics
Rise Time
tR
Common Emitter
Common Collector
100
200
ns
Fall Time
tF
Common Emitter
Common Collector
25
100
ns
Electrical Characteristics (Continued)


Similar Part No. - AZ494AMTR-E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ494AMTR-E1 BCDSEMI-AZ494AMTR-E1 Datasheet
52Kb / 2P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ494AMTR-E1 BCDSEMI-AZ494AMTR-E1 Datasheet
186Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results

Similar Description - AZ494AMTR-E1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL494 TI-TL494_10 Datasheet
616Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL5001 TI-TL5001_08 Datasheet
704Kb / 32P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ7500E BCDSEMI-AZ7500E Datasheet
327Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL494 TI-TL494_07 Datasheet
590Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ7500B BCDSEMI-AZ7500B_10 Datasheet
799Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ7500E BCDSEMI-AZ7500E_09 Datasheet
1Mb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ494A BCDSEMI-AZ494A Datasheet
52Kb / 2P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL594I TI-TL594I Datasheet
504Kb / 9P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL5001 TI-TL5001 Datasheet
348Kb / 23P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ494B BCDSEMI-AZ494B Datasheet
52Kb / 2P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com