Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ809ANLTR-G1 Datasheet(PDF) 8 Page - BCD Semiconductor Manufacturing Limited

Part # AZ809ANLTR-G1
Description  3-PIN MICROPROCESSOR RESET CIRCUIT
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ809ANLTR-G1 Datasheet(HTML) 8 Page - BCD Semiconductor Manufacturing Limited

Back Button AZ809ANLTR-G1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZ809ANLTR-G1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ809ANLTR-G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ809ANLTR-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ809ANLTR-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ809ANLTR-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ809ANLTR-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AZ809ANLTR-G1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AZ809ANLTR-G1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Data Sheet
3-PIN MICROPROCESSOR RESET CIRCUIT
AZ809A
8
Oct. 2010 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
Application Information
The AZ809A asserts a reset signal LOW whenever the VCC supply voltage is below the threshold
voltage and remains asserted for 240ms typically after the VCC has risen above the threshold.
Operating Diagram
Valid RESET with VCC under 1.0 V
The AZ809A RESET output is valid to VCC=1.0V.
Below this voltage, the output becomes an open circuit
and doesn't sink current. Therefore, high-impedance
CMOS logic input connected to RESET can drift to
undetermined voltages.
To ensure that the AZ809A RESET is in a known state
when VCC is under 1.0V, a 100KΩ pull-down resistor
between the RESET pin and GND is recommended to
discharge stray capacitances and maintain the output
low.
VCC
AZ809A
RESET
GND
R1
100k
Figure 11. Reset Timing Diagram of AZ809A
Figure 12. RESET Valid to VCC=0V
240ms
Typical
VTH
VCC
240ms
Typical
Time
20
µs
Typical
Reset Active
Timeout Period
Output
Undefined
RESET
Time
VCC (min)


Similar Part No. - AZ809ANLTR-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ809ANLTR-E1 BCDSEMI-AZ809ANLTR-E1 Datasheet
234Kb / 11P
   3-PIN MICROPROCESSOR RESET CIRCUIT
More results

Similar Description - AZ809ANLTR-G1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
APX803-29SAG-7 DIODES-APX803-29SAG-7 Datasheet
201Kb / 10P
   3-PIN MICROPROCESSOR RESET CIRCUIT
APX803S DIODES-APX803S Datasheet
356Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUIT
January 2017
logo
EM Microelectronic - MA...
V6309 EMMICRO-V6309 Datasheet
709Kb / 6P
   3-Pin Microprocessor Reset Circuit
logo
BCD Semiconductor Manuf...
AZ809A BCDSEMI-AZ809A Datasheet
234Kb / 11P
   3-PIN MICROPROCESSOR RESET CIRCUIT
logo
Diodes Incorporated
APX803 DIODES-APX803 Datasheet
201Kb / 10P
   3-PIN MICROPROCESSOR RESET CIRCUIT
DS32132 Rev. 1 ??2
APX803_D DIODES-APX803_D Datasheet
113Kb / 11P
   er3-PIN MICROPROCESSOR RESET CIRCUIT
DS32132 Rev. 2 - 2
logo
National Semiconductor ...
LM809 NSC-LM809 Datasheet
184Kb / 8P
   3-Pin Microprocessor Reset Circuits
logo
Union Semiconductor, In...
UM803 UNIONSEMI-UM803 Datasheet
332Kb / 11P
   3-Pin Microprocessor Reset Circuits
logo
ACE Technology Co., LTD...
ACE803ND ACE-ACE803ND Datasheet
926Kb / 9P
   3-Pin Microprocessor Reset Circuits
VER 1.1
logo
E-CMOS Corporation
EC95809 E-CMOS-EC95809 Datasheet
246Kb / 6P
   3-Pin Microprocessor Reset Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com