Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ810NSTR-E1 Datasheet(PDF) 5 Page - BCD Semiconductor Manufacturing Limited

Part # AZ810NSTR-E1
Description  3-PIN MICROPROCESSOR RESET CIRCUITS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ810NSTR-E1 Datasheet(HTML) 5 Page - BCD Semiconductor Manufacturing Limited

  AZ810NSTR-E1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AZ810NSTR-E1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZ810NSTR-E1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZ810NSTR-E1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ810NSTR-E1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ810NSTR-E1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ810NSTR-E1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ810NSTR-E1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ810NSTR-E1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
1A LOW DROPOUT LINEAR REGULATOR
AP2218
Data Sheet
3-PIN MICROPROCESSOR RESET CIRCUITS
AZ809/AZ810
5
Sep. 2012 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
(TA=-40oC to 105oC, Typical values at TA=25oC, VCC=5V for L devices, VCC=3.3V for T/S devices and VCC=3V
for R devices, unless otherwise specified.)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Input Voltage (VCC) Range
VCC
TA=0oC to 70oC
1.1
5.5
V
TA=-40oC to 105oC
1.2
5.5
Supply Current
ICC
TA=-40oC to 85oC, VCC<5.5V,
L
11
20
μA
TA=-40oC to 85oC, VCC<3.6V,
R/S/T
816
TA=85oC to 105oC, VCC<5.5V,
L
25
TA=85oC to 105oC, VCC<3.6V,
R/S/T
20
Detect Voltage
VTH
L Devices
L: 4.63V
TA=25oC
4.56
4.63
4.70
V
TA=-40oC to 85oC
4.50
4.75
TA=85oC to 105oC
4.40
4.86
T Devices
T: 3.08V
TA=25oC
3.04
3.08
3.11
TA=-40oC to 85oC
3.00
3.15
TA=85oC to 105oC
2.92
3.23
S Devices
S: 2.93V
TA=25oC
2.89
2.93
2.96
TA=-40oC to 85oC
2.85
3.00
TA=85oC to 105oC
2.78
3.08
R Devices
R: 2.63V
TA=25oC
2.59
2.63
2.66
TA=-40oC to 85oC
2.55
2.70
TA=85oC to 105oC
2.50
2.76
Detect Voltage Temperature
Coefficient
±0.003
%/oC
VCC to Reset Delay
VCC=VTH to VTH-100mV
20
μs
Electrical Characteristics


Similar Part No. - AZ810NSTR-E1

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AZ8104 PANASONIC-AZ8104 Datasheet
772Kb / 24P
   Limit Switches
AZ810406 PANASONIC-AZ810406 Datasheet
772Kb / 24P
   Limit Switches
AZ810416 PANASONIC-AZ810416 Datasheet
772Kb / 24P
   Limit Switches
AZ8104161 PANASONIC-AZ8104161 Datasheet
772Kb / 24P
   Limit Switches
AZ810466 PANASONIC-AZ810466 Datasheet
772Kb / 24P
   Limit Switches
More results

Similar Description - AZ810NSTR-E1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM809 NSC-LM809 Datasheet
184Kb / 8P
   3-Pin Microprocessor Reset Circuits
logo
Union Semiconductor, In...
UM803 UNIONSEMI-UM803 Datasheet
332Kb / 11P
   3-Pin Microprocessor Reset Circuits
logo
ACE Technology Co., LTD...
ACE803ND ACE-ACE803ND Datasheet
926Kb / 9P
   3-Pin Microprocessor Reset Circuits
VER 1.1
logo
Maxim Integrated Produc...
MAX803 MAXIM-MAX803 Datasheet
870Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 11; 10/17
MAX803L MAXIM-MAX803L_10 Datasheet
145Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 7; 2/10
logo
Diodes Incorporated
APX809 DIODES-APX809_09 Datasheet
128Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
APX809/810 Rev. 4
logo
Maxim Integrated Produc...
MAX809MEUR MAXIM-MAX809MEUR Datasheet
162Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 5; 1/01
MAX809SEUR-T MAXIM-MAX809SEUR-T Datasheet
194Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 8; 12/12
logo
Analog Intergrations Co...
AIC809 AIC-AIC809 Datasheet
414Kb / 8P
   3-PIN MICROPROCESSOR RESET CIRCUITS
logo
Union Semiconductor, In...
UM809 UNIONSEMI-UM809 Datasheet
322Kb / 15P
   3-Pin Microprocessor Reset Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com